データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM-TX2-433-3V データシート(PDF) 7 Page - rfsolutions.ltd

部品番号 FM-TX2-433-3V
部品情報  FM TRANSMITTER & RECEIVER MODULES. (2ND GENERATION)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RFSOLUTIONS [rfsolutions.ltd]
ホームページ  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

FM-TX2-433-3V データシート(HTML) 7 Page - rfsolutions.ltd

  FM-TX2-433-3V Datasheet HTML 1Page - rfsolutions.ltd FM-TX2-433-3V Datasheet HTML 2Page - rfsolutions.ltd FM-TX2-433-3V Datasheet HTML 3Page - rfsolutions.ltd FM-TX2-433-3V Datasheet HTML 4Page - rfsolutions.ltd FM-TX2-433-3V Datasheet HTML 5Page - rfsolutions.ltd FM-TX2-433-3V Datasheet HTML 6Page - rfsolutions.ltd FM-TX2-433-3V Datasheet HTML 7Page - rfsolutions.ltd FM-TX2-433-3V Datasheet HTML 8Page - rfsolutions.ltd FM-TX2-433-3V Datasheet HTML 9Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DS000022
Rev D
July ‘99
©1999 REG No 277 4001, ENGLAND.
Page 7
FM TRANSMITTER & RECEIVER
FM-TX2-XXX
MODULES. (2ND GENERATION)
FM-RX2-XXX
Antenna requirements
Three types of integral antenna are recommended and approved for use with the module:
Helical
Wire coil, connected directly to pin 2, open circuit at other end. This antenna is
very efficient given it's small size (20mm x 4mm dia.). The helical is a high Q
antenna, trim the wire length or expand the coil for optimum results. The helical
de-tunes badly with proximity to other conductive objects.
Loop
A loop of PCB track tuned by a fixed or variable capacitor to ground at the 'hot'
end and fed from pin 2 at a point 20% from the ground end. Loops have high
immunity to proximity de-tuning.
Whip
This is a wire, rod, PCB track or combination connected directly to pin 2
of the module. Optimum total length is 17cm (1/4 wave @ 418MHz) Keep
the open circuit (hot) end well away from metal components to prevent
serious de-tuning. Whips are ground plane sensitive and will benefit from
internal 1/4 wave earthed radial(s) if the product is small and plastic
cased
helical
loop
whip
Ultimate performance
**
*
***
Easy of design set-up
**
*
***
Size
***
**
*
Immunity proximity effects
**
***
*
Range open ground to similar antenna
(for TX2-433-A & RX2-433-A)
200m
100m
300m
The antenna choice and position directly controls the system range. Keep it clear of other metal
in the system, particularly the 'hot' end. The best position by far, is sticking out the top of the
product. This is often not desirable for practical/ergonomic reasons thus a compromise may need
to be reached. If an internal antenna must be used try to keep it away from other metal
components, particularly large ones like transformers, batteries and PCB tracks/earth plane. The
space around the antenna is as important as the antenna itself.
A
An
ntteen
nn
na
a sseelleeccttiioon
n cch
ha
arrtt
F
Fiigg..88:: a
an
ntteen
nn
na
a ccoon
nffiiggu
urra
attiioon
nss


同様の部品番号 - FM-TX2-433-3V

メーカー部品番号データシート部品情報
logo
rfsolutions.ltd
FM-0011-433 RFSOLUTIONS-FM-0011-433 Datasheet
341Kb / 3P
   ??02 SERIES RADIO / IR ENCODER TRANSMITTERS
FM-001B-433 RFSOLUTIONS-FM-001B-433 Datasheet
341Kb / 3P
   ??02 SERIES RADIO / IR ENCODER TRANSMITTERS
FM-008C4B-433 RFSOLUTIONS-FM-008C4B-433 Datasheet
341Kb / 3P
   ??02 SERIES RADIO / IR ENCODER TRANSMITTERS
logo
FOTEK CONTROLS CO., LTD...
FM-01G FOTEK-FM-01G Datasheet
285Kb / 2P
   MARK SENSOR
FM-01PG FOTEK-FM-01PG Datasheet
285Kb / 2P
   MARK SENSOR
More results

同様の説明 - FM-TX2-433-3V

メーカー部品番号データシート部品情報
logo
rfsolutions.ltd
FM-RTFQ RFSOLUTIONS-FM-RTFQ Datasheet
422Kb / 6P
   FM TRANSMITTER & RECEIVER HYBRID MODULES
DS305-9 RFSOLUTIONS-DS305-9 Datasheet
122Kb / 8P
   FM Radio Transmitter & Receiver Modules
QFMT5-434 RFSOLUTIONS-QFMT5-434 Datasheet
3Mb / 6P
   FM Radio Transmitter & Receiver Modules
T5-434 RFSOLUTIONS-T5-434 Datasheet
116Kb / 8P
   FM Radio Transmitter & Receiver Modules
logo
Radiometrix Ltd
TX3A-869-64 RADIOMETRIX-TX3A-869-64 Datasheet
451Kb / 15P
   UHF FM Data Transmitter and Receiver Modules
TX2A-433-64 RADIOMETRIX-TX2A-433-64 Datasheet
269Kb / 11P
   UHF FM Data Transmitter and Receiver Modules
TX2-433-40-5V RADIOMETRIX-TX2-433-40-5V Datasheet
753Kb / 15P
   UHF FM Data Transmitter and Receiver Modules
TX2A RADIOMETRIX-TX2A Datasheet
207Kb / 10P
   UHF FM Data Transmitter and Receiver Modules
logo
rfsolutions.ltd
T6-8684-20 RFSOLUTIONS-T6-8684-20 Datasheet
130Kb / 7P
   Radio Transmitter & Receiver Modules
logo
Radiometrix Ltd
NTX2B RADIOMETRIX-NTX2B Datasheet
163Kb / 13P
   UHF Narrow Band FM Transmitter & Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com