データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2576 データシート(PDF) 2 Page - Estek Electronics Co. Ltd

部品番号 LM2576
部品情報  Simple high-efficiency step-down (buck) regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ESTEK [Estek Electronics Co. Ltd]
ホームページ  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

LM2576 データシート(HTML) 2 Page - Estek Electronics Co. Ltd

  LM2576 Datasheet HTML 1Page - Estek Electronics Co. Ltd LM2576 Datasheet HTML 2Page - Estek Electronics Co. Ltd LM2576 Datasheet HTML 3Page - Estek Electronics Co. Ltd LM2576 Datasheet HTML 4Page - Estek Electronics Co. Ltd LM2576 Datasheet HTML 5Page - Estek Electronics Co. Ltd LM2576 Datasheet HTML 6Page - Estek Electronics Co. Ltd LM2576 Datasheet HTML 7Page - Estek Electronics Co. Ltd LM2576 Datasheet HTML 8Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LM2576 Series
Block Diagram
UNREGULATED
DC INPUT
+
VIN
1
4
INTERNAL
REGULATOR
ON/OFF
5
ON/OFF
CIN
FEED-
BACK
R2
FIXED GAIN
ERROR AMP
DRIVER
3 AMP
R1
1.0k
1.23V
+
-
COMPARATOR
+
-
SWITCH
2
3
OUTPUT
D1
L1
+
VOUT
COUT
L
O
A
BAND-GAP
52kHZ
THERMAL
CURRENT
D
REFERENCE OSCILLATOR
RESET
SHUTDOWN
LIMIT
GND
3.3V, R2 =1.7K
5V, R2 = 3.1K
12V, R2 = 8.84K
15V, R2 =11.3K
For ADJ, Version
R1 = Open, R2 =0
Ordering information
Temperature
Range
Output Voltage, V
Package Type
-40°C
≤ T
A
≤ 125°C
3.3
5.0
12
15
ADJ
MIK2576HVS-3.3 MIK2576HVS-5.0 MIK2576HVS-12 MIK2576HVS-15 MIK2576HVS-ADJ
MIK2576S-3.3
MIK2576S-5.0
MIK2576S-12
MIK2576S-15
MIK2576S-ADJ
MIK2576HVT-3.3 MIK2576HVT-5.0 MIK2576HVT-12 MIK2576HVT-15 MIK2576HVT-
ADJ
MIK2576T-3.3
MIK2576T-5.0
MIK2576T-12
MIK2576T-15
MIK2576T-ADJ
TO-263
TO-220
2
BEIJING ESTEK ELECTRONICS CO.,LTD


同様の部品番号 - LM2576

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM2576 HTC-LM2576 Datasheet
413Kb / 11P
   3A, 52kHz, Step-Down Switching Regulator
logo
ON Semiconductor
LM2576 ONSEMI-LM2576 Datasheet
417Kb / 26P
   EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR
June, 2004 ??Rev. 5
logo
Texas Instruments
LM2576 TI1-LM2576 Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
logo
Semtech Corporation
LM2576 SEMTECH-LM2576 Datasheet
441Kb / 19P
   1A & 3A Miniconverter Switching Regulators
More results

同様の説明 - LM2576

メーカー部品番号データシート部品情報
logo
Shenzhen Huazhimei Semi...
LM2575HV HMSEMI-LM2575HV Datasheet
2Mb / 13P
   Simple high-efficiency step-down (buck) regulator
logo
Guangdong Youtai Semico...
AP1501 UMW-AP1501 Datasheet
3Mb / 13P
   Simple high-efficiency step-down (buck) regulator
logo
Estek Electronics Co. L...
LM2596 ESTEK-LM2596 Datasheet
387Kb / 12P
   Simple high-efficiency step-down (buck) regulator
logo
National Semiconductor ...
LM2676 NSC-LM2676 Datasheet
350Kb / 25P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2678 NSC-LM2678 Datasheet
459Kb / 27P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678S-12 NSC-LM2678S-12 Datasheet
356Kb / 23P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678 NSC-LM2678_05 Datasheet
836Kb / 27P
   SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2678S-ADJ TI-LM2678S-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678SX-3.3 TI-LM2678SX-3.3 Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com