データシートサーチシステム |
|
LMC1608TP-6N8J データシート(PDF) 2 Page - ABCO ELECTRONICS CO.LTD |
|
LMC1608TP-6N8J データシート(HTML) 2 Page - ABCO ELECTRONICS CO.LTD |
2 / 4 page 33 Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use. ITEM PART NUMBERS LMC 2012 ●Q vs F Characteristic ●L vs F Characteristic LMC 2012TP- 3N3 J LMC 2012TP- 6N8 G,J LMC 2012TP- 8N2 J LMC 2012TP- 120 G,J LMC 2012TP- 150 G,J Odering code1 Inductance2 (nH) Tolerance3 (%) Q4 (min.) SRF Min5 (MHZ) Rdc Max6 ( Ω) Idc Max7 (mA) 3.3 @ 250MHz 6.8 @ 250MHz 8.2 @ 250MHz 12 @ 250MHz 15 @ 250MHz ± 5 ± 2, 5 ± 5 ± 2, 5 ± 2, 5 50 @ 1500MHz 50 @ 1000MHz 50 @ 1000MHz 50 @ 500MHz 50 @ 500MHz 7900 5500 4700 4000 3400 0.08 0.11 0.12 0.15 0.17 600 600 600 600 600 ± 2, 5 ± 2, 5 ± 2, 5 ± 2, 5 ± 2, 5 50 @ 500MHz 55 @ 500MHz 55 @ 500MHz 55 @ 500MHz 60 @ 500MHz 3300 2600 2550 2500 2050 0.20 0.22 0.23 0.25 0.27 600 500 500 500 500 ± 2, 5 ± 2, 5 ± 2, 5 ± 2, 5 ± 2, 5 60 @ 500MHz 60 @ 500MHz 60 @ 500MHz 60 @ 500MHz 65 @ 500MHz 2000 1650 1550 1450 1300 0.29 0.31 0.34 0.38 0.42 500 500 500 500 400 ± 2, 5 ± 2, 5 ± 2, 5 ± 2, 5 ± 2, 5 65 @ 500MHz 65 @ 500MHz 50 @ 250MHz 50 @ 250MHz 50 @ 250MHz 1250 1200 1100 920 870 0.44 0.46 0.51 0.56 0.64 400 400 400 400 400 ± 5 ± 5 ± 5 ± 2, 5 ± 2, 5 50 @ 250MHz 48 @ 250MHz 48 @ 250MHz 48 @ 250MHz 33 @ 100MHz 850 650 600 560 375 0.70 1.00 1.40 1.50 1.90 400 350 310 290 230 ± 2, 5 ± 2, 5 ± 2, 5 23 @ 50MHz 23 @ 50MHz 23 @ 50MHz 340 250 215 2.35 3.51 4.20 180 120 80 18 @ 250MHz 22 @ 250MHz 24 @ 250MHz 27 @ 250MHz 33 @ 250MHz 39 @ 250MHz 47 @ 250MHz 56 @ 250MHz 68 @ 250MHz 82 @ 150MHz 91 @ 150MHz 100 @ 150MHz 120 @ 150MHz 150 @ 100MHz 180 @ 100MHz 220 @ 100MHz 270 @ 100MHz 330 @ 100MHz 390 @ 100MHz 470 @ 50MHz 560 @ 25MHz 680 @ 25MHz 820 @ 25MHz LMC 2012TP- 180 G,J LMC 2012TP- 220 G,J LMC 2012TP- 240 G,J LMC 2012TP- 270 G,J LMC 2012TP- 330 G,J LMC 2012TP- 390 G,J LMC 2012TP- 470 G,J LMC 2012TP- 560 G,J LMC 2012TP- 680 G,J LMC 2012TP- 820 G,J LMC 2012TP- 910 G,J LMC 2012TP- 101 G,J LMC 2012TP- 121 G,J LMC 2012TP- 151 G,J LMC 2012TP- 181 G,J LMC 2012TP- 221 J LMC 2012TP- 271 J LMC 2012TP- 331 J LMC 2012TP- 391 G,J LMC 2012TP- 471 G,J LMC 2012TP- 561 G,J LMC 2012TP- 681 G,J LMC 2012TP- 821 G,J 1. How to order LM C 2012 TP 3N3 J (1) (2) (3) (4) (5) (6) (1) Part name (2) Material (3) Body size (4) TP: Taping (5) Inductance Value Ex: 3N3(3.3nH), 560(56nH), 391(390nH) (6) Inductance Tol. 2. Inductance measured: RF LCR METER(HP4286A) + 16193A fixture 3. G= ± 2%, J= ± 5%, K= ± 10% 4. Q measured: RF LCR METER(HP4286A) + 16193A fixture 5. SRF measured: NETWORK ANALYZER(HP8753D) + ABCO SMD-D test fixture 6. Rdc measured: RF LCR METER(HP4286A) + 16193A fixture 7. For 15 ˚C Rise 100 1000 100 10 1 10 100 1000 0.1 Frequency(MHz) Frequency(MHz) 90 80 70 60 50 40 30 20 10 10 100 1000 10000 0 221 101 390 150 3.3 120 060 030 220 390 680 121 271 ■ELECTRICAL CHARACTERISTICS |
同様の部品番号 - LMC1608TP-6N8J |
|
同様の説明 - LMC1608TP-6N8J |