データシートサーチシステム |
|
KF47 データシート(PDF) 10 Page - STMicroelectronics |
|
KF47 データシート(HTML) 10 Page - STMicroelectronics |
10 / 17 page KF00 10/17 ELECTRICAL CHARACTERISTICS FOR KF60 (refer to the test circuits, Tj = 25°C, CI =0.1 µF, CO =2.2 µF unless otherwise specified.) ELECTRICAL CHARACTERISTICS FOR KF80B (refer to the test circuits, Tj = 25°C, CI =0.1 µF, CO =2.2 µF unless otherwise specified.) Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage IO =50 mA, VI =8 V 5.88 6 6.12 V IO =50 mA, VI =8 V, Ta = -25 to 85°C 5.76 6.24 VI Operating Input Voltage IO = 500 mA 20 V IO Output Current Limit 1 A ∆V O Line Regulation VI =7 to 20 V, IO =5 mA 4 24 mV ∆V O Load Regulation VI =7.3 V, IO = 5 to 500 mA 2 50 mV Id Quiescent Current VI =7 to 20V, IO = 0mA (ON MODE) 0.7 1.5 mA VI = 7.3 to 20V, IO =500mA 12 VI =9 V (OFF MODE) 70 140 µA SVR Supply Voltage Rejection IO =5mA VI =8 ± 1 V f = 120 Hz 75 dB f= 1KHz 70 f= 10 KHz 60 eN Output Noise Voltage B = 10 Hz to 100 KHz 50 µV Vd Dropout Voltage IO = 200 mA 0.2 0.35 V IO = 500 mA 0.4 0.7 VIL Control Input Logic Low Ta = -40 to 125°C 0.8 V VIH Control Input Logic High Ta = -40 to 125°C 2 V II Control Input Current VI =9 V, VC =6V 10 µA CO Output Bypass Capacitance ESR = 0.1 to 10 Ω IO = 0 to 500 mA 2 10 µF Symbol Parameter Test Conditions Min. Typ. Max. Unit VO Output Voltage IO =50 mA, VI =10 V 7.84 8 8.16 V IO =50 mA, VI =10 V,Ta = -25 to 85°C 7.68 8.32 VI Operating Input Voltage IO = 500 mA 20 V IO Output Current Limit 1 A ∆V O Line Regulation VI =9 to 20 V, IO =5 mA 4 24 mV ∆V O Load Regulation VI =9.3 V, IO = 5 to 500 mA 2 50 mV Id Quiescent Current VI =9 to 20V, IO = 0mA (ON MODE) 0.7 1.5 mA VI = 9.3 to 20V, IO =500mA 12 VI =9 V (OFF MODE) 70 140 µA SVR Supply Voltage Rejection IO =5mA VI =10 ± 1V f = 120 Hz 72 dB f= 1KHz 67 f= 10 KHz 60 eN Output Noise Voltage B = 10 Hz to 100 KHz 50 µV Vd Dropout Voltage IO = 200 mA 0.2 0.35 V IO = 500 mA 0.4 0.7 VIL Control Input Logic Low Ta = -40 to 125°C 0.8 V VIH Control Input Logic High Ta = -40 to 125°C 2 V II Control Input Current VI =9 V, VC =6V 10 µA CO Output Bypass Capacitance ESR = 0.1 to 10 Ω IO = 0 to 500 mA 2 10 µF |
同様の部品番号 - KF47 |
|
同様の説明 - KF47 |