データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4005 データシート(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

部品番号 1N4005
部品情報  PLASTIC SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BILIN [Galaxy Semi-Conductor Holdings Limited]
ホームページ  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

1N4005 データシート(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  1N4005 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 1N4005 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GALAXY ELECTRICAL
FEATURES
Low cos t
D iffus ed junction
Low leakage
Low forward voltage drop
H igh current capability
and s im ilar s olvents
MECHANICAL DATA
C as e:JEDEC D O--41,m olded plas tic
Term inals : Axial lead ,s olderable per
MIL- STD -202,Method 208
Polarity: C olor band denotes cathode
Weight: 0.012ounces ,0.34 gram s
Mounting pos ition: Any
M AXIM UM RAT INGS AND ELECT RICAL CHARACT ERIST ICS
R atings at 25
am bient tem perature unles s otherw is e s pecified.
Single phas e,half w ave,60 H z,res is tive or inductive load. For capacitive load,derate by 20% .
1N
4003
1N
4004
1N
4005
1N
4006
1N
4007
UNITS
Max imum recurrent peak rev ers e voltage
VRRM
200
400
600
800
1000
V
Max imum RMS v oltage
VRMS
140
280
420
560
700
V
Max imum DC blocking voltage
VDC
200
400
600
800
1000
V
Max imum average f orw ard rectif ied c urrent
9.5mm lead lengths ,
@T
A =75
Peak f orw ard surge c urrent
8.3ms s ingle half -s ine-w av e
s uperimposed on rated load
@T
J =125
Max imum instantaneous f orw ard v oltage
@ 1.0 A
VF
V
Max imum revers e current
@T
A =25
at rated DC blocking v oltage
@T
A =100
Typical junc tion capac itanc e
(Note1)
CJ
pF
Typical thermal res istance
(Note2)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
50
35
50
1N
4001
15
1.0
50
2. Thermal resistance from junction to ambient.
A
50.0
1N4001---1N4007
A
5.0
Eas ily cleaned w ith Freon,Alcohol,Is opropanol
IF(AV)
1.0
PLAST IC SILICON RECT IFIER
The plas tic m aterial carries U /L recognition 94V-0
A
40.0
IFSM
NOTE: 1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
- 55 ---- + 150
- 55 ---- + 150
IR
100
70
VOLT AGE RANG E: 50 --- 1000 V
CURRENT :
1.0 A
DO - 41
100
1N
4002
www.galaxycn.com
BL
BLGALAXY ELECTRICAL
Document Number 0260002
1.


同様の部品番号 - 1N4005

メーカー部品番号データシート部品情報
logo
First Silicon Co., Ltd
1N4005 FS-1N4005 Datasheet
621Kb / 2P
   REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 1.0AMP Rectifiers
logo
Pan Jit International I...
1N4005 PANJIT-1N4005 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
EIC discrete Semiconduc...
1N4005 EIC-1N4005 Datasheet
54Kb / 2P
   SILICON RECTIFIER DIODES
logo
Taiwan Semiconductor Co...
1N4005 TSC-1N4005 Datasheet
236Kb / 2P
   1.0 AMP. Silicon Rectifiers
logo
Central Semiconductor C...
1N4005 CENTRAL-1N4005 Datasheet
72Kb / 2P
   AMP SILICON RECTIFIER
More results

同様の説明 - 1N4005

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
1N5391 PANJIT-1N5391_09 Datasheet
74Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Galaxy Semi-Conductor H...
RL101 BILIN-RL101 Datasheet
49Kb / 2P
   PLASTIC SILICON RECTIFIER
EM1Y BILIN-EM1Y Datasheet
49Kb / 2P
   PLASTIC SILICON RECTIFIER
ERC04-02F BILIN-ERC04-02F Datasheet
60Kb / 2P
   PLASTIC SILICON RECTIFIER
ERD03-02 BILIN-ERD03-02 Datasheet
50Kb / 2P
   PLASTIC SILICON RECTIFIER
GI500 BILIN-GI500 Datasheet
55Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
P600 CHENG-YI-P600 Datasheet
632Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
5A50 KISEMICONDUCTOR-5A50 Datasheet
57Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
PS150 PANJIT-PS150_07 Datasheet
72Kb / 2P
   PLASTIC SILICON RECTIFIER
PS200 PANJIT-PS200_07 Datasheet
59Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Transys Electronics
1N5391 TRSYS-1N5391 Datasheet
121Kb / 2P
   PLASTIC SILICON RECTIFIER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com