データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BYD33JZ データシート(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

部品番号 BYD33JZ
部品情報  FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BILIN [Galaxy Semi-Conductor Holdings Limited]
ホームページ  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BYD33JZ データシート(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  BYD33JZ Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BYD33JZ Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cos t
Diffus ed junction
Low leakage
Low forward voltage drop
High current capability
Eas ily cleaned with Freon,Is opropanol and
s im ilar s olvents
MECHANICAL DATA
Cas e:JEDEC DO--15,m olded plas tic
Term inals : Axial lead ,s olderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.014ounces ,0.39 gram s
Mounting pos ition: Any
Ratings at 25
am bient tem perature unles s otherwis e s pecified.
Single phas e,half wave,50Hz,res is tive or inductive load. For capacitive load,derate by 20%.
BYD
33K
BYD
33M
UNITS
Maximum recurrent peak reverse voltage
VRRM
800
1000
V
Maximum RMS voltage
VRMS
560
700
V
Maximum DC blocking voltage
VDC
800
1000
V
Maximum average f orw ard rectif ied current
9.5mm lead length,
@T
A=75
Peak f orw ard surge current
10ms single half -sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous f orw ard voltage
(
@ 1.0A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Maximum reverse recovery time (Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
K/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
NOTE: 1. Measured with I
F=0. 5A, IR=1A, Irr=0.25A.
3. Thermal resistance f rom junction to am bient.
1.0
100.0
200
BYD33D(Z)---BYD33M(Z)
FAST RECOVERY RECT IFIERS
VOLTAGE RANGE: 200 --- 1000 V
CURRENT: 1.3 A
GALAXY ELECTRICAL
600
200
200
1.3
20.0
140
BYD
33D
600
DO - 15
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
280
420
BYD
33G
BYD
33J
400
250
300
- 55 ---- + 150
-55 ---- + 150
120
A
A
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
IF(AV)
20
A
IFSM
IR
1.3
www.galaxycn.com
BL
BLGALAXY ELECTRICAL
Document Number 0261040
1.


同様の部品番号 - BYD33JZ

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BYD33J PHILIPS-BYD33J Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
logo
SynSemi, Inc.
BYD33J SYNSEMI-BYD33J Datasheet
31Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
Gulf Semiconductor
BYD33J GULFSEMI-BYD33J Datasheet
123Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE200 TO 1000V CURRENT: 1.0A
logo
EIC discrete Semiconduc...
BYD33J EIC-BYD33J Datasheet
47Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
Diode Semiconductor Kor...
BYD33J DSK-BYD33J Datasheet
269Kb / 2P
   FAST RECOVERY RECTIFIERS
More results

同様の説明 - BYD33JZ

メーカー部品番号データシート部品情報
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Changzhou Shunye Electr...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
JAN1N3891 MICROSEMI-JAN1N3891 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com