データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8270 データシート(PDF) 7 Page - Analog Devices

部品番号 AD8270
部品情報  Precision Dual-Channel, Difference Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8270 データシート(HTML) 7 Page - Analog Devices

Back Button AD8270_08 Datasheet HTML 3Page - Analog Devices AD8270_08 Datasheet HTML 4Page - Analog Devices AD8270_08 Datasheet HTML 5Page - Analog Devices AD8270_08 Datasheet HTML 6Page - Analog Devices AD8270_08 Datasheet HTML 7Page - Analog Devices AD8270_08 Datasheet HTML 8Page - Analog Devices AD8270_08 Datasheet HTML 9Page - Analog Devices AD8270_08 Datasheet HTML 10Page - Analog Devices AD8270_08 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD8270
Rev. 0 | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VS = ±15 V, TA = 25°C, difference amplifier configuration, unless otherwise noted.
160
140
120
100
80
60
40
20
0
–0.9
–0.6
–0.3
0
0.3
0.6
0.9
SYSTEM OFFSET VOLTAGE (mV)
N: 1043
MEAN: –0.003
SD: 0.28
Figure 4. Typical Distribution of System Offset Voltage, G = 1
180
150
120
90
60
30
0
–100
–150
–50
0
50
100
150
CMRR (µV/V)
N: 984
MEAN: –1.01
SD: 27
Figure 5. Typical Distribution of CMRR, G = 1
400
350
300
250
200
150
100
50
0
–0.04
–0.02
0
0.02
0.04
GAIN ERROR (%)
N: 1043
MEAN: –0.015
SD: 0.0068
Figure 6. Typical Distribution of Gain Error, G = 1
20
15
10
5
0
–5
–10
–15
–20
–10
–5
0
5
10
OUTPUT VOLTAGE (V)
(–7.5, +7.5)
(+7.5, +7.5)
(–7.5, –7.5)
(+7.5, –7.5)
(0, +15)
(0, –15)
Figure 7. Common-Mode Input Voltage vs. Output Voltage,
Gain = 0.5, ±15 V Supplies
6
4
2
0
–2
–4
–6
–3
–2
–1
0
1
2
3
OUTPUT VOLTAGE (V)
(–1.25, –1.25)
(+1.25, +1.25)
(–2.5, +2.5)
(+2.5, +2.5)
(–2.5, –2.5)
(+2.5, –2.5)
(–1.25, –1.25)
(+1.25, –1.25)
(0, +2.5)
(0, –2.5)
(0, +5)
(0, –5)
VS = ±2.5
VS = ±5
Figure 8. Common-Mode Input Voltage vs. Output Voltage,
Gain = 0.5, ±5 V and ±2.5 V Supplies
20
15
10
5
0
–5
–10
–15
–20
–20
–15
–10
–5
0
5
10
15
20
OUTPUT VOLTAGE (V)
(0, +15)
(0, –15)
(–14.3, +7.85)
(+14.3, +7.85)
(–14.3, –7.85)
(+14.3, –7.85)
Figure 9. Common-Mode Input Voltage vs. Output Voltage,
Gain = 1, ±15 V Supplies


同様の部品番号 - AD8270_08

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8270ACPZ-R7 AD-AD8270ACPZ-R7 Datasheet
464Kb / 20P
   Precision Dual-Channel Difference Amplifier
AD8270ACPZ-RL AD-AD8270ACPZ-RL Datasheet
464Kb / 20P
   Precision Dual-Channel Difference Amplifier
AD8270ACPZ-WP AD-AD8270ACPZ-WP Datasheet
464Kb / 20P
   Precision Dual-Channel Difference Amplifier
AD8270 AD-AD8270_16 Datasheet
464Kb / 20P
   Precision Dual-Channel Difference Amplifier
More results

同様の説明 - AD8270_08

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8720 AD-AD8720_08 Datasheet
605Kb / 20P
   Precision Dual-Channel, Difference Amplifier
AD8270 AD-AD8270 Datasheet
152Kb / 4P
   Precision, Dual-Channel Difference Amplifier
Rev. PrA
AD8270 AD-AD8270_16 Datasheet
464Kb / 20P
   Precision Dual-Channel Difference Amplifier
AD8273 AD-AD8273_V01 Datasheet
329Kb / 16P
   Very Low Distortion, Dual-Channel, High Precision Difference Amplifier
Rev. B
AD8273 AD-AD8273 Datasheet
144Kb / 4P
   Dual-Channel Audio Difference Amplifier
Rev. PrA
AD8273 AD-AD8273_08 Datasheet
425Kb / 16P
   Dual-Channel, Audio Difference Amplifier
REV. 0
logo
Texas Instruments
LMP8275 TI1-LMP8275 Datasheet
392Kb / 15P
[Old version datasheet]   Precision Voltage Difference Amplifier
LMP8270 TI1-LMP8270 Datasheet
438Kb / 17P
[Old version datasheet]   Precision Voltage Difference Amplifier
LMP8272 TI1-LMP8272 Datasheet
357Kb / 16P
[Old version datasheet]   Precision Voltage Difference Amplifier
logo
Analog Devices
AD8209 AD-AD8209_16 Datasheet
364Kb / 16P
   High Voltage, Precision Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com