データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL34340INZ データシート(PDF) 9 Page - Intersil Corporation

部品番号 ISL34340INZ
部品情報  WSVGA 24-Bit Long-Reach Video Serdes with Bidirectional Side-Channel
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL34340INZ データシート(HTML) 9 Page - Intersil Corporation

Back Button ISL34340INZ Datasheet HTML 2Page - Intersil Corporation ISL34340INZ Datasheet HTML 3Page - Intersil Corporation ISL34340INZ Datasheet HTML 4Page - Intersil Corporation ISL34340INZ Datasheet HTML 5Page - Intersil Corporation ISL34340INZ Datasheet HTML 6Page - Intersil Corporation ISL34340INZ Datasheet HTML 7Page - Intersil Corporation ISL34340INZ Datasheet HTML 8Page - Intersil Corporation ISL34340INZ Datasheet HTML 9Page - Intersil Corporation ISL34340INZ Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6255.0
March 7, 2008
this requirement, the 3.3V supply must be powered up
before the 1.8V supply.
For the deserializer, REF_CLK must not be applied before
the device is fully powered up. Applying REF_CLK before
power-up may require the deserializer to be manually reset.
A 10ms delay after the 1.8V supply is powered up
guarantees normal operation.
Power Supply Bypassing
The serializer and deserializer functions rely on the stable
functioning of PLLs locked to local reference sources or
locked to an incoming signal. It is important that the various
supplies (VDD_P, VDD_AN, VDD_CDR, VDD_TX) be well
bypassed over a wide range of frequencies, from below the
typical loop bandwidth of the PLL to approaching the signal
bit rate of the serial data. A combination of different values of
capacitors from 1000pF to 5µF or more with low ESR
characteristics is generally required.
The parallel LVCMOS VDD_IO supply is inherently less
sensitive, but since the RGB and SYNC/DATAEN signals
can all swing on the same clock edge, the current in these
pins and the corresponding GND pins can undergo
substantial current flow changes, so once again, a
combination of different values of capacitors over a wide
range, with low ESR characteristics, is desirable.
A set of arrangements of this type is shown in Figure 4,
where each supply is bypassed with a ferrite-bead-based
choke, and a range of capacitors. A “choke” is preferable to
an “inductor” in this application, since a high-Q inductor will
be likely to cause one or more resonances with the shunt
capacitors, potentially causing problems at or near those
frequencies, while a “lossy” choke will reflect a high
impedance over a wide frequency range.
The higher value capacitor, in particular, needs to be chosen
carefully, with special care regarding its ESR. Very good
results can be obtained with multilayer ceramic capacitors,
available from many suppliers, and generally in small
outlines (such as the 1210 outline suggested in the
schematic shown in Figure 4), which provide good bypass
capabilities down to a few m
Ω at 1MHz to 2MHz. Other
capacitor technologies may also be suitable (perhaps
niobium oxide), but “classic” electrolytic capacitors
frequently have ESR values of above 1
Ω, that nullify any
decoupling effect above the 1kHz to 10kHz frequency range.
Capacitors of 0.1µF offer low impedance in the 10MHz to
20MHz region, and 1000pF capacitors in the 100MHz to
200MHz region. In general, one of the lower value capacitors
should be used at each supply pin on the IC. Figure 4 shows
the grounding of the various capacitors to the pin
corresponding to the supply pin. Although all the ground
supplies are tied together, the PCB layout should be
arranged to emulate this arrangement, at least for the
smaller value (high frequency) capacitors, as much as
possible.
I2C Interface
The I2C interface allows access to internal registers used to
configure the serdes and to obtain status information. A
serializer must be assigned a different address than its
deserializer counterpart. The upper 3-bits are permanently
set to 011 and the lower 4 bits determined by pins as follows:
Thus, 16 serdes can reside on the same bus. By convention,
when all address pins are tied low, the device address is
referred to as 0x60.
SCL and SDA are open drain to allow multiple devices to
share the bus. If not used, SCL and SDA should be tied to
VDD_IO.
0
1
1
I2CA3
I2CA2
I2CA1
I2CA0
R/W
FIGURE 4. POWER SUPPLY BYPASSING
ISL34340


同様の部品番号 - ISL34340INZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL34340INZ INTERSIL-ISL34340INZ Datasheet
350Kb / 10P
   WSVGA 24-Bit Long-Reach Video SERDES with Bidirectional Side-Channel
logo
Renesas Technology Corp
ISL34340INZ RENESAS-ISL34340INZ Datasheet
609Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bidirectional Side-Channel
More results

同様の説明 - ISL34340INZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL34340 RENESAS-ISL34340 Datasheet
609Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bidirectional Side-Channel
logo
Intersil Corporation
ISL34340_0806 INTERSIL-ISL34340_0806 Datasheet
350Kb / 10P
   WSVGA 24-Bit Long-Reach Video SERDES with Bidirectional Side-Channel
ISL34341 INTERSIL-ISL34341 Datasheet
190Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
ISL34341INZ INTERSIL-ISL34341INZ Datasheet
369Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
October 8, 2010
ISL34341 INTERSIL-ISL34341 Datasheet
371Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
logo
Renesas Technology Corp
ISL34341 RENESAS-ISL34341 Datasheet
616Kb / 11P
   WSVGA 24-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
logo
Intersil Corporation
ISL34321 INTERSIL-ISL34321 Datasheet
376Kb / 13P
   16-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
logo
Renesas Technology Corp
ISL34321 RENESAS-ISL34321 Datasheet
659Kb / 13P
   16-Bit Long-Reach Video SERDES with Bi-directional Side-Channel
ISL76321 RENESAS-ISL76321 Datasheet
633Kb / 14P
   16-Bit Long-Reach Video Automotive Grade SERDES with Bi-directional Side-Channel
logo
Intersil Corporation
ISL76321 INTERSIL-ISL76321 Datasheet
514Kb / 14P
   16-Bit Long-Reach Video Automotive Grade SERDES with Bi-directional Side-Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com