データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL2309NZSI-1H データシート(PDF) 11 Page - SpectraLinear Inc

部品番号 SL2309NZSI-1H
部品情報  Low Jitter and Skew DC to 220MHz Clock Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SPECTRALINEAR [SpectraLinear Inc]
ホームページ  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

SL2309NZSI-1H データシート(HTML) 11 Page - SpectraLinear Inc

Back Button SL2309NZSI-1H Datasheet HTML 3Page - SpectraLinear Inc SL2309NZSI-1H Datasheet HTML 4Page - SpectraLinear Inc SL2309NZSI-1H Datasheet HTML 5Page - SpectraLinear Inc SL2309NZSI-1H Datasheet HTML 6Page - SpectraLinear Inc SL2309NZSI-1H Datasheet HTML 7Page - SpectraLinear Inc SL2309NZSI-1H Datasheet HTML 8Page - SpectraLinear Inc SL2309NZSI-1H Datasheet HTML 9Page - SpectraLinear Inc SL2309NZSI-1H Datasheet HTML 10Page - SpectraLinear Inc SL2309NZSI-1H Datasheet HTML 11Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Rev 1.1, May 18, 2007
Page 11 of 11
SL23EP09NZ
Ordering Information
[3]
Ordering Number
Marking
Shipping Package
Package
Temperature
SL2309NZSC-1H
SL2304NZSC-1H
Tube
16-pin SOIC
0 to 70°C
SL2309NZSC-1HT
SL2304NZSC-1H
Tape and Reel
16-pin SOIC
0 to 70°C
SL2309NZSI-1H
SL2304NZSI-1H
Tube
16-pin SOIC
-40 to 85°C
SL2309NZSI-1HT
SL2304NZSI-1H
Tape and Reel
16-pin SOIC
-40 to 85°C
Notes:
3. The SL23EP09NZ products are RoHS compliant.
While SLI has reviewed all information herein for accuracy and reliability, Spectra Linear Inc. assumes no responsibility for the use
of any circuitry or for the infringement of any patents or other rights of third parties which would result from each use. This product
is intended for use in normal commercial applications and is not warranted not is it intended for use in life support, critical medical
instruments, or any other application requiring extended temperature range, high reliability, or any other extraordinary environmental
requirements unless pursuant to additional processing by Spectra Linear Inc., and an expressed written agreement by Spectra
Linear Inc. Spectra Linear Inc. reserves the right to change any circuitry or specification without notice.


同様の部品番号 - SL2309NZSI-1H

メーカー部品番号データシート部品情報
logo
SpectraLinear Inc
SL2309NZSI-1H SPECTRALINEAR-SL2309NZSI-1H Datasheet
118Kb / 8P
   Low Jitter and Skew DC to 140 MHz Clock Buffer
SL2309NZSI-1HT SPECTRALINEAR-SL2309NZSI-1HT Datasheet
118Kb / 8P
   Low Jitter and Skew DC to 140 MHz Clock Buffer
More results

同様の説明 - SL2309NZSI-1H

メーカー部品番号データシート部品情報
logo
SpectraLinear Inc
SL2304NZ SPECTRALINEAR-SL2304NZ Datasheet
136Kb / 9P
   Low Jitter and Skew DC to 160MHz Clock Buffer
logo
Silicon Laboratories
SL2304NZ SILABS-SL2304NZ Datasheet
151Kb / 9P
   Low Jitter and Skew DC to 140MHz Clock Buffer
logo
SpectraLinear Inc
SL23EP09 SPECTRALINEAR-SL23EP09 Datasheet
156Kb / 13P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
logo
Silicon Laboratories
SL23EP04NZ SILABS-SL23EP04NZ Datasheet
181Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP09NZ SILABS-SL23EP09NZ Datasheet
174Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
SpectraLinear Inc
SL2309NZ SPECTRALINEAR-SL2309NZ Datasheet
118Kb / 8P
   Low Jitter and Skew DC to 140 MHz Clock Buffer
SL23EP04NZ SPECTRALINEAR-SL23EP04NZ Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
SL23EP05 SPECTRALINEAR-SL23EP05 Datasheet
150Kb / 11P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
SL23EP08 SPECTRALINEAR-SL23EP08 Datasheet
173Kb / 18P
   Low Jitter and Skew 10 to 220MHz Zero Delay Buffer (ZDB)
logo
Cypress Semiconductor
CY7B9910 CYPRESS-CY7B9910 Datasheet
162Kb / 7P
   Low Skew Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com