データシートサーチシステム |
|
SL15100ZC-XXX データシート(PDF) 9 Page - SpectraLinear Inc |
|
SL15100ZC-XXX データシート(HTML) 9 Page - SpectraLinear Inc |
9 / 16 page Rev 1.8, August 10, 2007 Page 9 of 16 SL15100 Standby Current ISBC PD#=GND - 80 100 A Output Leakage Current IOL Pins 6 and 7 -15 - 15 A Minimum setting value - 8.5 - pF Maximum setting value - 40 - pF Programmable Input Capacitance at Pins 2 and 3 CXIN CXOUT Resolution (programming steps) - 0.5 - pF Input Capacitance CIN2 Pins 4 and 8 - 4 7 pF Load Capacitance CL SSCLK/REFCLK , Pins 6 and 7 - - 15 pF AC Electrical Characteristics (I-Grade) Unless otherwise stated VDD= 3.3V+/- 10%, CL=15pF and Ambient Temperature range -40 to +85 Deg C Parameter Symbol Condition Min Typ Max Unit Input Frequency Range FIN1 Crystal or Ceramic Resonator 8 - 48 MHz Input Frequency Range FIN2 External Clock 8 - 166 MHz Output Frequency Range FOUT1 SSCLK 3 - 200 MHz Output Frequency Range FOUT2 REFCLK, crystal or resonator input 0.25 - 48 MHz Output Frequency Range FOUT3 REFCLK, clock input 0.25 - 166 MHz Output Duty Cycle DC1 SSCLK 45 50 55 % Output Duty Cycle DC2 REFCLK 45 50 55 % Input Duty Cycle DCIN Clock Input, Pin 3 40 50 60 % Output Rise/Fall Time tr/f1 Programmable, VDD=3.3 CL=15pF, 20 to 80% of VDD - 4.00 4.80 ns Output Rise/Fall Time tr/f2 Programmable, VDD=3.3 CL=15pF, 20 to 80% of VDD - 2.00 2.40 ns Output Rise/Fall Time tr/f3 Programmable, VDD=3.3 CL=15pF, 20 to 80% of VDD - 1.40 1.70 ns Output Rise/Fall Time tr/f4 Programmable, VDD=3.3 CL=15pF, 20 to 80% of VDD - 1.10 1.35 ns Output Rise/Fall Time tr/f5 Programmable, VDD=3.3 CL=15pF, 20 to 80% of VDD - 0.85 1.00 ns Output Rise/Fall Time tr/f6 Programmable, VDD=3.3 CL=15pF, 20 to 80% of VDD - 0.70 0.85 ns Output Rise/Fall Time tr/f7 Programmable, VDD=3.3 CL=15pF, 20 to 80% of VDD - 0.55 0.67 ns Cycle-to-Cycle Jitter (SSCLK – Pin 7) CCJ1 CLKIN=SSCLK=166MHz, 2%Spread REFCLK=Off - 100 135 ps Cycle-to-Cycle Jitter (SSCLK – Pin 7) CCJ2 CLKIN=SSCLK=66MHz, 2%Spread REFCLK=Off - 110 145 ps Cycle-to-Cycle Jitter CCJ3 CLKIN=SSCLK=33MHz, 2%Spread - 130 175 ps |
同様の部品番号 - SL15100ZC-XXX |
|
同様の説明 - SL15100ZC-XXX |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |