データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAT85 データシート(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

部品番号 BAT85
部品情報  SMALL SIGNAL SCHOTTKY DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BILIN [Galaxy Semi-Conductor Holdings Limited]
ホームページ  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BAT85 データシート(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  BAT85 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BAT85 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
For general purpose applications
This diode features very low turn-on voltage
and fast switching. Thes e devices are protected
MECHANICAL DATA
Case:JEDEC DO--35,glas s cas e
Weight: Approx. 0.13 gram
Symbols
Min.
UNITS
30.0
V
V
V
V
V
V
A
pF
ns
/W
0.4
1) Valid provided that leads at a distance of 4mm from case are kept at ambient temperature
0.5
Thermal resistance junction to ambient
CJ
0.32
Pulse test tp<300
s,
<2%
@ IF=0.1mA
@ IF=1mA
Storage temperature range
TSTG
Reverse breakdow n voltage
Symbols
VR
0.24
@ IF=10mA
@ IF=30mA
IR
BAT85
by a PN junction guard ring against exces sive
SMALL SIGNAL SCHOTTKY DIODES
VOLTAGE RANGE: 30 V
CURRENT: 0.2 A
DO - 35(GLASS)
GALAXY ELECTRICAL
voltage, such as electrostatic discharges
Pow er dissipation
@ TA=65
UNITS
c-55 ---+ 125
Polarity: Color band denotes cathode end
ABSOLUTE RATINGS
VR
IF
IFM
IFSM
Ptot
TJ
TA
600
1)
125
V
mA
mA
30.0
200
1)
300
1)
mA
mW
Max.
Typ.
c-55 ---+ 150
ELECTRICAL CHARACTERISTICS
Junction temperature
Ambient operating temperature range
RθJA
@ IF=100mA
Leakage current VR=25V
Junction capacitance at VR=1V,f=1MHz
Reverse recovery time @ IF=10mA,IR=10mA,IR=1mA
VF
Forw ard voltage
2.0
10
trr
5
430
1)
Value
200
1)
1) Valid provided that leads at a distance of 4mm from case are kept at ambient temperature
Continuous reverse voltage
Forw ard continuous current
@
TA=25
Peak forw ard current
@
TA=25
Surge forw ard current
@
tp<1s,TA=25
0.8
www.galaxycn.com
BL
Document Number 0265009
1.
BLGALAXY ELECTRICAL


同様の部品番号 - BAT85

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BAT85 PHILIPS-BAT85 Datasheet
30Kb / 6P
   Schottky barrier diode
1996 Mar 20
logo
Shenzhen Luguang Electr...
BAT85 LUGUANG-BAT85 Datasheet
146Kb / 2P
   Small Signal Schottky Diodes
logo
SAMYANG ELECTRONICS CO....
BAT85 SAMYANG-BAT85 Datasheet
416Kb / 2P
   SMALL SIGNAL SCHOTTKY DIODES
logo
General Semiconductor
BAT85 GE-BAT85 Datasheet
41Kb / 2P
   Schottky Diodes
logo
NXP Semiconductors
BAT85 NXP-BAT85 Datasheet
131Kb / 8P
   Schottky barrier single diode
24 July 2012
More results

同様の説明 - BAT85

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com