データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FMA3009 データシート(PDF) 5 Page - Filtronic Compound Semiconductors

部品番号 FMA3009
部品情報  2-20GHZ BROADBAND MMIC AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FILTRONIC [Filtronic Compound Semiconductors]
ホームページ  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMA3009 データシート(HTML) 5 Page - Filtronic Compound Semiconductors

  FMA3009 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMA3009 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMA3009 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMA3009 Datasheet HTML 4Page - Filtronic Compound Semiconductors FMA3009 Datasheet HTML 5Page - Filtronic Compound Semiconductors FMA3009 Datasheet HTML 6Page - Filtronic Compound Semiconductors FMA3009 Datasheet HTML 7Page - Filtronic Compound Semiconductors FMA3009 Datasheet HTML 8Page - Filtronic Compound Semiconductors FMA3009 Datasheet HTML 9Page - Filtronic Compound Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
5
Pilot Datasheet v2.5
FMA3009
TYPICAL PERFORMANCE FOR ON WAFER MEASUREMENTS OVER TEMPERATURE:
Note: Measurement Conditions ID= 230mA, VDD= 8V. All Bias resistors bonded to ground.
TAMBIENT = 25°C
TCOLD = -40°C
THOT = +85°C
Gain
6
7
8
9
10
11
12
13
14
2
4
6
8
10
12
14
16
18
20
Frequency (GHz)
Reverse Isolation
-80
-70
-60
-50
-40
-30
-20
-10
0
2468
10
12
14
16
18
20
Frequency (GHz)
Input Return Loss
-30
-25
-20
-15
-10
-5
0
2
4
6
8
10
12
14
16
18
20
Frequency (GHz)
Output Return Loss
-50
-40
-30
-20
-10
0
2
4
6
8
10
12
14
16
18
20
Frequency (GHz)
P1dB overTem perature
0
5
10
15
20
25
30
6
8
10
12
14
16
18
20
Frequency (GHz)


同様の部品番号 - FMA3009

メーカー部品番号データシート部品情報
logo
Filtronic Compound Semi...
FMA3009 FILTRONIC-FMA3009 Datasheet
139Kb / 5P
   2-20GHZ BROADBAND MMIC AMPLIFIER
More results

同様の説明 - FMA3009

メーカー部品番号データシート部品情報
logo
Filtronic Compound Semi...
FMA3009 FILTRONIC-FMA3009 Datasheet
139Kb / 5P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3007 FILTRONIC-FMA3007 Datasheet
204Kb / 6P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008_1 Datasheet
712Kb / 8P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008 Datasheet
134Kb / 5P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3007 FILTRONIC-FMA3007_1 Datasheet
662Kb / 8P
   2-20GHZ BROADBAND MMIC AMPLIFIER
logo
Eudyna Devices Inc
FMM5805X EUDYNA-FMM5805X Datasheet
2Mb / 4P
   17.5-20GHz Power Amplifier MMIC
FMM5815X EUDYNA-FMM5815X Datasheet
235Kb / 4P
   17.5-20GHz Power Amplifier MMIC
logo
Filtronic Compound Semi...
FMA3058 FILTRONIC-FMA3058 Datasheet
208Kb / 6P
   2-20 GHZ BROADBAND MMIC AMPLIFIER
logo
RF Micro Devices
SUF-1000 RFMD-SUF-1000 Datasheet
754Kb / 6P
   Cascadable pHEMT MMIC Amplifier DC to 20GHz
logo
TriQuint Semiconductor
RM022020 TRIQUINT-RM022020_15 Datasheet
239Kb / 5P
   2-20GHz 20W Benchtop Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com