データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FMA3009 データシート(PDF) 6 Page - Filtronic Compound Semiconductors

部品番号 FMA3009
部品情報  2-20GHZ BROADBAND MMIC AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FILTRONIC [Filtronic Compound Semiconductors]
ホームページ  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMA3009 データシート(HTML) 6 Page - Filtronic Compound Semiconductors

Back Button FMA3009 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMA3009 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMA3009 Datasheet HTML 4Page - Filtronic Compound Semiconductors FMA3009 Datasheet HTML 5Page - Filtronic Compound Semiconductors FMA3009 Datasheet HTML 6Page - Filtronic Compound Semiconductors FMA3009 Datasheet HTML 7Page - Filtronic Compound Semiconductors FMA3009 Datasheet HTML 8Page - Filtronic Compound Semiconductors FMA3009 Datasheet HTML 9Page - Filtronic Compound Semiconductors FMA3009 Datasheet HTML 10Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
6
Pilot Datasheet v2.5
FMA3009
S-PARAMETERS FOR ON-WAFER MEASUREMENTS:
Note: Measurement Conditions ID= 230mA, VDD= 8V and TAMBIENT = 25°C
Units: GHZ (Frequency), dB (S-parameters magnitude), radian (S-parameters angle)
S11
S21
S12
S22
Frequency Mag
Angle
Mag
Angle
Mag
Angle
Mag
Angle
1.85
-12.85
1.23
9.61
-0.32
-58.57
0.26
-13.78
-0.25
2.05
-12.87
1.18
9.65
-0.44
-62.80
0.35
-14.07
-0.26
2.25
-12.78
1.12
9.64
-0.56
-62.11
0.41
-14.32
-0.29
2.45
-12.59
1.06
9.62
-0.68
-61.89
0.61
-14.55
-0.33
2.65
-12.34
1.00
9.58
-0.79
-57.78
0.28
-14.85
-0.34
2.85
-12.20
0.92
9.52
-0.89
-57.97
0.53
-15.13
-0.38
3.05
-12.08
0.86
9.49
-0.99
-56.03
0.51
-15.36
-0.41
3.25
-11.94
0.80
9.45
-1.08
-53.36
0.25
-15.75
-0.43
3.45
-11.72
0.73
9.39
-1.18
-57.90
-0.19
-15.93
-0.45
3.65
-11.64
0.67
9.35
-1.27
-55.80
0.04
-16.21
-0.49
3.85
-11.56
0.61
9.33
-1.36
-56.38
-0.22
-16.54
-0.50
4.05
-11.42
0.55
9.29
-1.45
-58.71
0.00
-17.02
-0.54
4.25
-11.34
0.49
9.25
-1.53
-55.81
-0.02
-17.26
-0.57
4.45
-11.26
0.44
9.22
1.52
-54.83
-0.07
-17.67
-0.58
4.65
-11.20
0.38
9.20
1.44
-54.10
-0.12
-18.40
-0.61
4.85
-11.16
0.32
9.17
1.36
-53.61
-0.21
-18.88
-0.64
5.05
-11.13
0.27
9.15
1.27
-53.06
-0.20
-19.35
-0.63
5.25
-11.12
0.21
9.13
1.19
-52.56
-0.36
-20.20
-0.66
5.45
-11.15
0.15
9.11
1.11
-51.79
-0.42
-20.90
-0.68
5.65
-11.17
0.10
9.09
1.03
-51.11
-0.43
-21.37
-0.65
5.85
-11.23
0.05
9.09
0.95
-50.95
-0.57
-22.35
-0.65
6.05
-11.31
-0.01
9.09
0.87
-50.29
-0.64
-23.38
-0.68
6.25
-11.39
-0.06
9.09
0.79
-49.78
-0.72
-24.17
-0.65
6.45
-11.51
-0.12
9.09
0.71
-49.40
-0.75
-25.38
-0.60
6.65
-11.66
-0.17
9.10
0.63
-49.24
-0.89
-26.82
-0.67
6.85
-11.82
-0.22
9.11
0.56
-48.49
-0.94
-28.32
-0.63
7.05
-12.01
-0.27
9.13
0.48
-47.97
-1.06
-30.53
-0.41
7.25
-12.23
-0.33
9.15
0.40
-47.71
-1.15
-34.49
-0.40
7.45
-12.49
-0.37
9.17
0.32
-47.37
-1.24
-41.79
-0.06
7.65
-12.77
-0.43
9.20
0.25
-47.14
-1.35
-36.69
-1.52
7.85
-13.12
-0.48
9.28
0.17
-47.30
-1.41
-29.12
-1.22
8.05
-13.53
-0.52
9.41
0.09
-48.02
-1.42
-24.56
-1.44
8.25
-13.94
-0.56
9.47
0.01
-46.62
-1.48
-22.10
1.44
8.45
-14.43
-0.60
9.49
-0.08
-46.47
-1.51
-21.21
1.35
8.65
-14.93
-0.64
9.54
-0.17
-45.51
1.54
-21.18
1.29
8.85
-15.52
-0.67
9.58
-0.25
-45.61
1.46
-20.39
1.28
9.05
-16.13
-0.70
9.62
-0.33
-44.75
1.34
-19.58
1.33
9.25
-16.86
-0.73
9.67
-0.41
-44.60
1.27
-19.05
1.28


同様の部品番号 - FMA3009

メーカー部品番号データシート部品情報
logo
Filtronic Compound Semi...
FMA3009 FILTRONIC-FMA3009 Datasheet
139Kb / 5P
   2-20GHZ BROADBAND MMIC AMPLIFIER
More results

同様の説明 - FMA3009

メーカー部品番号データシート部品情報
logo
Filtronic Compound Semi...
FMA3009 FILTRONIC-FMA3009 Datasheet
139Kb / 5P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3007 FILTRONIC-FMA3007 Datasheet
204Kb / 6P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008_1 Datasheet
712Kb / 8P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008 Datasheet
134Kb / 5P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3007 FILTRONIC-FMA3007_1 Datasheet
662Kb / 8P
   2-20GHZ BROADBAND MMIC AMPLIFIER
logo
Eudyna Devices Inc
FMM5805X EUDYNA-FMM5805X Datasheet
2Mb / 4P
   17.5-20GHz Power Amplifier MMIC
FMM5815X EUDYNA-FMM5815X Datasheet
235Kb / 4P
   17.5-20GHz Power Amplifier MMIC
logo
Filtronic Compound Semi...
FMA3058 FILTRONIC-FMA3058 Datasheet
208Kb / 6P
   2-20 GHZ BROADBAND MMIC AMPLIFIER
logo
RF Micro Devices
SUF-1000 RFMD-SUF-1000 Datasheet
754Kb / 6P
   Cascadable pHEMT MMIC Amplifier DC to 20GHz
logo
TriQuint Semiconductor
RM022020 TRIQUINT-RM022020_15 Datasheet
239Kb / 5P
   2-20GHz 20W Benchtop Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com