データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FMA3007 データシート(PDF) 7 Page - Filtronic Compound Semiconductors

部品番号 FMA3007
部品情報  2-20GHZ BROADBAND MMIC AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FILTRONIC [Filtronic Compound Semiconductors]
ホームページ  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FMA3007 データシート(HTML) 7 Page - Filtronic Compound Semiconductors

  FMA3007_1 Datasheet HTML 1Page - Filtronic Compound Semiconductors FMA3007_1 Datasheet HTML 2Page - Filtronic Compound Semiconductors FMA3007_1 Datasheet HTML 3Page - Filtronic Compound Semiconductors FMA3007_1 Datasheet HTML 4Page - Filtronic Compound Semiconductors FMA3007_1 Datasheet HTML 5Page - Filtronic Compound Semiconductors FMA3007_1 Datasheet HTML 6Page - Filtronic Compound Semiconductors FMA3007_1 Datasheet HTML 7Page - Filtronic Compound Semiconductors FMA3007_1 Datasheet HTML 8Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
7
Production Datasheet v3.0
FMA3007
BIASING CIRCUIT SCHEMATIC:
100nF
100nF
100pF
VG1
100pF
RF Output
100pF
100nF
VG2
RF Input
VDD
ASSEMBLY DIAGRAM:
It is recommended that the RF connections be made using two bond wires 25µm in diameter and a
maximum length of 300µm. Improved input return loss can be achieved, to compensate for bond wire
length, with the addition of a microstrip transformer, shown in the diagram below.
Substrate: Alumina
Thickness: 635µm
Transformer Impedance 43
Electrical Length 32º at 10GHz
To Evaluation Board via an 0402
Surface Mounted capacitor
100pF Capacitors
100pF Capacitor
0.8mm
0.8mm
0.61mm
To Evaluation Board via an 0402
Surface Mounted capacitor
0.61mm
1.0mm
1.0mm
BILL OF MATERIALS:
COMPONENT
All RF tracks should be 50
Ω characteristic material
Capacitor, 100pF, chip capacitor
Capacitor, 100pF, 0402


同様の部品番号 - FMA3007_1

メーカー部品番号データシート部品情報
logo
Filtronic Compound Semi...
FMA3007 FILTRONIC-FMA3007 Datasheet
204Kb / 6P
   2-20GHZ BROADBAND MMIC AMPLIFIER
More results

同様の説明 - FMA3007_1

メーカー部品番号データシート部品情報
logo
Filtronic Compound Semi...
FMA3009 FILTRONIC-FMA3009_1 Datasheet
475Kb / 10P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3009 FILTRONIC-FMA3009 Datasheet
139Kb / 5P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3007 FILTRONIC-FMA3007 Datasheet
204Kb / 6P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008_1 Datasheet
712Kb / 8P
   2-20GHZ BROADBAND MMIC AMPLIFIER
FMA3008 FILTRONIC-FMA3008 Datasheet
134Kb / 5P
   2-20GHZ BROADBAND MMIC AMPLIFIER
logo
Eudyna Devices Inc
FMM5805X EUDYNA-FMM5805X Datasheet
2Mb / 4P
   17.5-20GHz Power Amplifier MMIC
FMM5815X EUDYNA-FMM5815X Datasheet
235Kb / 4P
   17.5-20GHz Power Amplifier MMIC
logo
Filtronic Compound Semi...
FMA3058 FILTRONIC-FMA3058 Datasheet
208Kb / 6P
   2-20 GHZ BROADBAND MMIC AMPLIFIER
logo
RF Micro Devices
SUF-1000 RFMD-SUF-1000 Datasheet
754Kb / 6P
   Cascadable pHEMT MMIC Amplifier DC to 20GHz
logo
TriQuint Semiconductor
RM022020 TRIQUINT-RM022020_15 Datasheet
239Kb / 5P
   2-20GHz 20W Benchtop Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com