データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OP1177 データシート(PDF) 9 Page - Analog Devices

部品番号 OP1177
部品情報  Precision Low Noise, Low Input Bias Current Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

OP1177 データシート(HTML) 9 Page - Analog Devices

Back Button OP1177_07 Datasheet HTML 5Page - Analog Devices OP1177_07 Datasheet HTML 6Page - Analog Devices OP1177_07 Datasheet HTML 7Page - Analog Devices OP1177_07 Datasheet HTML 8Page - Analog Devices OP1177_07 Datasheet HTML 9Page - Analog Devices OP1177_07 Datasheet HTML 10Page - Analog Devices OP1177_07 Datasheet HTML 11Page - Analog Devices OP1177_07 Datasheet HTML 12Page - Analog Devices OP1177_07 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
OP1177/OP2177/OP4177
Rev. E | Page 9 of 24
14.40
14.00
14.30
14.05
14.25
14.20
14.15
14.10
14.35
+VOH
–VOL
TEMPERATURE (°C)
0
50
100
–50
150
VSY = ±15V
Figure 25. Output Voltage Swing vs. Temperature
TIME FROM POWER SUPPLY TURN-ON (Sec)
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
0.5
–0.5
–0.4
20
40
60
80
100
120
0
140
VSY = ±15V
Figure 26. Warm-Up Drift
0
12
8
4
14
18
2
6
10
16
TEMPERATURE (°C)
VSY = ±15V
0
50
100
–50
150
Figure 27. Input Offset Voltage vs. Temperature
123
127
125
128
129
124
126
130
131
132
133
TEMPERATURE (°C)
VSY = ±15V
0
50
100
–50
150
Figure 28. CMRR vs. Temperature
123
127
125
128
129
124
126
130
131
132
133
TEMPERATURE (°C)
VSY = ±15V
0
50
100
–50
150
Figure 29. PSRR vs. Temperature
INPUT OFFSET VOLTAGE (µV)
50
15
0
45
20
10
5
30
25
40
35
VSY = ±5V
–40
–30
–20
–10
0
10
20
30
40
Figure 30. Input Offset Voltage Distribution


同様の部品番号 - OP1177_07

メーカー部品番号データシート部品情報
logo
Analog Devices
OP1177 AD-OP1177_09 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
More results

同様の説明 - OP1177_07

メーカー部品番号データシート部品情報
logo
Analog Devices
OP1177 AD-OP1177_15 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
OP2177 AD-OP2177_15 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
OP1177 AD-OP1177 Datasheet
245Kb / 20P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
REV. B
OP4177 AD-OP4177_15 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
OP1177 AD-OP1177_09 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
Rev. G
AD8671 AD-AD8671_05 Datasheet
465Kb / 16P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
REV. C
AD8671 AD-AD8671 Datasheet
92Kb / 4P
   Precision Very Low Noise Low Input Bias Current Operational Amplifiers
Rev 0.2 2/21/02
AD8672ARMZ AD-AD8672ARMZ Datasheet
439Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
Rev. F
ADA4610-2 AD-ADA4610-2 Datasheet
149Kb / 4P
   Precision, Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. PrA
AD8510 AD-AD8510_07 Datasheet
465Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com