データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC081S021CISD データシート(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 ADC081S021CISD
部品情報  Single Channel, 50 to 200ksps, 8-Bit A/D Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC081S021CISD データシート(HTML) 4 Page - National Semiconductor (TI)

  ADC081S021CISD Datasheet HTML 1Page - National Semiconductor (TI) ADC081S021CISD Datasheet HTML 2Page - National Semiconductor (TI) ADC081S021CISD Datasheet HTML 3Page - National Semiconductor (TI) ADC081S021CISD Datasheet HTML 4Page - National Semiconductor (TI) ADC081S021CISD Datasheet HTML 5Page - National Semiconductor (TI) ADC081S021CISD Datasheet HTML 6Page - National Semiconductor (TI) ADC081S021CISD Datasheet HTML 7Page - National Semiconductor (TI) ADC081S021CISD Datasheet HTML 8Page - National Semiconductor (TI) ADC081S021CISD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ADC081S021 Converter Electrical Characteristics (Notes 7, 9) (Continued)
The following specifications apply for V
A = +2.7V to 5.25V, fSCLK = 1 MHz to 4 MHz, fSAMPLE = 50 ksps to 200 ksps,
C
L = 15 pF, unless otherwise noted. Boldface limits apply for TA =TMIN to TMAX: all other limits TA = 25˚C.
Symbol
Parameter
Conditions
Typical
Limits
(Note 9)
Units
DYNAMIC CONVERTER CHARACTERISTICS
IMD
Intermodulation Distortion, Second
Order Terms
V
A = +5.25V
f
a = 103.5 kHz, fb = 113.5 kHz
−83
dBFS
Intermodulation Distortion, Third
Order Terms
V
A = +5.25V
f
a = 103.5 kHz, fb = 113.5 kHz
−82
dBFS
FPBW
-3 dB Full Power Bandwidth
V
A = +5V
11
MHz
V
A = +3V
8
MHz
ANALOG INPUT CHARACTERISTICS
V
IN
Input Range
0 to V
A
V
I
DCL
DC Leakage Current
±1
µA (max)
C
INA
Input Capacitance
Track Mode
30
pF
Hold Mode
4
pF
DIGITAL INPUT CHARACTERISTICS
V
IH
Input High Voltage
V
A = +5.25V
2.4
V (min)
V
A = +3.6V
2.1
V (min)
V
IL
Input Low Voltage
V
A = +5V
0.8
V (max)
V
A = +3V
0.4
V (max)
I
IN
Input Current
V
IN =0VorVA
±0.1
±1
µA (max)
C
IND
Digital Input Capacitance
2
4
pF (max)
DIGITAL OUTPUT CHARACTERISTICS
V
OH
Output High Voltage
I
SOURCE = 200 µA
V
A − 0.07
V
A − 0.2
V (min)
I
SOURCE =1mA
V
A − 0.1
V
V
OL
Output Low Voltage
I
SINK = 200 µA
0.03
0.4
V (max)
I
SINK = 1 mA
0.1
V
I
OZH,
I
OZL
TRI-STATE® Leakage Current
±0.1
±10
µA (max)
C
OUT
TRI-STATE® Output Capacitance
2
4
pF (max)
Output Coding
Straight (Natural) Binary
POWER SUPPLY CHARACTERISTICS
V
A
Supply Voltage
2.7
V (min)
5.25
V (max)
I
A
Supply Current, Normal Mode
(Operational, CS low)
V
A = +5.25V,
f
SAMPLE = 200 ksps
1.47
2.2
mA (max)
V
A = +3.6V,
f
SAMPLE = 200 ksps
0.36
0.9
mA (max)
Supply Current, Shutdown (CS high)
f
SCLK = 0 MHz, VA = +5.25V
f
SAMPLE = 0 ksps
500
nA
V
A = +5.25V, fSCLK = 4 MHz,
f
SAMPLE = 0 ksps
60
µA
P
D
Power Consumption, Normal Mode
(Operational, CS low)
V
A = +5.25V
7.7
11.6
mW (max)
V
A = +3.6V
1.3
3.24
mW (max)
Power Consumption, Shutdown (CS
high)
f
SCLK = 0 MHz, VA = +5.25V
f
SAMPLE = 0 ksps
2.6
µW
f
SCLK = 4 MHz, VA = +5.25V,
f
SAMPLE = 0 ksps
315
µW
AC ELECTRICAL CHARACTERISTICS
f
SCLK
Clock Frequency
(Note 8)
1.0
MHz (min)
4.0
MHz (max)
www.national.com
4


同様の部品番号 - ADC081S021CISD

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADC081S021CISD/NOPB TI1-ADC081S021CISD/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Single-Channel, 50-ksps to 200-ksps, 8-Bit A/D Converter
ADC081S021CISDX/NOPB TI1-ADC081S021CISDX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Single-Channel, 50-ksps to 200-ksps, 8-Bit A/D Converter
More results

同様の説明 - ADC081S021CISD

メーカー部品番号データシート部品情報
logo
ams AG
AS1534 AMSCO-AS1534 Datasheet
351Kb / 2P
   12-bit, 8-Channel, Low-Power, 200ksps A/D Converter
logo
Texas Instruments
ADC081S021 TI1-ADC081S021 Datasheet
1Mb / 29P
[Old version datasheet]   Single-Channel, 50-ksps to 200-ksps, 8-Bit A/D Converter
ADC088S022 TI1-ADC088S022_14 Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC088S022 NSC-ADC088S022_06 Datasheet
824Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
ADC088S022 NSC-ADC088S022 Datasheet
804Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC101S021 TI1-ADC101S021 Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 50 to 200 ksps, 10-Bit A/D Converter
ADC121S021 TI1-ADC121S021 Datasheet
1Mb / 26P
[Old version datasheet]   Single-Channel, 50- to 200-ksps, 12-Bit A/D Converter
ADC081S101-MIL TI1-ADC081S101-MIL Datasheet
430Kb / 24P
[Old version datasheet]   Single-Channel, 0.5 to 1-Msps, 8-Bit A/D Converter
ADC081S101 TI1-ADC081S101 Datasheet
1Mb / 23P
[Old version datasheet]    Single Channel, 0.5 to 1 Msps, 8-Bit A/D Converter
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com