データシートサーチシステム |
|
LM12L458 データシート(PDF) 7 Page - National Semiconductor (TI) |
|
|
LM12L458 データシート(HTML) 7 Page - National Semiconductor (TI) |
7 / 29 page Electrical Characteristics (Continued) 01171104 Note 7: VA+ and VD+ must be connected together to the same power supply voltage and bypassed with separate capacitors at each V + pin to assure conversion/comparison accuracy. Note 8: Accuracy is guaranteed when operating at fCLK = 6 MHz. Note 9: With the test condition for VREF =VREF+ −VREF− given as +2.5V, the 12-bit LSB is 305 µV and the 8-bit/“Watchdog” LSB is 4.88 mV. Note 10: Typical figures are at TA = 25˚C and represent most likely parametric norm. Note 11: Limits are guaranteed to National’s AOQL (Average Output Quality Level). Note 12: Positive integral linearity error is defined as the deviation of the analog value, expressed in LSBs, from the straight line that passes through positive full-scale and zero. For negative integral linearity error the straight line passes through negative full-scale and zero. (See Figures 7, 8). Note 13: Zero error is a measure of the deviation from the mid-scale voltage (a code of zero), expressed in LSB. It is the worst-case value of the code transitions between −1 to 0 and 0 to +1 (see Figure 9). Note 14: The DC common-mode error is measured with both inputs shorted together and driven from 0V to +2.5V. The measured value is referred to the resulting output value when the inputs are driven with a 1.25V signal. Note 15: Power Supply Sensitivity is measured after Auto-Zero and/or Auto-Calibration cycle has been completed with VA+ and VD+ at the specified extremes. Note 16: VREFCM (Reference Voltage Common Mode Range) is defined as (VREF+ +VREF−)/2. Note 17: The LM12L458’s self-calibration technique ensures linearity and offset errors as specified, but noise inherent in the self-calibration process will result in a repeatability uncertainty of ±0.10 LSB. Note 18: The Throughput Rate is for a single instruction repeated continuously. Sequencer states 0 (1 clock cycle), 1 (1 clock cycle), 7 (9 clock cycles) and 5 (44 clock cycles) are used (see Figure 15). One additional clock cycle is used to read the conversion result stored in the FIFO, for a total of 56 clock cycles per conversion. The Throughput Rate is fCLK (MHz)/N, where N is the number of clock cycles/conversion. Test Circuits and Waveforms 01171115 01171116 01171117 01171118 FIGURE 1. TRI-STATE Test Circuits and Waveforms www.national.com 7 |
同様の部品番号 - LM12L458_06 |
|
同様の説明 - LM12L458_06 |