データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM12454CIV データシート(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM12454CIV
部品情報  12-Bit Sign Data Acquisition System with Self-Calibration
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12454CIV データシート(HTML) 8 Page - National Semiconductor (TI)

Back Button LM12454CIV Datasheet HTML 4Page - National Semiconductor (TI) LM12454CIV Datasheet HTML 5Page - National Semiconductor (TI) LM12454CIV Datasheet HTML 6Page - National Semiconductor (TI) LM12454CIV Datasheet HTML 7Page - National Semiconductor (TI) LM12454CIV Datasheet HTML 8Page - National Semiconductor (TI) LM12454CIV Datasheet HTML 9Page - National Semiconductor (TI) LM12454CIV Datasheet HTML 10Page - National Semiconductor (TI) LM12454CIV Datasheet HTML 11Page - National Semiconductor (TI) LM12454CIV Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Digital Characteristics (Notes 6, 7)
The following specifications apply to the LM12454, LM12458, and LM12H458 for V
A+=VD+ = 5V, unless otherwise specified.
Boldface limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C.
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 11)
Units
V
IN(1)
Logical “1” Input Voltage
V
A+=VD+ = 5.5V
2.0
V (min)
V
IN(0)
Logical “0” Input Voltage
V
A+=VD+ = 4.5V
0.8
V (max)
I
IN(1)
Logical “1” Input Current
V
IN = 5V
0.005
1.0
µA (max)
I
IN(0)
Logical “0” Input Current
V
IN = 0V
−0.005
−1.0
µA (max)
C
IN
D0–D15 Input Capacitance
6
pF
V
OUT(1)
Logical “1” Output Voltage
V
A+=VD+ = 4.5V
I
OUT = −360 µA
2.4
V (min)
I
OUT = −10 µA
4.25
V (min)
V
OUT(0)
Logical “0” Output Voltage
V
A+=VD+ = 4.5V
I
OUT = 1.6 mA
0.4
V (max)
I
OUT
TRI-STATE® Output Leakage Current
V
OUT = 0V
−0.01
−3.0
µA (max)
V
OUT = 5V
0.01
3.0
µA (max)
Digital Timing Characteristics (Notes 6, 7, 8)
The following specifications apply to the LM12454, LM12458, and LM12H458 for V
A+=VD+ = 5V, tr =tf = 3 ns, and CL = 100
pF on data I/O, INT and DMARQ lines unless otherwise specified. Boldface limits apply for T
A =TJ =TMIN to TMAX; all other
limits T
A =TJ = 25˚C.
Symbol (See Figures
8, 9, 10)
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 11)
Units
1, 3
CS or Address Valid to ALE Low Set-Up
Time
40
ns (min)
2, 4
CS or Address Valid to ALE Low Hold
Time
20
ns (min)
5
ALE Pulse Width
45
ns (min)
6
RD High to Next ALE High
35
ns (min)
7
ALE Low to RD Low
20
ns (min)
8
RD Pulse Width
100
ns (min)
9
RD High to Next RD or WR Low
100
ns (min)
10
ALE Low to WR Low
20
ns (min)
11
WR Pulse Width
60
ns (min)
12
WR High to Next ALE High
75
ns (min)
13
WR High to Next RD or WR Low
140
ns (min)
14
Data Valid to WR High Set-Up Time
40
ns (min)
15
Data Valid to WR High Hold Time
30
ns (min)
16
RD Low to Data Bus Out of TRI-STATE
40
10
ns (min)
70
ns (max)
17
RD High to TRI-STATE
R
L =1k
30
10
ns (min)
110
ns (max)
18
RD Low to Data Valid (Access Time)
30
10
ns (min)
80
ns (max)
20
Address Valid or CS Low to RD Low
20
ns (min)
21
Address Valid or CS Low to WR Low
20
ns (min)
19
Address Invalid from RD or WR High
10
ns (min)
22
INT High from RD Low
30
10
ns (min)
60
ns (max)
23
DMARQ Low from RD Low
30
10
ns (min)
60
ns (max)
www.national.com
8


同様の部品番号 - LM12454CIV

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM12454CIV NSC-LM12454CIV Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
More results

同様の説明 - LM12454CIV

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12L458 TI1-LM12L458_16 Datasheet
803Kb / 38P
[Old version datasheet]   12-Bit Sign Data Acquisition System with Self-Calibration
logo
National Semiconductor ...
LM12L458 NSC-LM12L458 Datasheet
695Kb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458_06 Datasheet
884Kb / 29P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12454 TI1-LM12454_14 Datasheet
1Mb / 45P
[Old version datasheet]   LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
logo
National Semiconductor ...
LM12434 NSC-LM12434 Datasheet
1Mb / 80P
   Sign Data Acquisition System with Serial I/O and Self-Calibration
logo
Micro Linear Corporatio...
ML2200 MICRO-LINEAR-ML2200 Datasheet
1Mb / 28P
   12-Bit Plus Sign Data Acquisition Peripheral
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
   Monolithic, 12-Bit Data Acquisition System
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
   Monolithic, 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com