データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM12458CIVX データシート(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM12458CIVX
部品情報  12-Bit Sign Data Acquisition System with Self-Calibration
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12458CIVX データシート(HTML) 1 Page - National Semiconductor (TI)

  LM12458CIVX Datasheet HTML 1Page - National Semiconductor (TI) LM12458CIVX Datasheet HTML 2Page - National Semiconductor (TI) LM12458CIVX Datasheet HTML 3Page - National Semiconductor (TI) LM12458CIVX Datasheet HTML 4Page - National Semiconductor (TI) LM12458CIVX Datasheet HTML 5Page - National Semiconductor (TI) LM12458CIVX Datasheet HTML 6Page - National Semiconductor (TI) LM12458CIVX Datasheet HTML 7Page - National Semiconductor (TI) LM12458CIVX Datasheet HTML 8Page - National Semiconductor (TI) LM12458CIVX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LM12454/LM12458/LM12H458
12-Bit + Sign Data Acquisition System with
Self-Calibration
General Description
The LM12458, and LM12H458 are highly integrated Data
Acquisition Systems. Operating on just 5V, they combine a
fully-differential self-calibrating (correcting linearity and zero
errors) 13-bit (12-bit + sign) analog-to-digital converter
(ADC) and sample-and-hold (S/H) with extensive analog
functions and digital functionality. Up to 32 consecutive con-
versions, using two’s complement format, can be stored in
an internal 32-word (16-bit wide) FIFO data buffer. An inter-
nal 8-word RAM can store the conversion sequence for up to
eight acquisitions through the LM12(H)458’s eight-input mul-
tiplexer. The obsolete LM12454 has a four-channel multi-
plexer, a differential multiplexer output, and a differential S/H
input. The LM12(H)458 can also operate with 8-bit + sign
resolution and in a supervisory “watchdog” mode that com-
pares an input signal against two programmable limits.
Programmable acquisition times and conversion rates are
possible through the use of internal clock-driven timers. The
reference voltage input can be externally generated for ab-
solute or ratiometric operation or can be derived using the
internal 2.5V bandgap reference.
All registers, RAM, and FIFO are directly addressable
through the high speed microprocessor interface to either an
8-bit or 16-bit data bus. The LM12(H)458 includes a direct
memory access (DMA) interface for high-speed conversion
data transfer.
Additional applications information can be found in applica-
tions notes AN-906, AN-947 and AN-949.
Key Specifications
(f
CLK = 5 MHz; 8 MHz, H)
j
Resolution
12-bit + sign or 8-bit + sign
j
13-bit conversion time
8.8 µs, 5.5 µs (H) (max)
j
9-bit conversion time
4.2 µs, 2.6 µs (H) (max)
j
13-bit Through-put rate
88k samples/s (min),
140k samples/s (H) (min)
j
Comparison time
(“watchdog” mode)
2.2 µs (max),
1.4 µs (H) (max)
j
ILE
±1 LSB (max)
j
V
IN range
GND to V
A
+
j
Power Consumption
30 mW, 34 mW (H) (max)
j
Stand-by mode
50 µW (typ)
j
Single supply
3V to 5.5V
Features
n
Three operating modes: 12-bit + sign, 8-bit + sign, and
“watchdog”
n
Single-ended or differential inputs
n
Built-in Sample-and-Hold and 2.5V bandgap reference
n
Instruction RAM and event sequencer
n
8-channel multiplexer
n
32-word conversion FIFO
n
Programmable acquisition times and conversion rates
n
Self-calibration and diagnostic mode
n
8- or 16-bit wide data bus microprocessor or DSP
interface
Applications
n
Data Logging
n
Instrumentation
n
Process Control
n
Energy Management
n
Inertial Guidance
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
AT® is a registered trademark of International Business Machines Corporation.
February 2006
© 2006 National Semiconductor Corporation
DS011264
www.national.com


同様の部品番号 - LM12458CIVX

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM12458CIVX TI1-LM12458CIVX Datasheet
1Mb / 45P
[Old version datasheet]   LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
LM12458CIVX/NOPB TI1-LM12458CIVX/NOPB Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
More results

同様の説明 - LM12458CIVX

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12L458 TI1-LM12L458_16 Datasheet
803Kb / 38P
[Old version datasheet]   12-Bit Sign Data Acquisition System with Self-Calibration
logo
National Semiconductor ...
LM12L458 NSC-LM12L458 Datasheet
695Kb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458_06 Datasheet
884Kb / 29P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12454 TI1-LM12454_14 Datasheet
1Mb / 45P
[Old version datasheet]   LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
logo
National Semiconductor ...
LM12434 NSC-LM12434 Datasheet
1Mb / 80P
   Sign Data Acquisition System with Serial I/O and Self-Calibration
logo
Micro Linear Corporatio...
ML2200 MICRO-LINEAR-ML2200 Datasheet
1Mb / 28P
   12-Bit Plus Sign Data Acquisition Peripheral
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
   Monolithic, 12-Bit Data Acquisition System
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
   Monolithic, 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com