データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM12458CIVF データシート(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM12458CIVF
部品情報  12-Bit Sign Data Acquisition System with Self-Calibration
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12458CIVF データシート(HTML) 6 Page - National Semiconductor (TI)

Back Button LM12458CIVF Datasheet HTML 2Page - National Semiconductor (TI) LM12458CIVF Datasheet HTML 3Page - National Semiconductor (TI) LM12458CIVF Datasheet HTML 4Page - National Semiconductor (TI) LM12458CIVF Datasheet HTML 5Page - National Semiconductor (TI) LM12458CIVF Datasheet HTML 6Page - National Semiconductor (TI) LM12458CIVF Datasheet HTML 7Page - National Semiconductor (TI) LM12458CIVF Datasheet HTML 8Page - National Semiconductor (TI) LM12458CIVF Datasheet HTML 9Page - National Semiconductor (TI) LM12458CIVF Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Converter AC Characteristics (Notes 6, 7, 8, 9) (Continued)
The following specifications apply to the LM12454, LM12458, and LM12H458 for V
A+=VD+ = 5V, VREF+ = 5V, VREF− = 0V,
12-bit + sign conversion mode, f
CLK = 8.0 MHz (LM12H458) or fCLK = 5.0 MHz (LM12454/8), RS =25
Ω, source impedance for
V
REF+ and VREF−
≤ 25Ω, fully-differential input with fixed 2.5V common-mode voltage, and minimum acquisition time unless
otherwise specified. Boldface limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C.
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits (Note 11)
Units
t
WD
“Watchdog” Mode
Comparison Time
Sequencer States S6, S4, and S5
(Figure 15)
11 (t
CLK)
11 (t
CLK)+50ns
(max)
DSNR
Differential Signal-to-Noise
Ratio
V
IN = ±5V
f
IN = 1 kHz
77.5
dB
f
IN = 20 kHz
75.2
dB
f
IN = 40 kHz
74.7
dB
SESNR
Single-Ended Signal-to-Noise
Ratio
V
IN =5Vp-p
f
IN = 1 kHz
69.8
dB
f
IN = 20 kHz
69.2
dB
f
IN = 40 kHz
66.6
dB
DSINAD
Differential Signal-to-Noise +
Distortion Ratio
V
IN = ±5V
f
IN = 1 kHz
76.9
dB
f
IN = 20 kHz
73.9
dB
f
IN = 40 kHz
70.7
dB
SESINAD
Single-Ended Signal-to-Noise
+ Distortion Ratio
V
IN =5Vp-p
f
IN = 1 kHz
69.4
dB
f
IN = 20 kHz
68.3
dB
f
IN = 40 kHz
65.7
dB
DTHD
Differential Total Harmonic
Distortion
V
IN = ±5V
f
IN = 1 kHz
−85.8
dB
f
IN = 20 kHz
−79.9
dB
f
IN = 40 kHz
−72.9
dB
SETHD
Single-Ended Total Harmonic
Distortion
V
IN =5Vp-p
f
IN = 1 kHz
−80.3
dB
f
IN = 20 kHz
−75.6
dB
f
IN = 40 kHz
−72.8
dB
DENOB
Differential Effective Number
of Bits
V
IN = ±5V
f
IN = 1 kHz
12.6
Bits
f
IN = 20 kHz
12.2
Bits
f
IN = 40 kHz
12.1
Bits
SEENOB
Single-Ended Effective
Number of Bits
V
IN =5Vp-p
f
IN = 1 kHz
11.3
Bits
f
IN = 20 kHz
11.2
Bits
f
IN = 40 kHz
10.8
Bits
DSFDR
Differential Spurious Free
Dynamic Range
V
IN = ±5V
f
IN = 1 kHz
87.2
dB
f
IN = 20 kHz
78.9
dB
f
IN = 40 kHz
72.8
dB
Multiplexer
Channel-to-Channel
Crosstalk
V
IN =5VP-P,fIN = 40 kHz,
LM12454 MUXOUT Only
−76
dB
V
IN =5VP-P,fIN = 40 kHz,
LM12(H)458 MUX plus Converter
−78
dB
t
PU
Power-Up Time
10
ms
t
WU
Wake-Up Time
10
ms
www.national.com
6


同様の部品番号 - LM12458CIVF

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM12458CIVF NSC-LM12458CIVF Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
More results

同様の説明 - LM12458CIVF

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12L458 TI1-LM12L458_16 Datasheet
803Kb / 38P
[Old version datasheet]   12-Bit Sign Data Acquisition System with Self-Calibration
logo
National Semiconductor ...
LM12L458 NSC-LM12L458 Datasheet
695Kb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458_06 Datasheet
884Kb / 29P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12454 TI1-LM12454_14 Datasheet
1Mb / 45P
[Old version datasheet]   LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
logo
National Semiconductor ...
LM12434 NSC-LM12434 Datasheet
1Mb / 80P
   Sign Data Acquisition System with Serial I/O and Self-Calibration
logo
Micro Linear Corporatio...
ML2200 MICRO-LINEAR-ML2200 Datasheet
1Mb / 28P
   12-Bit Plus Sign Data Acquisition Peripheral
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
   Monolithic, 12-Bit Data Acquisition System
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
   Monolithic, 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com