データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-2 データシート(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

部品番号 SD-2
部品情報  POWER DIVIDERS 0쨘 : 2-WAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SYNERGY [SYNERGY MICROWAVE CORPORATION]
ホームページ  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

SD-2 データシート(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  SD-2 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION SD-2 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION SD-2 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION SD-2 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION SD-2 Datasheet HTML 5Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
[ 106 ]
POWER DIVIDERS
0º : 2-WAY
POWER DIVIDERS
0º : 2-WAY
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
LEADLESS SURFACE-MOUNT
0.1 - 100
25/20
25/22
23/20
0.2/0.4 0.25/0.6 0.4/1.0
2.0
2.0
2.0
0.2
0.2
0.2
133
3
SPD-C2
1 - 500
35/25
32/25
30/20
0.3/0.6 0.35/0.7 0.6/1.0
2.0
3.0
4.0
0.2
0.3
0.3
133
3
SPD-C1
2 - 300
25/20
30/20
25/20
0.5/0.9 0.6/0.8 0.8/1.0
3.0
4.0
5.0
0.4
0.5
0.5
134
1
SD-1
5 - 500
25/20
30/20
25/20
0.4/0.7 0.5/0.8 0.6/1.0
3.0
4.0
5.0
0.4
0.4
0.6
134
2
SD-2
10 - 1000
25/20
30/17
25/17
0.5/0.8 0.6/1.0 1.0/1.5
2.0
4.0
7.0
0.4
0.5
0.7
134
2
SD-3
10 - 1000
25/20
30/20
25/17
0.5/0.8 0.6/1.0 1.0/1.5
2.0
4.0
7.0
0.4
0.5
0.7
147
4
SPD-M-3
10 - 1000
22/19
19/17
18/15
0.4/0.8 0.7/1.2 1.2/1.5
2.0
3.0
5.0
0.2
0.3
0.5
133
3
SPD-C5
400 - 2700
-/-
-/-
25/20
-/-
-/-
1.0/1.5
-/-
-/-
6.0
-/-
-/-
0.5
133
3
SPD-C12
500 - 1500
20/15
20/15
20/15
0.6/0.8 0.7/0.8 0.8/1.0
3.0
4.0
5.0
0.3
0.4
0.5
133
3
SPD-C4
700 - 1000
20/15
20/15
20/15
0.6/0.8 0.6/0.8 0.8/1.0
3.0
4.0
5.0
0.3
0.4
0.5
133
3
SPD-C3
*GROUND = Ground externally
#1
2
4,6
1,3,5
#2
6
3,4
1,2,5
#3
3
1,2
4,5,6
#4
1
2,4
3
#5
1
4,16
All other
#6
1
2,3
All other
INPUT
OUTPUT
*GROUND
PIN-OUT TABLE
133
134
147
850 - 960
-/-
-/-
27/20
-/-
-/-
0.6/1.0
-/-
-/-
5.0
-/-
-/-
0.4
133
3
SPD-C1-2
1600 - 1700 -/-
-/-
26/21
-/-
-/-
0.8/1.2
-/-
-/-
3.0
-/-
-/-
0.6
133
3
SPD-C7
1600-1900
-/-
-/-
24/18
-/-
-/-
0.3/0.5
--
--
2.0
--
--
0.2
218
6
SPD-C10
1725 - 1900 -/-
-/-
25/20
-/-
-/-
0.4/0.6
-/-
-/-
4.0
-/-
-/-
0.4
124S
5
DSS-927
2000 - 2100 -/-
-/-
26/21
-/-
-/-
0.4/0.6
-/-
-/-
3.0
-/-
-/-
0.6
133
3
SPD-C8
2000 - 2200 -/-
-/-
25/20
-/-
-/-
0.8/1.2
-/-
-/-
3.0
-/-
-/-
0.6
124S
5
DSS-928
2200 - 2400 -/-
-/-
25/20
-/-
-/-
0.8/1.2
-/-
-/-
3.0
-/-
-/-
0.6
124S
5
DSS-929
800 - 1000
-/-
-/-
20/14
-/-
-/-
0.5/0.8
-/-
-/-
5.0
-/-
-/-
0.5
232
6
M2D810
1800 - 2200 -/-
-/-
20/15
-/-
-/-
0.5/1.0
-/-
-/-
6.0
-/-
-/-
0.7
231
6
M2D1822
2000 - 2550 -/-
-/-
20/15
-/-
-/-
0.5/1.0
-/-
-/-
6.0
-/-
-/-
0.7
231
6
M2D2025
218
MODEL
PHASE UNBALANCE
(Degrees)
LB
MB
UB
MAX
MAX
MAX
INSERTION LOSS (dB)
LB
MB
UB
TYP/MAX
TYP/MAX
TYP/MAX
FREQUENCY
RANGE
(MHz)
ISOLATION (dB)
LB
MB
UB
TYP/MIN
TYP/MIN
TYP/MIN
PIN-OUT
(See
Below)
AMPLITUDE UNBALANCE
(dB)
LB
MB
UB
MAX
MAX
MAX
PACKAGE
124S
133
Notes:
Power Rating(All Models) = 1 watt, max
(UB) - Denotes full bandwidth specification
For pin location and package outline drawings, see back pages.
LB = LF to 10 LF
MB = 10 LF to HF/2
UB = HF/2 to HF
LEADLESS SURFACE-MOUNT
231
232
MODEL
PHASE UNBALANCE
(Degrees)
LB
MB
UB
MAX
MAX
MAX
INSERTION LOSS (dB)
LB
MB
UB
TYP/MAX
TYP/MAX
TYP/MAX
FREQUENCY
RANGE
(MHz)
ISOLATION (dB)
LB
MB
UB
TYP/MIN TYP/MIN
TYP/MIN
PIN-OUT
(See
Below)
AMPLITUDE UNBALANCE
(dB)
LB
MB
UB
TYP/MAX TYP/MAX
MAX
PACKAGE


同様の部品番号 - SD-2

メーカー部品番号データシート部品情報
logo
Festo Corporation.
SD-2 FESTO-SD-2 Datasheet
69Kb / 1P
   Dynamic pressure transducer
logo
Astrodyne Corporation
SD-200 ASTRODYNE-SD-200 Datasheet
320Kb / 3P
   200W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-200 MEANWELL-SD-200 Datasheet
522Kb / 3P
   200W Single Output DC-DC Converter
SD-200 MEANWELL-SD-200 Datasheet
467Kb / 3P
   200W Single Output DC-DC Converter
logo
List of Unclassifed Man...
SD-2000 ETC2-SD-2000 Datasheet
244Kb / 8P
   ROTARY CODED SWITCHES
More results

同様の説明 - SD-2

メーカー部品番号データシート部品情報
logo
SYNERGY MICROWAVE CORPO...
DSS-9C1 SYNERGY-DSS-9C1 Datasheet
35Kb / 1P
   POWER DIVIDERS 0쨘 : 8-WAY
DFS-9B1 SYNERGY-DFS-9B1 Datasheet
46Kb / 1P
   POWER DIVIDERS 0쨘 : 6-WAY
SDL-140 SYNERGY-SDL-140 Datasheet
70Kb / 2P
   POWER DIVIDERS 0쨘 : 4-WAY
SDL-135 SYNERGY-SDL-135 Datasheet
47Kb / 2P
   POWER DIVIDERS 0쨘 : 3-WAY
DES-901 SYNERGY-DES-901 Datasheet
31Kb / 1P
   POWER DIVIDERS 0쨘 : 5-WAY
DLP-901 SYNERGY-DLP-901 Datasheet
39Kb / 1P
   POWER DIVIDERS 0쨘 : 12-WAY
DXP-9A2 SYNERGY-DXP-9A2 Datasheet
29Kb / 1P
   POWER DIVIDERS 0쨘 : 10-WAY
logo
M/A-COM Technology Solu...
MAPDCT0029 MA-COM-MAPDCT0029 Datasheet
223Kb / 3P
   2 Way 0쨘 Power Divider
MAPD-010038-C209C0 MA-COM-MAPD-010038-C209C0 Datasheet
190Kb / 4P
   2 Way 0쨘 Power Divider
MAPD-010281-C2W024 MA-COM-MAPD-010281-C2W024_15 Datasheet
155Kb / 4P
   2 Way 0쨘 Power Divider
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com