データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1237 データシート(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM1237
部品情報  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1237 データシート(HTML) 4 Page - National Semiconductor (TI)

  LM1237_04 Datasheet HTML 1Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 2Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 3Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 4Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 5Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 6Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 7Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 8Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
DAC Output Electrical Characteristics (Continued)
Unless otherwise noted: T
A = 25˚C, VCC = +5.0V, VIN = 0.7V, VABL =VCC,CL = 8 pF, Video Outputs = 2.0 VP-P. See Note 7
for Min and Max parameters and Note 6 for Typicals. DAC parameters apply to all 4 DACs.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
Min DAC
Min output voltage of DAC
Register Value = 0x00
0.5
0.7
V
∆V
Max DAC
(Temp)
Variation in voltage of DAC with
temperature
0 < T < 70˚C ambient
±0.5
mV/˚C
∆V
Max DAC (VCC)
Variation in voltage of DAC with
V
CC
4.75 < V
CC < 5.25V
±50
mV/V
Linearity
Linearity of DAC over its range
5
%
Monotonicity
Monotonicity of the DAC
Excluding dead zones
±0.5
LSB
I
MAX
Max Load Current
−1.0
1.0
mA
System Interface Signal Characteristics
Unless otherwise noted: T
A = 25˚C, VCC = +5.0V, VIN = 0.7V, VABL =VCC,CL = 8 pF, Video Outputs = 2.0 VP-P. See Note 7
for Min and Max parameters and Note 6 for Typicals. DAC parameters apply to all 4 DACs.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
VTH+
VFLYBACK positive switching
guarantee.
Vertical Blanking triggered
2.0
V
V
SPOT
Spot Killer Voltage
Note 17, V
CC Adjusted to Activate
3.4
3.9
4.25
V
V
Ref
V
Ref Output Voltage
1.25
1.45
1.65
V
V
IL (SCL, SDA)
Logic Low Input Voltage
−0.5
1.5
V
V
IH (SCL, SDA)
Logic High Input Voltage
3.0
V
CC +
0.5
V
I
L (SCL, SDA)
Logic Low Input Current
SDA or SCL, Input Voltage = 0.4V
±10
µA
I
H (SCL, SDA)
Logic High Input Voltage
SDA or SCL, Input Voltage = 4.5V
±10
µA
V
OL (SCL, SDA)
Logic Low Output Voltage
I
O = 3 mA
0.5
V
f
H Min
Minimum Horizontal Frequency
PLL & OSD Operational; PLL
Range = 0
25
kHz
f
H Max
Maximum Horizontal Frequency
PLL & OSD Operational; PLL
Range = 3
110
kHz
I
HFB IN Max
Horizontal Flyback Input Current
Absolute Maximum During Flyback
5
mA
I
IN
Peak Current during flyback
Design Value
4
mA
I
HFB OUT Max
Horizontal Flyback Input Current
Absolute Maximum During Scan
−700
µA
I
OUT
Peak Current during Scan
Design Value
−550
µA
I
IN THRESHOLD
I
IN H-Blank Detection Threshold
0
µA
t
H-BLANK ON
H-Blank Time Delay - On
+ Zero crossing of I
HFB to 50% of
output blanking start. I
24 = +1.5mA
45
ns
t
H-BLANK OFF
H-Blank Time Delay - Off
− Zero crossing of I
HFB to 50% of
output blanking end. I
24 = −100µA
85
ns
V
BLANK Max
Maximum Video Blanking Level
Test Setting 4, AC input signal.
0
0.25
V
f
FREERUN
Free Run H Frequency, including H
Blank
42
kHz
t
PW CLAMP
Minimum Clamp Pulse Width
See Note 15
200
ns
V
CLAMP MAX
Maximum Low Level Clamp Pulse
Voltage
Video Clamp Functioning
2.0
V
V
CLAMP MIN
Minimum High Level Clamp Pulse
Voltage
Video Clamp Functioning
3.0
V
I
CLAMP Low
Clamp Gate Low Input Current
V
23 = 2V
−0.4
µA
I
CLAMP High
Clamp Gate High Input Current
V
23 = 3V
0.4
µA
t
CLAMP-VIDEO
Time from End of Clamp Pulse to
Start of Video
Referenced to Blue, Red and Green
inputs
50
ns
Note 1: Limits of Absolute Maximum Ratings indicate below which damage to the device must not occur.
www.national.com
4


同様の部品番号 - LM1237_04

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1237AAF/NA NSC-LM1237AAF/NA Datasheet
1Mb / 42P
   150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
More results

同様の説明 - LM1237_04

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1237 NSC-LM1237 Datasheet
1Mb / 42P
   150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
LM1236 NSC-LM1236 Datasheet
1Mb / 43P
   150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD ROM, 512 Character RAM and 4 DACs
LM1246 NSC-LM1246 Datasheet
2Mb / 51P
   150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
LM1247 NSC-LM1247 Datasheet
3Mb / 48P
   150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
LM1276 NSC-LM1276 Datasheet
2Mb / 50P
   150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
LM1238 NSC-LM1238 Datasheet
1Mb / 24P
   110 MHz I2C Compatible RGB Preamplifier with Internal Simple OSD Generator and 4 DACs
LM1267 NSC-LM1267 Datasheet
1Mb / 20P
   150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
LM1262 NSC-LM1262 Datasheet
1Mb / 20P
   200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
LM1269 NSC-LM1269 Datasheet
1Mb / 20P
   110 MHz I2C Compatible RGB Video Amplifier System with OSD & DACs
logo
Texas Instruments
LM1276 TI1-LM1276 Datasheet
1Mb / 56P
[Old version datasheet]   Compatible RGB Preamplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com