データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1237 データシート(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM1237
部品情報  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1237 データシート(HTML) 6 Page - National Semiconductor (TI)

Back Button LM1237_04 Datasheet HTML 2Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 3Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 4Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 5Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 6Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 7Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 8Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 9Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
LM1253A Compatibility
In order to maintain register compatibility with the LM1253A preamplifier datasheet assignments for bias and brightness, the color
assignments are recommended as shown in Table 2. If datasheet compatibility is not required, then the DAC assignments can be
arbitrary.
TABLE 2. LM1253A Compatibility
DAC Bias Outputs
LM1237 Pin:
DAC 1
DAC 2
DAC 3
DAC 4
Assignment:
Blue
Green
Red
Brightness
OSD vs Video Intensity
The OSD amplitude has been increased over the LM1253A level. During monitor alignment, the three gain registers are used to
achieve the desired front of screen color balance. This also causes the OSD channels to be adjusted accordingly, since these are
inserted into the video channels prior to the gain attenuators. This provides the means to fine tune the intensity of the OSD relative
to the video as follows. If a typical starting point for the alignment is to have the gains at maximum (0x7F) and the contrast at 0x55,
the resultant OSD intensity will be higher than if the starting point is with the gains at 0x55 and the contrast at maximum (0x7F).
This tradeoff allows fine tuning the final OSD intensity relative to the video. In addition, the OSD contrast register, 0x8438 [4:3],
provides 4 major increments of intensity. Together, these allow setting the OSD intensity to the most pleasing level.
Typical Performance Characteristics V
CC = 5V, TA = 25˚C unless otherwise specified
System Interface Signals
The Horizontal and Vertical Blanking and the Clamping input signals are important for proper functionality of the LM1237. Both
blanking inputs must be present for OSD synchronization. In addition, the Horizontal blanking input also assists in setting the
proper cathode black level, along with the Clamping pulse. The Vertical blanking input initiates a blanking level at the LM1237
outputs which is programmable from 3 to 127 lines (we recommend at least 10). This can be optionally disabled so there is no
vertical blanking.
Figure 2 and Figure 3 show the case where the Horizontal and Vertical inputs are logic levels. Figure 2 shows the smaller pin 24
voltage superimposed on the horizontal blanking pulse input to the neck board with R
H = 4.7K and C17 = 0.1µF. Note where the
voltage at pin 24 is clamped to about 1 volt when the pin is sinking current. Figure 3 shows the smaller pin 1 voltage
superimposed on the vertical blanking input to the neck board with C
4 jumpered and RV = 4.7K. These component values
correspond to the application circuit of Figure 15.
20023454
FIGURE 2. Logic Horizontal Blanking
20023455
FIGURE 3. Logic Vertical Blanking
www.national.com
6


同様の部品番号 - LM1237_04

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1237AAF/NA NSC-LM1237AAF/NA Datasheet
1Mb / 42P
   150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
More results

同様の説明 - LM1237_04

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1237 NSC-LM1237 Datasheet
1Mb / 42P
   150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
LM1236 NSC-LM1236 Datasheet
1Mb / 43P
   150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD ROM, 512 Character RAM and 4 DACs
LM1246 NSC-LM1246 Datasheet
2Mb / 51P
   150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
LM1247 NSC-LM1247 Datasheet
3Mb / 48P
   150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
LM1276 NSC-LM1276 Datasheet
2Mb / 50P
   150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
LM1238 NSC-LM1238 Datasheet
1Mb / 24P
   110 MHz I2C Compatible RGB Preamplifier with Internal Simple OSD Generator and 4 DACs
LM1267 NSC-LM1267 Datasheet
1Mb / 20P
   150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
LM1262 NSC-LM1262 Datasheet
1Mb / 20P
   200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
LM1269 NSC-LM1269 Datasheet
1Mb / 20P
   110 MHz I2C Compatible RGB Video Amplifier System with OSD & DACs
logo
Texas Instruments
LM1276 TI1-LM1276 Datasheet
1Mb / 56P
[Old version datasheet]   Compatible RGB Preamplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com