データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1237 データシート(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM1237
部品情報  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1237 データシート(HTML) 1 Page - National Semiconductor (TI)

  LM1237_04 Datasheet HTML 1Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 2Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 3Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 4Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 5Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 6Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 7Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 8Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
LM1237
150 MHz I
2C Compatible RGB Preamplifier with Internal
254 Character OSD and 4 DACs
General Description
The LM1237 pre-amp is an integrated CMOS CRT preamp.
It has an I
2C compatible interface which allows control of all
the parameters necessary to directly setup and adjust the
gain and contrast in the CRT display. Brightness and bias
can be controlled through the DAC outputs which are well
matched to the LM2479 and LM2480 integrated bias clamp
ICs. The LM1237 preamp is also designed to be compatible
with the LM246x high gain driver family.
Black level clamping of the video signal is carried out directly
on the AC coupled input signal into the high impedance
preamplifier input, thus eliminating the need for additional
clamp capacitors. Horizontal and vertical blanking of the
outputs is provided. Vertical blanking is optional and its
duration is register programmable.
The IC is packaged in an industry standard 24 lead DIP
molded plastic package.
Features
n
I
2C compatible microcontroller interface
n
Internal 254 character OSD usable as either (a) 190
2-color plus 64 4-color characters, (b) 318 2-color
characters, or (c) some combination in between.
n
OSD override allows OSD messages to override video
and the use of burn-in screens with no video input
n
4 DAC outputs (8-bit resolution) for bus controlled CRT
bias and brightness
n
Spot killer which blanks the video outputs when V
CC
falls below the specified threshold
n
Suitable for use with discrete or integrated clamp, with
software configurable brightness mixer
n
H and V blanking (V blanking is optional and has
register programmable width)
n
Power Saving Mode with 80% power reduction
n
Matched to LM246x driver and LM2479/80 drivers
Applications
n
Low end 15" and 17" bus controlled monitors with OSD
n
1024x768 displays up to 85 Hz requiring OSD capability
n
Very low cost systems with LM246x driver
Block and Connection Diagram
20023401
FIGURE 1. Order Number LM1237BAAF/NA
See NS Package Number N24D
January 2004
© 2004 National Semiconductor Corporation
DS200234
www.national.com


同様の部品番号 - LM1237_04

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1237AAF/NA NSC-LM1237AAF/NA Datasheet
1Mb / 42P
   150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
More results

同様の説明 - LM1237_04

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1237 NSC-LM1237 Datasheet
1Mb / 42P
   150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
LM1236 NSC-LM1236 Datasheet
1Mb / 43P
   150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD ROM, 512 Character RAM and 4 DACs
LM1246 NSC-LM1246 Datasheet
2Mb / 51P
   150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
LM1247 NSC-LM1247 Datasheet
3Mb / 48P
   150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
LM1276 NSC-LM1276 Datasheet
2Mb / 50P
   150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
LM1238 NSC-LM1238 Datasheet
1Mb / 24P
   110 MHz I2C Compatible RGB Preamplifier with Internal Simple OSD Generator and 4 DACs
LM1267 NSC-LM1267 Datasheet
1Mb / 20P
   150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
LM1262 NSC-LM1262 Datasheet
1Mb / 20P
   200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
LM1269 NSC-LM1269 Datasheet
1Mb / 20P
   110 MHz I2C Compatible RGB Video Amplifier System with OSD & DACs
logo
Texas Instruments
LM1276 TI1-LM1276 Datasheet
1Mb / 56P
[Old version datasheet]   Compatible RGB Preamplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com