データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1237 データシート(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM1237
部品情報  150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1237 データシート(HTML) 10 Page - National Semiconductor (TI)

Back Button LM1237_04 Datasheet HTML 6Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 7Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 8Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 9Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 10Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 11Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 12Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 13Page - National Semiconductor (TI) LM1237_04 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Pin Descriptions and Application Information (Continued)
Pin
No.
Pin Name
Schematic
Description
9
PLL Filter
Recommended topology and values are shown
to the left. It is recommended that both filter
branches be bypassed to the independent
ground as close to pin 8 as possible. Great care
should be taken to prevent external signals from
coupling into this filter from video, I
2C, etc.
11
SDA
The I
2C compatible data line. A pull-up resistor
of about 2 Kohms should be connected between
this pin and V
CC. A resistor of at least 100
should be connected in series with the data line
for additional ESD protection.
12
SCL
The I
2C compatible clock line. A pull-up resistor
of about 2 k
Ω should be connected between this
pin and V
CC. A resistor of at least 100
Ω should
be connected in series with the clock line for
additional ESD protection.
13
14
15
16
DAC 4 Output
DAC 2 Output
DAC 3 Output
DAC 1 Output
DAC outputs for cathode cut-off adjustments and
brightness control. DAC 4 can be set to change
the outputs of the other three DACs, acting as a
brightness control. The DAC values and the
special DAC 4 function are set through the I
2C
compatible bus. A resistor of at least 100
should be connected in series with these outputs
for additional ESD protection.
17
18
Ground
V
CC
Ground pin for the output analog portion of the
LM1237 circuitry, and power supply pin for both
analog and digital sections of the LM1237. Note
the recommended charge storage and high
frequency capacitors which should be as close
to pins 17 and 18 as possible.
19
20
21
Green Output
Red Output
Blue Output
These are the three video output pins. They are
intended to drive the LM246x family of cathode
drivers. Nominally, about 2V peak to peak will
produce 40V peak to peak of cathode drive.
www.national.com
10


同様の部品番号 - LM1237_04

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1237AAF/NA NSC-LM1237AAF/NA Datasheet
1Mb / 42P
   150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
More results

同様の説明 - LM1237_04

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1237 NSC-LM1237 Datasheet
1Mb / 42P
   150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
LM1236 NSC-LM1236 Datasheet
1Mb / 43P
   150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD ROM, 512 Character RAM and 4 DACs
LM1246 NSC-LM1246 Datasheet
2Mb / 51P
   150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
LM1247 NSC-LM1247 Datasheet
3Mb / 48P
   150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
LM1276 NSC-LM1276 Datasheet
2Mb / 50P
   150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
LM1238 NSC-LM1238 Datasheet
1Mb / 24P
   110 MHz I2C Compatible RGB Preamplifier with Internal Simple OSD Generator and 4 DACs
LM1267 NSC-LM1267 Datasheet
1Mb / 20P
   150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
LM1262 NSC-LM1262 Datasheet
1Mb / 20P
   200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
LM1269 NSC-LM1269 Datasheet
1Mb / 20P
   110 MHz I2C Compatible RGB Video Amplifier System with OSD & DACs
logo
Texas Instruments
LM1276 TI1-LM1276 Datasheet
1Mb / 56P
[Old version datasheet]   Compatible RGB Preamplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com