データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8002 データシート(PDF) 3 Page - Analog Devices

部品番号 AD8002
部品情報  Dual 600 MHz, 50 mW Current Feedback Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8002 データシート(HTML) 3 Page - Analog Devices

  AD8002_01 Datasheet HTML 1Page - Analog Devices AD8002_01 Datasheet HTML 2Page - Analog Devices AD8002_01 Datasheet HTML 3Page - Analog Devices AD8002_01 Datasheet HTML 4Page - Analog Devices AD8002_01 Datasheet HTML 5Page - Analog Devices AD8002_01 Datasheet HTML 6Page - Analog Devices AD8002_01 Datasheet HTML 7Page - Analog Devices AD8002_01 Datasheet HTML 8Page - Analog Devices AD8002_01 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. D
AD8002
–3–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13.2 V
Internal Power Dissipation
2
Plastic DIP Package (N) . . . . . . . . . . . . . . . . . . . . . . . 1.3 W
Small Outline Package (R) . . . . . . . . . . . . . . . . . . . . . . 0.9 W
µSOIC Package (RM) . . . . . . . . . . . . . . . . . . . . . . . . . 0.6 W
Input Voltage (Common Mode) . . . . . . . . . . . . . . . . . . . .
±VS
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . .
±1.2 V
Output Short Circuit Duration
. . . . . . . . . . . . . . . . . . . . . . Observe Power Derating Curves
Storage Temperature Range N, R, RM . . . . . –65
°C to +125°C
Operating Temperature Range (A Grade) . . . – 40
°C to +85°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . . 300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Specification is for device in free air:
8-Lead Plastic DIP Package:
θ
JA = 90
°C/W
8-Lead SOIC Package:
θ
JA = 155
°C/W
8-Lead
µSOIC Package: θ
JA = 200
°C/W
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the
AD8002 is limited by the associated rise in junction tempera-
ture. The maximum safe junction temperature for plastic
encapsulated devices is determined by the glass transition tem-
perature of the plastic, approximately 150
°C. Exceeding this
limit temporarily may cause a shift in parametric performance
due to a change in the stresses exerted on the die by the package.
Exceeding a junction temperature of 175
°C for an extended
period can result in device failure.
While the AD8002 is internally short circuit protected, this
may not be sufficient to guarantee that the maximum junction
temperature (150
°C) is not exceeded under all conditions. To
ensure proper operation, it is necessary to observe the maximum
power derating curves.
2.0
0
–50
80
1.5
0.5
–40
1.0
010
–10
–20
–30
20
30
40
50
60
70
90
AMBIENT TEMPERATURE – C
8-LEAD PLASTIC-DIP PACKAGE
8-LEAD SOIC PACKAGE
TJ = 150 C
8-LEAD
SOIC
PACKAGE
Figure 3. Plot of Maximum Power Dissipation vs.
Temperature
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD8002 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Brand Code
AD8002AN
–40
°C to +85°C
8-Lead PDIP
N-8
Standard
AD8002AR
–40
°C to +85°C
8-Lead SOIC
SO-8
Standard
AD8002AR-REEL
–40
°C to +85°C
8-Lead SOIC 13" REEL
SO-8
Standard
AD8002AR-REEL7
–40
°C to +85°C
8-Lead SOIC 7" REEL
SO-8
Standard
AD8002ARM
–40
°C to +85°C
8-Lead
µSOIC
RM-8
HFA
AD8002ARM-REEL
–40
°C to +85°C
8-Lead
µSOIC 13" REEL
RM-8
HFA
AD8002ARM-REEL7
–40
°C to +85°C
8-Lead
µSOIC 7" REEL
RM-8
HFA
WARNING!
ESD SENSITIVE DEVICE


同様の部品番号 - AD8002_01

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8002AN AD-AD8002AN Datasheet
351Kb / 18P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8002AN AD-AD8002AN Datasheet
373Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002AN AD-AD8002AN Datasheet
556Kb / 21P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002ANZ AD-AD8002ANZ Datasheet
556Kb / 21P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002AR AD-AD8002AR Datasheet
351Kb / 18P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. C
More results

同様の説明 - AD8002_01

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8002 AD-AD8002 Datasheet
351Kb / 18P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8002ARZ AD-AD8002ARZ Datasheet
373Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002ARZ-R7 AD-AD8002ARZ-R7 Datasheet
373Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002ANZ AD-AD8002ANZ Datasheet
556Kb / 21P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002_15 Datasheet
590Kb / 21P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001ANZ AD-AD8001ANZ Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001 Datasheet
222Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8001ARTZ-REEL7 AD-AD8001ARTZ-REEL7 Datasheet
388Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_15 Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_03 Datasheet
335Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com