データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8001AN データシート(PDF) 1 Page - Analog Devices

部品番号 AD8001AN
部品情報  800 MHz, 50 mW Current Feedback Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8001AN データシート(HTML) 1 Page - Analog Devices

  AD8001AN Datasheet HTML 1Page - Analog Devices AD8001AN Datasheet HTML 2Page - Analog Devices AD8001AN Datasheet HTML 3Page - Analog Devices AD8001AN Datasheet HTML 4Page - Analog Devices AD8001AN Datasheet HTML 5Page - Analog Devices AD8001AN Datasheet HTML 6Page - Analog Devices AD8001AN Datasheet HTML 7Page - Analog Devices AD8001AN Datasheet HTML 8Page - Analog Devices AD8001AN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. D
a
AD8001
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
800 MHz, 50 mW
Current Feedback Amplifier
FEATURES
Excellent Video Specifications (RL = 150
, G = +2)
Gain Flatness 0.1 dB to 100 MHz
0.01% Differential Gain Error
0.025 Differential Phase Error
Low Power
5.5 mA Max Power Supply Current (55 mW)
High Speed and Fast Settling
880 MHz, –3 dB Bandwidth (G = +1)
440 MHz, –3 dB Bandwidth (G = +2)
1200 V/ s Slew Rate
10 ns Settling Time to 0.1%
Low Distortion
–65 dBc THD, fC = 5 MHz
33 dBm Third Order Intercept, F1 = 10 MHz
–66 dB SFDR, f = 5 MHz
High Output Drive
70 mA Output Current
Drives Up to 4 Back-Terminated Loads (75
Each)
While Maintaining Good Differential Gain/Phase
Performance (0.05%/0.25 )
APPLICATIONS
A-to-D Drivers
Video Line Drivers
Professional Cameras
Video Switchers
Special Effects
RF Receivers
1
2
3
4
8
7
6
5
AD8001
NC
NC
–IN
NC
+IN
NC = NO CONNECT
OUT
V–
V+
1
VOUT
AD8001
–VS
+IN
2
34
5 +VS
–IN
GENERAL DESCRIPTION
The AD8001 is a low power, high speed amplifier designed
to operate on
± 5V supplies. The AD8001 features unique
9
6
–12
10M
100M
1G
3
0
–3
–6
–9
FREQUENCY – Hz
VS = 5V
RFB = 820
VS = 5V
RFB = 1k
G = +2
RL = 100
Figure 1. Frequency Response of AD8001
transimpedance linearization circuitry. This allows it to drive
video loads with excellent differential gain and phase perfor-
mance on only 50 mW of power. The AD8001 is a current
feedback amplifier and features gain flatness of 0.1 dB to 100 MHz
while offering differential gain and phase error of 0.01% and
0.025
°. This makes the AD8001 ideal for professional video
electronics such as cameras and video switchers. Additionally,
the AD8001’s low distortion and fast settling make it ideal for
buffer high speed A-to-D converters.
The AD8001 offers low power of 5.5 mA max (VS =
±5 V) and
can run on a single +12 V power supply, while being capable of
delivering over 70 mA of load current. These features make this
amplifier ideal for portable and battery-powered applications
where size and power are critical.
The outstanding bandwidth of 800 MHz along with 1200 V/
µs
of slew rate make the AD8001 useful in many general-purpose
high speed applications where dual power supplies of up to
±6 V
and single supplies from 6 V to 12 V are needed. The AD8001 is
available in the industrial temperature range of –40
°C to +85°C.
Figure 2. Transient Response of AD8001; 2 V Step, G = +2
8-Lead PDIP (N-8),
CERDIP (Q-8) and SOIC (R-8)
5-Lead SOT-23-5
(RT-5)
FUNCTIONAL BLOCK DIAGRAMS


同様の部品番号 - AD8001AN

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8001AN AD-AD8001AN Datasheet
222Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8001AN AD-AD8001AN Datasheet
490Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001AN AD-AD8001AN Datasheet
329Kb / 17P
   Current Feedback Amplifier
AD8001ANZ AD-AD8001ANZ Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
More results

同様の説明 - AD8001AN

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8001ANZ AD-AD8001ANZ Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001 Datasheet
222Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8001ARTZ-REEL7 AD-AD8001ARTZ-REEL7 Datasheet
388Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_15 Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001ARZ AD-AD8001ARZ Datasheet
490Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002_01 Datasheet
372Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002 Datasheet
351Kb / 18P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8002ARZ AD-AD8002ARZ Datasheet
373Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002_15 Datasheet
590Kb / 21P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002ARZ-R7 AD-AD8002ARZ-R7 Datasheet
373Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com