データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8092ARM-REEL7 データシート(PDF) 9 Page - Analog Devices

部品番号 AD8092ARM-REEL7
部品情報  Low Cost, High Speed Rail-to-Rail Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8092ARM-REEL7 データシート(HTML) 9 Page - Analog Devices

Back Button AD8092ARM-REEL7 Datasheet HTML 5Page - Analog Devices AD8092ARM-REEL7 Datasheet HTML 6Page - Analog Devices AD8092ARM-REEL7 Datasheet HTML 7Page - Analog Devices AD8092ARM-REEL7 Datasheet HTML 8Page - Analog Devices AD8092ARM-REEL7 Datasheet HTML 9Page - Analog Devices AD8092ARM-REEL7 Datasheet HTML 10Page - Analog Devices AD8092ARM-REEL7 Datasheet HTML 11Page - Analog Devices AD8092ARM-REEL7 Datasheet HTML 12Page - Analog Devices AD8092ARM-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD8091/AD8092
Rev. C | Page 9 of 20
–20
–110
–100
–90
–80
–70
–60
–50
–40
–30
110
0.10
0
102030405060708090
100
0
102030405060708090
100
–0.06
0.10
0.05
0
–0.05
–0.10
–0.15
–0.20
–0.25
–0.04
–0.02
0
0.02
0.04
0.06
0.08
MODULATING RAMP LEVEL (IRE)
9
8
7
6
5
4
3
2
FUNDAMENTAL FREQUENCY (MHz)
VO = 2V p-p
VS = 3V, G = –1
RF = 2kΩ, RL = 100Ω
VS = 5V, G = +2
RF = 2kΩ, RL = 100Ω
VS = 5V, G = +1
RL = 100Ω
VS = 5V, G = +2
RF = 2kΩ, RL = 2kΩ
VS = 5V, G = +1
RL = 2kΩ
Figure 11. Total Harmonic Distortion
–30
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
05.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
OUTPUT VOLTAGE (V p-p)
VS = 5V
RL = 2kΩ
G = +2
10MHz
5MHz
1MHz
Figure 12. Worst Harmonic vs. Output Voltage
5.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.1
50
10
1
FREQUENCY (MHz)
VS = 5V
G = –1
RF = 2kΩ
RL = 2kΩ
Figure 13. Low Distortion Rail-to-Rail Output Swing
NTSC SUBSCRIBER (3.58MHz)
RL = 150Ω
RL = 1kΩ
RL = 1kΩ
RL = 150Ω
VS = 5, G = +2
RF = 2kΩ, RL AS SHOWN
VS = 5, G = +2
RF = 2kΩ, RL AS SHOWN
1000
1
10
100
10
10M
1M
100k
10k
1k
100
FREQUENCY (Hz)
Figure 14. Differential Gain and Phase Errors
VS = 5V
Figure 15. Input Voltage Noise vs. Frequency
100
0.1
1
10
10
10M
1M
100k
10k
1k
100
FREQUENCY (Hz)
VS = 5V
Figure 16. Input Current Noise vs. Frequency


同様の部品番号 - AD8092ARM-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8092ARM-REEL7 AD-AD8092ARM-REEL7 Datasheet
229Kb / 16P
   Low-Cost, High-Speed Rail-to-Rail Amplifiers
REV. A
AD8092ARM-REEL7 AD-AD8092ARM-REEL7 Datasheet
488Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
Rev. B
AD8092ARM-REEL7 AD-AD8092ARM-REEL7 Datasheet
292Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
More results

同様の説明 - AD8092ARM-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8091 AD-AD8091 Datasheet
229Kb / 16P
   Low-Cost, High-Speed Rail-to-Rail Amplifiers
REV. A
AD8051 AD-AD8051 Datasheet
267Kb / 16P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. B
AD8051 AD-AD8051_07 Datasheet
561Kb / 24P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
AD8051ART AD-AD8051ART Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8051 AD-AD8051_15 Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8052 AD-AD8052_15 Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8092 AD-AD8092_15 Datasheet
548Kb / 21P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
AD8051 AD-AD8051_06 Datasheet
502Kb / 24P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. G
AD8091 AD-AD8091_16 Datasheet
292Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
AD8091 AD-AD8091_05 Datasheet
488Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com