データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS24A データシート(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

部品番号 SS24A
部品情報  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BILIN [Galaxy Semi-Conductor Holdings Limited]
ホームページ  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SS24A データシート(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SS24A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SS24A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Ratings at 25
oC ambient temperature unless otherwise specified
SS22A SS23A SS24A SS25A SS26A SS28A SS29A SS210A
Maximum repetitive peak reverse voltage
VRRM
40
50
60
80
90
100
V
Maximum RMS voltage
VRWS
28
35
42
56
63
70
V
Maximum DC blocking voltage
VDC
40
50
60
80
90
100
V
Maximum average forward rectified current at
TL=90
IF(AV)
A
Peak forward surge current 8.3ms single
half-sine-wave
IFSM
A
Maximum instantaneous forward voltage
at IFM=2.0A (NOTE1)
VF
V
Maximum DC reverse current
TJ=25
at rated DC blocking voltage TJ=125
Operating temperature range
TJ
oC
Storage temperature range
TSTG
oC
UNITS
-55 ---- +150
IR
NOTE: 1.Pulse test: Pulse width 300us,duty cycle 1 %
Maximum thermal resistance
oC/W
-55 ---- +125
14
REVERSE VOLTAGE:
20 - 100 V
FORWARD CURRENT:
2.0 A
SURFACE MOUNT SCHOTTKY
BARRIER RECTIFIERS
Low forward voltage
Schottky barrier rectifier
Guardring protection
20
21
0.50
0.4
0.03
m A
R JL
28
30
0.75
2.0
0.85
75
20
30
Case: SMA molded plastic body
1111
Polarity: Color band denotes cathode end
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Mounting position: ANY
(DO-214AC)SMA
Weight: 0.002 ounces, 0.064 gram
MECHANICAL DATA
Reverse energy tested
High current capability
Extremely low thermal resistance
GALAXY ELECTRICAL
BL
Document Number 0281010
1.
inch(mm)
www.galaxycn.com
10
5.0
BLGALAXYELECTRICAL
SS22A---SS210A


同様の部品番号 - SS24A

メーカー部品番号データシート部品情報
logo
Shanghai Sunrise Electr...
SS24A SSE-SS24A Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS24A DGNJDZ-SS24A Datasheet
160Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
SS24A HY-SS24A Datasheet
398Kb / 3P
   Surface Mount Schottky Barrier Recitifiers
logo
TAITRON Components Inco...
SS24A TAITRON-SS24A Datasheet
585Kb / 3P
   Surface Mount Schottky Barrier Rectifier
logo
Diode Semiconductor Kor...
SS24A DSK-SS24A Datasheet
188Kb / 2P
   SURFACE MOUNT SCHOTTKY
More results

同様の説明 - SS24A

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com