データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS24A データシート(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

部品番号 SS24A
部品情報  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BILIN [Galaxy Semi-Conductor Holdings Limited]
ホームページ  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SS24A データシート(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  SS24A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SS24A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.2
.3
.4
.5
.6
.7
.8
.9
0.01
0.1
1
10
100
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o
BLGALAXYELECTRICAL
Document Number 0281010
2.
10
0.001
0.001
0.01
0.1
1.0
20
0
40
6 0
8 0
1 00
TJ=125℃
TJ=25℃
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,
LEAD TEMPERATURE
RATINGSANDCHARACTERISTICCURVES
SS22A---SS210A
FIG.3 -- TYPICAL FORWARD CHARACTERISTICS
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
FIG.1 -- FORWARD DERATING CURVE
FIG.2-- PEAK FORWARD SURGE CURRENT
1.0
0
50
Resistive or
inductive Load
P.C.B.MOUNTED ON
0.2X0.2(5.0X5.0mm)
COPPERPAD AREAS
2.0
60
70 80
90 100 110 120 130 140 150 160 170
0
1
1 0
1 0 0
T L =100
8.3ms Single Half Sine-Wave
(JED E C M ethod)
30
6 0
www.galaxycn.com
SS28A-SS210A
SS22A-SS26A
SS28A-SS210A
SS22A-SS26A
15
45
75


同様の部品番号 - SS24A

メーカー部品番号データシート部品情報
logo
Shanghai Sunrise Electr...
SS24A SSE-SS24A Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS24A DGNJDZ-SS24A Datasheet
160Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
SS24A HY-SS24A Datasheet
398Kb / 3P
   Surface Mount Schottky Barrier Recitifiers
logo
TAITRON Components Inco...
SS24A TAITRON-SS24A Datasheet
585Kb / 3P
   Surface Mount Schottky Barrier Rectifier
logo
Diode Semiconductor Kor...
SS24A DSK-SS24A Datasheet
188Kb / 2P
   SURFACE MOUNT SCHOTTKY
More results

同様の説明 - SS24A

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com