データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1ZB47 データシート(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

部品番号 1ZB47
部品情報  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BILIN [Galaxy Semi-Conductor Holdings Limited]
ホームページ  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

1ZB47 データシート(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  1ZB47 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 1ZB47 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 1ZB47 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GALAXY ELECTRICAL
FEATURES
Silicon planar power zener diodes
For use in stabilizing and clipping curcuits with high
power rating.
Standard zener voltage tolerance is ±10%. Add
MECHANICAL DATA
Case:DO-41
Terminals: Solderable per MIL-STD-202, method 208
Polarity: Cathode band
Marking: Type number
Approx. Weight:
0.35grams.
Ratings at 25
ambient temperature unless otherwise specified.
UNIT
VALUE
SYMBOL
1ZB6.8 --- 1ZB390
suffix "A" for ±5% tolerance. Other zener voltage
ZENER DIODES
and tolerances are available upon request.
POWER DISSIPATION: 1.0 W
DO - 41
W
Zener current (see Table "Characteristics")
NOTES: (1) Valid provided that leads at a distance of 10 mm from case are kept at ambient temperature.
Junction temperature
TJ
-40---+150
Storage temperature range
Ts
-40---+150
Pow er dissipation at Tamb=25
Ptot
1.01)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
BLGALAXY ELECTRICAL
Document Number 0284006
1.
www.galaxycn.com
BL


同様の部品番号 - 1ZB47

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
1ZB47 TOSHIBA-1ZB47 Datasheet
207Kb / 4P
   DIODE (CONSTANT VOLTAGE REGULATION)
logo
Shenzhen Luguang Electr...
1ZB47 LUGUANG-1ZB47 Datasheet
231Kb / 3P
   Zener Diodes
More results

同様の説明 - 1ZB47

メーカー部品番号データシート部品情報
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com