データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N5380B データシート(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

部品番号 1N5380B
部品情報  ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BILIN [Galaxy Semi-Conductor Holdings Limited]
ホームページ  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

1N5380B データシート(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  1N5380B Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 1N5380B Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 1N5380B Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited 1N5380B Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited 1N5380B Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GALAXY ELECTRICAL
FEATURES
Silicon planar power zener diodes
For use in stabilizing and clipping curcuits with high
power rating.
Standard zener voltage tolerance is ±10%. Add
MECHANICAL DATA
Case:DO-27
Terminals: solderable per MIL-STD-202, method 208
Polarity: cathode Band
Marking: type number
Approx. weight: 1.15 grams.
(2) 8.3ms single half sine-wave, or equivalent square wave, duty cycle=4 pulses per minute maximum.
Zener current (see Table "Characteristics")
Storage temperature range
Ts
-55---+150
Peak forward surge current 8.3ms single half sine-wave superimposed on rated
load (JEDEC Method)(NOTE1,2)
IFSM
see fig.5
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
NOTES: (1) Mounted on 8.0mm2 copper pads to each terminal.
Junction temperature
TJ
-55---+150
A
DC power dissipation @ T
L=75℃, measure at zero lead length (Fig.1)
derate above 75 (NOTE1)
PD
5.0
40.0
W
mW
1N5333B---1N5388B
suffix "
B" for ±5% tolerance. other zener voltage
ZENER DIODES
and tolerances are available upon request.
POWER DISSIPATION: 5.0 W
DO - 27
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
UNIT
VALUE
SYMBOL
BLGALAXY ELECTRICAL
Document Number 0284007
1.
www.galaxycn.com
BL


同様の部品番号 - 1N5380B

メーカー部品番号データシート部品情報
logo
New Jersey Semi-Conduct...
1N5380B NJSEMI-1N5380B Datasheet
99Kb / 3P
   ZENER DIODES
logo
Motorola, Inc
1N5380B MOTOROLA-1N5380B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Insel Rectifier India P...
1N5380B IRI-1N5380B Datasheet
204Kb / 3P
   ZENER DIODE
logo
Semikron International
1N5380B SEMIKRON-1N5380B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
Frontier Electronics.
1N5380B FRONTIER-1N5380B Datasheet
138Kb / 4P
   5 WATT SILICON ZENER DIODE
More results

同様の説明 - 1N5380B

メーカー部品番号データシート部品情報
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com