データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28238FBZ データシート(PDF) 10 Page - Intersil Corporation

部品番号 ISL28238FBZ
部品情報  4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28238FBZ データシート(HTML) 10 Page - Intersil Corporation

Back Button ISL28238FBZ Datasheet HTML 6Page - Intersil Corporation ISL28238FBZ Datasheet HTML 7Page - Intersil Corporation ISL28238FBZ Datasheet HTML 8Page - Intersil Corporation ISL28238FBZ Datasheet HTML 9Page - Intersil Corporation ISL28238FBZ Datasheet HTML 10Page - Intersil Corporation ISL28238FBZ Datasheet HTML 11Page - Intersil Corporation ISL28238FBZ Datasheet HTML 12Page - Intersil Corporation ISL28238FBZ Datasheet HTML 13Page - Intersil Corporation ISL28238FBZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
FN6336.2
February 19, 2008
FIGURE 36. VOUT HIGH vs TEMPERATURE RL = 1k,
V+, V- = ±2.5V
FIGURE 37. VOUT HIGH vs TEMPERATURE RL = 100k,
V+, V- =±2.5V
FIGURE 38. VOUT LOW vs TEMPERATURE RL = 1k,
V+, V- = ±2.5V
FIGURE 39. VOUT LOW vs TEMPERATURE RL=100k,
V+, V- = ±2.5V
FIGURE 40. + OUTPUT SHORT CIRCUIT CURRENT vs
TEMPERATURE VIN = -2.55V, RL = 10,
V+, V- = ±2.5V
FIGURE 41. - OUTPUT SHORT CIRCUIT CURRENT vs
TEMPERATURE VIN = -2.55V, RL = 10,
V+, V- = ±2.5V
Typical Performance Curves V+ = 5V, V- = 0V,VCM = 2.5V, RL = Open, unless otherwise specified. (Continued)
4.940
4.945
4.950
4.955
4.960
4.965
4.970
MAX
MEDIAN
MIN
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
4.9982
4.9984
4.9986
4.9988
4.9990
4.9992
4.9994
MAX
MEDIAN
MIN
-40
-20
0
20
406080
100
120
TEMPERATURE (°C)
40
45
50
55
60
65
70
75
MAX
MEDIAN
MIN
-40
-20
0
20406080
100
120
TEMPERATURE (°C)
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
MAX
MEDIAN
MIN
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
60
65
70
75
80
85
90
95
MEDIAN
MIN
MAX
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
-85
-80
-75
-70
-65
-60
-55
-50
MEDIAN
MIN
MAX
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MEDIAN
MIN
MAX
ISL28138, ISL28238


同様の部品番号 - ISL28238FBZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL28238FBZ RENESAS-ISL28238FBZ Datasheet
1Mb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
February 19, 2008
ISL28238FBZ-T7 RENESAS-ISL28238FBZ-T7 Datasheet
1Mb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
February 19, 2008
More results

同様の説明 - ISL28238FBZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL28138 RENESAS-ISL28138 Datasheet
1Mb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
February 19, 2008
logo
Intersil Corporation
ISL28148 INTERSIL-ISL28148 Datasheet
881Kb / 18P
   4.5MHz, Single Dual and Quad Precision Rail-to-Rail Input-Output RRIO Op Amps with Very Low Input Bias Current
logo
Renesas Technology Corp
ISL28148 RENESAS-ISL28148 Datasheet
1Mb / 17P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output Op Amps with Very Low Input Bias Current
logo
Intersil Corporation
ISL28156 INTERSIL-ISL28156 Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28158 INTERSIL-ISL28158_08 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158 RENESAS-ISL28158 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Intersil Corporation
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156_08 Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28236FBZ INTERSIL-ISL28236FBZ Datasheet
694Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
ISL28158 INTERSIL-ISL28158 Datasheet
854Kb / 16P
   34關A Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com