データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMAJ51 データシート(PDF) 4 Page - Galaxy Semi-Conductor Holdings Limited

部品番号 SMAJ51
部品情報  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BILIN [Galaxy Semi-Conductor Holdings Limited]
ホームページ  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMAJ51 データシート(HTML) 4 Page - Galaxy Semi-Conductor Holdings Limited

  SMAJ51 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMAJ51 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMAJ51 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMAJ51 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1100
10
TJ=TJ max.
8.3msSINGLEHALFSINE-MAVE
(JEDECMETHOD)
0
40
30
50
10
1000
100
10
1
0.001
0.1
0.01
1000
110
100
10,000
100
1,000
10
1.0
10
100
Bi-Directional
200
Uni-Directional
TJ=25
f=1.0MHZ
Vsig=50mVp-p
MEASURED at
STAND-OFF
VOLTAGE, VWM
150
50
100
0
01.0
2.0
tr=10 sec
3.0
4.0
PEAK VALUE
IPPM
HALF VALUE - IPP
2
PULES WIDTH (td)
is DEFINDE as the
POINT WHERE the
PEAK CURRENT
DECAYS to 50% of
IPPM
td
10/1000
µ s
WAVEFORM as
DEFINED by
R.E.A.
FIG.1 -- PEAK PULSE POWER RATING CURVE
FIG.5 -- TYPICAL TRANSIENT THERMAL IMPEDANCE
T
A, AMBIENT TEMPERATURE.
RATINGS AND CHARACTERISTIC CURVES
SMAJ5.0---SMAJ188CA
FIG.2 -- PULSE DERATING CURVE
td, PULSEWIDTH, SEC.
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
H HHHHHHH UNIDIRECTIONAL
V(BR), BREAKDOWN VOLTAGE, V
FIG.3 -- PULSE WAVEFORM
t, TIME, ms
TL, LEAD TEMPERATURE,
NUMBER OF CYCLES AT 60 Hz
FIG.6 -- MAXIMUM NON-REPETITIVE FORWARD
HHHH H
SURGE CURRENT UNIDIRECTIONAL ONLY
BLGALAXYELECTRICAL
Document Number 0285005
4.
100
1.0
10
0.1
0.1μs1.0μs
10μs
100μs
1ms
10ms
NON-REPETITIVE
PULSE WAVEFORM
SHOWN if FIG.3
TA=25
100
75
25
50
0
025
75
50
125
100
150
200
175
www.galaxycn.com


同様の部品番号 - SMAJ51

メーカー部品番号データシート部品情報
logo
Jinan Gude Electronic D...
SMAJ51 JGD-SMAJ51 Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Yangzhou yangjie electr...
SMAJ51 YANGJIE-SMAJ51 Datasheet
183Kb / 7P
   Surface Mount Transient Voltage Suppressor Diodes
logo
Socay Electornics Co., ...
SMAJ51 SOCAY-SMAJ51 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Silicon Standard Corp.
SMAJ51 SSC-SMAJ51 Datasheet
632Kb / 4P
   Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SMAJ51 SOCAY-SMAJ51 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

同様の説明 - SMAJ51

メーカー部品番号データシート部品情報
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com