データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMAJ58A データシート(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

部品番号 SMAJ58A
部品情報  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BILIN [Galaxy Semi-Conductor Holdings Limited]
ホームページ  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMAJ58A データシート(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited

  SMAJ58A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMAJ58A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMAJ58A Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMAJ58A Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
U
ni
B
i
Min
SMAJ33
CL
YL
36.7
59.0
SMA J33A
CM
Y M
36.7
53.3
SMAJ36
CN
YN
40.0
64.3
SMA J36A
CP
Y P
40.0
58.1
SMAJ40
CQ
YQ
44.4
71.4
SMA J40A
CR
Y R
44.4
64.5
SMAJ43
CS
YS
47.8
76.7
SMA J43A
CT
Y T
47.8
69.4
SMAJ45
CU
YU
50.0
80.3
SMA J45A
CV
Y V
50.0
72.7
SMAJ48
CW
YW
53.3
85.5
SMA J48A
CX
Y X
53.3
77.4
SMAJ51
CY
YY
56.7
91.1
SMA J51A
CZ
Y Z
56.7
82.4
SMA J54
RD
ZD
60.0
96.3
SMA J54A
RE
ZE
60.0
87.1
SMA J58
RF
ZF
64.4
103
SMA J58A
RG
ZG
64.4
93.6
SMA J60
RH
ZH
66.7
107
SMA J60A
RK
ZK
66.7
96.8
SMA J64
RL
ZL
71.1
114
SMA J64A
RM
ZM
71.1
103
SMA J70
RN
ZN
77.8
125
SMA J70A
RP
ZP
77.8
113
SMA J75
RQ
ZQ
83.3
134
SMA J75A
RR
ZR
83.3
121
SMA J78
RS
ZS
86.7
139
SMA J78A
RT
ZT
86.7
126
SMA J85
RU
ZU
94.4
151
SMA J85ARV
ZV94.4
137
SMA J90
RW
ZW
100
160
SMA J90A
RX
ZX
100
146
SMA J100
RY
ZY
111
179
SMA J100A
RZ
ZZ
111
162
SMA J110
S
D
V D
122
196
SMA J110A
SE
V E
122
177
SMA J120
SF
V F
133
214
SMA J120A
S
G
VG
133
193
SMA J130
SH
V H
144
231
SMA J130A
S
K
VK
144
209
SMA J150
SL
V L
167
268
SMA J150A
S
M
VM
167
243
SMA J160
SN
V N
178
287
SMA J160A
SP
V P
178
259
SMA J170
SQ
V Q
189
304
SMA J170A
SR
V R
189
275
SMA J188
ST
V T
209
344
SMA J188A
SS
V S
209
328
Max imum
reverse leakage
at V
WM
I
D(
A)(3)
Max imum
peak pulss surge
current I
PP M
(A )(2)
1.6
104
2.2
1.9
5.0
2.1
136
1.0
78.6
92.1
120
5.0
115
95.8
106
95.1
86.0
100
81.5
86.9
66.3
69.3
73.3
62.7
3.9
3.3
55.3
58.9
5.0
1.0
45
5.1
5.6
4.7
3.7
5.2
4.2
4.7
3.9
4.3
2.4
2.0
2.9
2.4
2.7
2.2
4.1
3.5
5.0
1.7
40
5.0
5.0
5.0
43
43
45
51
5.0
33
36
36
40
5.0
5.0
5.0
5.0
5.0
1.0
70
1.0
1.0
1.0
1.0
1.0
64
58
48
1.0
1.0
1.0
1.0
1.0
1.0
40.6
48.9
44.2
54.3
49.1
65.1
58.4
52.8
61.1
5.0
44.9
1.0
33
5.0
5.0
122
1.0
1.0
1.0
1.0
90
48
85
102
1.0
75
5.0
5.0
78.7
1.0
3.6
1.0
54
5.0
3.1
1.0
51
54
5.0
3.4
1.0
78
5.0
1.0
5.0
58
5.0
5.0
2.9
3.2
2.8
1.0
60
5.0
90
5.0
1.0
64
5.0
5.0
5.0
85
2.6
73.7
1.0
1.0
70
75
5.0
5.0
5.0
5.0
3.1
78
5.0
2.5
2.2
1.5
123
1.0
100
5.0
149
1.0
110
5.0
1.9
1.7
163
1.0
120
5.0
1.4
135
1.0
110
5.0
5.0
1.0
1.0
71.2
1.0
147
1.0
111
1.0
60
5.0
1.3
159
1.0
130
5.0
1.4
176
1.0
130
5.0
1.1
185
1.0
150
5.0
1.2
204
1.0
150
5.0
1.0
197
1.0
160
5.0
1.2
218
1.0
160
0.9
0.99
209
1.0
170
5.0
1.09
231
1.0
170
255
1.0
188
5.0
(4) A ll terms and symbols are consistent w ith A NSI/IEEE C62.35
0.91
Notes: (1) Puls e test :t
P
50ms
(2) Surge current w avef orm per Fig.3 and derate per Fig.2
(3) For bi-direc tional types having V
WM of 10 V olts and les s ,the ID Iimit is doubled
231
1.0
188
5.0
ELECTRICAL CHARACTERISTICS
R atings at 25 am bient tem perature unles s otherwise s pec if ied.VF=3.5V at IF=25A (uni-directional only )
Breakdow n
v oltage V
(B R) at IT
(1)
(V )
Max
Max imum
clamping
v oltage at I
PP M
Vc (V)
Dev ice
type
Device
marking
code
Test
current
I
T(m A )
Stand-of f
v oltage
V
WM (V )
BLGALAXYELECTRICAL
Document Number 0285005
3.
www.galaxycn.com


同様の部品番号 - SMAJ58A

メーカー部品番号データシート部品情報
logo
MERITEK ELECTRONICS COR...
SMAJ58A MERITEK-SMAJ58A Datasheet
284Kb / 4P
   Transient Voltage Suppressors
logo
Surge Components
SMAJ58A SURGE-SMAJ58A Datasheet
703Kb / 4P
   Surface mount Transient Voltage Suppressors
logo
Jinan Gude Electronic D...
SMAJ58A JGD-SMAJ58A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
WeEn Semiconductors
SMAJ58A WEEN-SMAJ58A Datasheet
616Kb / 7P
   400W Transient Voltage Suppressor
logo
Socay Electornics Co., ...
SMAJ58A SOCAY-SMAJ58A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

同様の説明 - SMAJ58A

メーカー部品番号データシート部品情報
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com