データシートサーチシステム |
|
SMAJ64 データシート(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited |
|
SMAJ64 データシート(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited |
2 / 4 page BLGALAXYELECTRICAL Document Number 0285005 2. www.galaxycn.com U ni B i Min SMA J5.0 A D WD 6.40 9.6 SMA J5.0A (5) A E WE 6.40 9.2 SMA J6.0 A F WF 6.67 11.4 SMA J6.0A A G WG 6.67 10.3 SMA J6.5 A H WH 7.22 12.3 SMA J6.5A A K WK 7.22 11.2 SMA J7.0 A L WL 7.78 13.3 SMA J7.0A A M WM 7.78 12.0 SMA J7.5 A N WN 8.33 14.3 SMA J7.5A A P WP 8.33 12.9 SMA J8.0 A Q WQ 8.89 15.0 SMA J8.0A A R WR 8.89 13.6 SMA J8.5 A S WS 9.44 15.9 SMA J8.5A A T WT 9.44 14.4 SMA J9.0 A U WU 10.0 16.9 SMA J9.0A A V WV 10.0 15.4 SMAJ10 AW WW 11.1 18.8 SMA J10A A X WX 11.1 17.0 SMAJ11 AY WY 12.2 20.1 SMA J11A A Z WZ 12.2 18.2 SMA J12 BD XD 13.3 22.0 SMA J12A BE XE 13.3 19.9 SMA J13 BF XF 14.4 23.8 SMA J13A BG XG 14.4 21.5 SMA J14 BH XH 15.6 25.8 SMA J14A BK XK 15.6 23.2 SMA J15 BL XL 16.7 26.9 SMA J15A BM XM 16.7 24.4 SMA J16 BN XN 17.8 28.8 SMA J16A BP XP 17.8 26.0 SMA J17 BQ XQ 18.9 30.5 SMA J17A BR XR 18.9 27.6 SMA J18 BS XS 20.0 32.2 SMA J18A BT XT 20.0 29.2 SMA J20 BU XU 22.2 35.8 SMA J20A BV XV 22.2 32.4 SMA J22 BW XW 24.4 39.4 SMA J22A BX XX 24.4 35.5 SMA J24 BY XY 26.7 43.0 SMA J24A BZ XZ 26.7 38.9 SMAJ26 CD YD 28.9 46.6 SMA J26A CE Y E 28.9 42.1 SMAJ28 CF YF 31.1 50.0 SMA J28A CG Y G 31.1 45.4 SMAJ30 CH YH 33.3 53.5 SMA J30A CK Y K 33.3 48.4 (5) For the bidirectional SMA J5.0CA ,the maximum V (B R) is 7.25V Device type 22 5.0 11.3 19.7 17.6 14.7 12.2 10.4 14.9 19.1 16.3 11.1 11.5 31.0 26.7 29.4 25.2 100 1.0 1.0 9.83 50 13.9 41.7 43.5 35.1 28.0 38.8 32.5 35.7 30.1 33.3 14.5 24.4 1.0 18 5.0 12.4 17 5.0 13.1 5.0 15.4 20.1 16.8 18.6 15.5 17.2 14.9 16.4 12 10 8.0 6.5 7.0 7.0 7.5 7.5 8.5 10 10 10 1.0 1.0 8.15 7.37 8.82 1.0 10 10 1.0 1.0 10 9.21 7.98 10.9 9.51 8.60 10.3 7.81 10 5.0 800 5.0 7.08 10 17 8.0 16 800 800 800 500 6.0 6.0 6.5 23.1 1.0 1.0 1.0 1.0 15.9 1.0 21.8 18.5 20.4 14 5.0 27.8 9.0 5.0 23.7 8.5 10 21.3 13 23.5 19.9 9.0 5.0 26.0 10 5.0 11 5.0 11.2 13.7 16 13 5.0 15 5.0 15 5.0 14 20 5.0 22.1 1.0 18 5.0 12.3 29.8 1.0 22 5.0 10.2 24.5 1.0 20 5.0 13.6 1.0 1.0 1.0 1.0 17.2 26.9 1.0 20.9 1.0 27.1 1.0 1.0 12.3 13.5 1.0 1.0 1.0 500 200 100 50 200 18.2 11 5.0 22.0 12 5.0 5.0 5.0 5.0 5.0 5.0 10 1.0 5.0 1.0 1.0 9.3 29.5 1.0 24 5.0 10.3 32.6 1.0 24 5.0 8.6 31.9 1.0 26 5.0 9.5 35.3 1.0 26 5.0 8.0 34.4 1.0 28 5.0 8.8 38.0 1.0 28 5.0 7.5 36.8 1.0 30 5.0 8.3 40.7 1.0 30 5.0 (4) A ll terms and symbols are consistent w ith A NSI/IEEE C62.35 Notes: (1) Pulse test :t P 50ms (2) Surge current w avef orm per Fig.3 and derate per Fig.2 (3) For bi-directional types having V WM of 10 V olts and les s ,the ID Iimit is doubled Device marking code ELECTRICAL CHARACTERISTICS Max Breakdow n v oltage V (B R) at IT (1) (V ) R atings at 25 am bient tem perature unless otherwise specif ied.VF=3.5V at IF=25A (uni-directional only ) Maximum clamping v oltage at I PPM Vc (V) Test current I T(m A ) Stand-of f v oltage V WM (V ) Maximum reverse leakage at V WM I D( A)(3) Maximum peak pulss surge current I PPM (A )(2) |
同様の部品番号 - SMAJ64 |
|
同様の説明 - SMAJ64 |