データシートサーチシステム |
|
L6506D データシート(PDF) 1 Page - STMicroelectronics |
|
L6506D データシート(HTML) 1 Page - STMicroelectronics |
1 / 8 page L6506 L6506D June 1997 CURRENT CONTROLLER FOR STEPPING MOTORS DESCRIPTION The L6506/D is a linear integrated circuit designed to sense and control the current in stepping motors and similar devices. When used in conjunction with the L293, L298, L7150, L6114/L6115, the chip set forms a constant current drive for an inductive load and performs all the interfacefunctionfrom the con- trol logic thru the power stage. Two or more devices may be synchronized using the sync pin. In this mode of operation the oscillator in the master chip sets the operating frequencyin all chips. DIP18 SO 20 ORDERING NUMBERS: L6506 L6506D BLOCK DIAGRAM (pin’s number referred to DIP-18) 1/8 |
同様の部品番号 - L6506D |
|
同様の説明 - L6506D |