データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2W04G データシート(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

部品番号 2W04G
部品情報  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BILIN [Galaxy Semi-Conductor Holdings Limited]
ホームページ  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

2W04G データシート(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  2W04G Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 2W04G Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.4
0.6
0.8
1.0
1.4
1.2
0.1
1.0
10
 T
J
=125
Pulse Width
=300
uS
0.2
0
.01
1.0
10
0
40
60
0.1
20
TJ=100
100
120
140
80
TJ=25
0.2
0.4
0.6
0.8
0
20
40
60
80
100
120
COPPERPADS
(5.5mm x 5.5mm)
140
2.0
PCB
9.5mm
Resislive or
Inductive Load
150
110
100
8.3ms Single Half Sine Wave
0
20
30
40
50
10
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
PERCENT OF RATED PEAK REVERSE VOLTAGE
2W005(G)---2W10(G)
NUMBER OF CYCLES AT 60HZ
AMBIENT TEMPERATURE,
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.1 -- PEAK FORWARD SURGE CURRENT
FIG.2 -- FORWARD DERATING CURVE
VVNVVOUTPUT RECTIFIED CURRENT
RATINGSANDCHARACTERISTIC CURVES
BLGALAXY ELECTRICAL
www.galaxycn.com
Document Number 0287015
2.


同様の部品番号 - 2W04G

メーカー部品番号データシート部品情報
logo
Zowie Technology Corpor...
2W04G ZOWIE-2W04G Datasheet
47Kb / 2P
   SINTERED GLASS PASSIVATED BRIDGE RECTIFIER
logo
MIC GROUP RECTIFIERS
2W04G MIC-2W04G Datasheet
62Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
2W04G JGD-2W04G Datasheet
126Kb / 2P
   SINGLE PHASE 2.0 AMP. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
2W04G SECOS-2W04G Datasheet
136Kb / 2P
   2.0 AMP Glass Passivated Bridge Rectifiers
logo
Fairchild Semiconductor
2W04G FAIRCHILD-2W04G Datasheet
30Kb / 3P
   2.0 Ampere Glass Passivated Bridge Rectifiers
More results

同様の説明 - 2W04G

メーカー部品番号データシート部品情報
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com