データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL59534_0708 データシート(PDF) 7 Page - Intersil Corporation

部品番号 ISL59534_0708
部品情報  32x16 Video Crosspoint
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59534_0708 データシート(HTML) 7 Page - Intersil Corporation

Back Button ISL59534_0708 Datasheet HTML 3Page - Intersil Corporation ISL59534_0708 Datasheet HTML 4Page - Intersil Corporation ISL59534_0708 Datasheet HTML 5Page - Intersil Corporation ISL59534_0708 Datasheet HTML 6Page - Intersil Corporation ISL59534_0708 Datasheet HTML 7Page - Intersil Corporation ISL59534_0708 Datasheet HTML 8Page - Intersil Corporation ISL59534_0708 Datasheet HTML 9Page - Intersil Corporation ISL59534_0708 Datasheet HTML 10Page - Intersil Corporation ISL59534_0708 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
FN6249.6
August 29, 2007
FIGURE 7. FREQUENCY RESPONSE - VARIOUS CL, AV = 1,
BROADCAST MODE
FIGURE 8. FREQUENCY RESPONSE - VARIOUS CL, AV = 2,
BROADCAST MODE
FIGURE 9A. FREQUENCY RESPONSE - VARIOUS RL, AV = 1,
BROADCAST MODE
FIGURE 10. FREQUENCY RESPONSE - VARIOUS RL, AV = 2,
BROADCAST MODE
FIGURE 11. CROSSTALK - AV = 1
FIGURE 12. CROSSTALK - AV = 2
Typical Performance Curves (Continued)
BROADCAST MODE
AV = 1
RL = 100Ω
INPUT_CH 0
OUTPUT_CH 0
33pF
27pF
22pF
15pF
10pF
4.7pF
1pF
BROADCAST MODE
AV = 2
RL = 100Ω
INPUT_CH 0
OUTPUT_CH 0
33pF
27pF
22pF
15pF
4.7pF
1pF
10pF
BROADCAST MODE
AV = 1
CL = 1pF
INPUT_CH 0
OUTPUT_CH 0
100
Ω
150
Ω
1.07k
Ω
503
Ω
BROADCAST MODE
AV = 2
CL = 1pF
INPUT_CH 0
OUTPUT_CH 0
100
Ω
1.07k
Ω
-100
-90
-80
-70
-60
-50
-40
-30
1
10
100
1k
FREQUENCY (MHz)
AV = 1
RL = 100Ω
CL = 1pF
ALL HOSTILE IN_CH14
BROADCAST TO
ALL EXCEPT OUT_CH15
ADJACENT
IN CH14
OUT CH15
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
1M
10M
100M
1G
FREQUENCY (Hz)
AV = 2
RL = 100Ω
CL = 1pF
ADJACENT
IN CH14
OUT CH15
ALL HOSTILE IN_CH14
BROADCAST TO
ALL EXCEPT OUT_CH15
ISL59534


同様の部品番号 - ISL59534_0708

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL59534IKEZ INTERSIL-ISL59534IKEZ Datasheet
1Mb / 22P
   32x16 Video Crosspoint
logo
Renesas Technology Corp
ISL59534IKEZ RENESAS-ISL59534IKEZ Datasheet
1Mb / 22P
   32x16 Video Crosspoint
More results

同様の説明 - ISL59534_0708

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL59534 RENESAS-ISL59534 Datasheet
1Mb / 22P
   32x16 Video Crosspoint
logo
Intersil Corporation
ISL59534 INTERSIL-ISL59534 Datasheet
1Mb / 22P
   32x16 Video Crosspoint
logo
National Semiconductor ...
LMH6586 NSC-LMH6586 Datasheet
753Kb / 24P
   32x16 Video Crosspoint Switch
logo
Texas Instruments
LMH6586 TI1-LMH6586_14 Datasheet
740Kb / 29P
[Old version datasheet]   32x16 Video Crosspoint Switch
LMH6586 TI1-LMH6586 Datasheet
752Kb / 33P
[Old version datasheet]   LMH6586 32x16 Video Crosspoint Switch
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
logo
Intersil Corporation
ISL59530 INTERSIL-ISL59530 Datasheet
1Mb / 22P
   16x16 Video Crosspoint
logo
Analog Devices
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
   Video Crosspoint Switch
AD8176 AD-AD8176_15 Datasheet
877Kb / 40P
   Video Crosspoint Switch
REV. 0
AD8106 AD-AD8106_15 Datasheet
580Kb / 28P
   Video Crosspoint Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com