データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL41387IRZ-T データシート(PDF) 7 Page - Intersil Corporation

部品番号 ISL41387IRZ-T
部品情報  짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL41387IRZ-T データシート(HTML) 7 Page - Intersil Corporation

Back Button ISL41387IRZ-T Datasheet HTML 3Page - Intersil Corporation ISL41387IRZ-T Datasheet HTML 4Page - Intersil Corporation ISL41387IRZ-T Datasheet HTML 5Page - Intersil Corporation ISL41387IRZ-T Datasheet HTML 6Page - Intersil Corporation ISL41387IRZ-T Datasheet HTML 7Page - Intersil Corporation ISL41387IRZ-T Datasheet HTML 8Page - Intersil Corporation ISL41387IRZ-T Datasheet HTML 9Page - Intersil Corporation ISL41387IRZ-T Datasheet HTML 10Page - Intersil Corporation ISL41387IRZ-T Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
7
FN6201.3
November 21, 2007
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
VCC to Ground. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
VL (QFN Only) . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VCC + 0.5V
Input Voltages
All Except A, B . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 7V
Input/Output Voltages
A, B (Any Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25V to +25V
Y, Z (Any Mode, Note 5) . . . . . . . . . . . . . . . . . . . -12.5V to +12.5V
RA, RB (non-QFN Package). . . . . . . . . . . . -0.5V to (VCC + 0.5V)
RA, RB (QFN Package) . . . . . . . . . . . . . . . . -0.5V to (VL + 0.5V)
Output Short Circuit Duration
Y, Z, RA, RB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Indefinite
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . See Specification Table
Thermal Resistance
θ
JA (°C/W)
20 Ld SOIC Package (Note 7) . . . . . . . . . . . . . . . . .
65
20 Ld SSOP Package (Note 7) . . . . . . . . . . . . . . . .
60
40 Ld QFN Package (Note 6). . . . . . . . . . . . . . . . . .
32
Maximum Junction Temperature (Plastic Package) . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
5. One output at a time, IOUT ≤ 100mA for ≤ 10 mins.
6.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
7.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
Test Conditions: VCC = 4.5V to 5.5V, C1 - C4 = 0.1μF, VL = VCC (for QFN only), Unless Otherwise Specified.
Typicals are at VCC = 5V, TA = +25°C (Note 8).
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 15)
TYP
MAX
(Note 15) UNITS
DC CHARACTERISTICS - RS-485 DRIVER (485/232 = VCC)
Driver Differential VOUT (no load)
VOD1
Full
-
-
VCC
V
Driver Differential VOUT (with load)
VOD2
R = 50
Ω (RS-422) (Figure 1)
Full
2.5
3.1
-
V
R = 27
Ω (RS-485) (Figure 1)
Full
2.2
2.7
5
V
VOD3
RD = 60Ω, R = 375Ω, VCM = -7V to 12V (Figure 1)
Full
2
2.7
5
V
Change in Magnitude of Driver
Differential VOUT for
Complementary Output States
ΔVOD
R = 27
Ω or 50Ω (Figure 1)
Full
-
0.01
0.2
V
Driver Common-Mode VOUT
VOC
R = 27
Ω or 50Ω (Figure 1) (Note 12)
Full
-
-
3.1
V
Change in Magnitude of Driver
Common-Mode VOUT for
Complementary Output States
ΔV
OC
R = 27
Ω or 50Ω (Figure 1) (Note 12)
Full
-
0.01
0.2
V
Driver Short-Circuit Current,
VOUT = High or Low
IOS
-7V
≤ (V
Y or VZ) ≤ 12V (Note 10)
Full
35
-
250
mA
Driver Three-State Output Leakage
Current (Y, Z)
IOZ
Outputs Disabled,
VCC = 0V or 5.5V
VOUT = 12V
Full
-
-
150
µA
VOUT = -7V
Full
-150
-
-
µA
DC CHARACTERISTICS - RS-232 DRIVER (485/232 = 0V)
Driver Output Voltage Swing
VO
All TOUTS Loaded with 3kΩ to Ground
Full
±5.0
+6/-7
-
V
Driver Output Short-Circuit Current
IOS
VOUT = 0V
Full
-60
25/-35
60
mA
DC CHARACTERISTICS - LOGIC PINS (i.e., DRIVER AND CONTROL INPUT PINS)
Input High Voltage
VIH1
VL = VCC if QFN
Full
2
1.6
-
V
VIH2
VL = 3.3V (QFN Only)
Full
2
1.2
-
V
VIH3
VL = 2.5V (QFN Only)
Full
1.5
1
-
V
ISL81387, ISL41387


同様の部品番号 - ISL41387IRZ-T

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL41387IRZ INTERSIL-ISL41387IRZ Datasheet
1Mb / 27P
   ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014
logo
Renesas Technology Corp
ISL41387IRZ RENESAS-ISL41387IRZ Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
More results

同様の説明 - ISL41387IRZ-T

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL81387 RENESAS-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Renesas Technology Corp
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
ISL81334 INTERSIL-ISL81334_07 Datasheet
1,006Kb / 28P
   짹15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL81387IAZ INTERSIL-ISL81387IAZ Datasheet
1Mb / 27P
   ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014
logo
Renesas Technology Corp
ISL33334E RENESAS-ISL33334E Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL3332 RENESAS-ISL3332 Datasheet
1Mb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com