データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL41387IRZ-T データシート(PDF) 2 Page - Intersil Corporation

部品番号 ISL41387IRZ-T
部品情報  짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL41387IRZ-T データシート(HTML) 2 Page - Intersil Corporation

  ISL41387IRZ-T Datasheet HTML 1Page - Intersil Corporation ISL41387IRZ-T Datasheet HTML 2Page - Intersil Corporation ISL41387IRZ-T Datasheet HTML 3Page - Intersil Corporation ISL41387IRZ-T Datasheet HTML 4Page - Intersil Corporation ISL41387IRZ-T Datasheet HTML 5Page - Intersil Corporation ISL41387IRZ-T Datasheet HTML 6Page - Intersil Corporation ISL41387IRZ-T Datasheet HTML 7Page - Intersil Corporation ISL41387IRZ-T Datasheet HTML 8Page - Intersil Corporation ISL41387IRZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
2
FN6201.3
November 21, 2007
Pinouts
ISL81387
(20 LD SOIC, SSOP)
TOP VIEW
ISL41387
(40 LD QFN)
TOP VIEW
Ordering Information
PART NUMBER (Note)
PART MARKING
TEMP. RANGE (°C)
PACKAGE (Pb-Free)
PKG. DWG. #
ISL81387IAZ
81387 IAZ
-40 to +85
20 Ld SSOP
M20.209
ISL81387IAZ-T*
81387 IAZ
-40 to +85
20 Ld SSOP (Tape and Reel)
M20.209
ISL81387IBZ
ISL81387IBZ
-40 to +85
20 Ld SOIC
M20.3
ISL81387IBZ-T*
ISL81387IBZ
-40 to +85
20 Ld SOIC (Tape and Reel)
M20.3
ISL41387IRZ
41387 IRZ
-40 to +85
40 Ld QFN
L40.6x6
ISL41387IRZ-T*
41387 IRZ
-40 to +85
40 Ld QFN (Tape and Reel)
L40.6x6
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100%
matte tin plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J
STD-020.
C1+
C1-
V+
A
B
Y
Z
485/232
DEN
C2+
VCC
RA
RB
DY
ON
V-
C2-
DZ/SLEW
RXEN
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
GND
1
40
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
39
38
37
36
35
34
33
32
31
11
12
13
14
15
16
17
18
19
20
RA
RB
DY
DZ/SLEW
NC
NC
NC
NC
NC
ON
V+
A
B
Y
Z
NC
NC
NC
NC
NC
ISL81387, ISL41387


同様の部品番号 - ISL41387IRZ-T

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL41387IRZ INTERSIL-ISL41387IRZ Datasheet
1Mb / 27P
   ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014
logo
Renesas Technology Corp
ISL41387IRZ RENESAS-ISL41387IRZ Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
More results

同様の説明 - ISL41387IRZ-T

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL81387 RENESAS-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Renesas Technology Corp
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL3330 RENESAS-ISL3330 Datasheet
1Mb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL3330 INTERSIL-ISL3330 Datasheet
950Kb / 25P
   3.3V, 짹15kV ESD Protected, Dual Protocol RS-232/RS-485 Transceivers
ISL81334 INTERSIL-ISL81334_07 Datasheet
1,006Kb / 28P
   짹15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL81387IAZ INTERSIL-ISL81387IAZ Datasheet
1Mb / 27P
   ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
June 9, 2014
logo
Renesas Technology Corp
ISL33334E RENESAS-ISL33334E Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL3332 RENESAS-ISL3332 Datasheet
1Mb / 26P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com