データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL59532IKEZ データシート(PDF) 1 Page - Intersil Corporation

部品番号 ISL59532IKEZ
部品情報  32x32 Video Crosspoint
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59532IKEZ データシート(HTML) 1 Page - Intersil Corporation

  ISL59532IKEZ Datasheet HTML 1Page - Intersil Corporation ISL59532IKEZ Datasheet HTML 2Page - Intersil Corporation ISL59532IKEZ Datasheet HTML 3Page - Intersil Corporation ISL59532IKEZ Datasheet HTML 4Page - Intersil Corporation ISL59532IKEZ Datasheet HTML 5Page - Intersil Corporation ISL59532IKEZ Datasheet HTML 6Page - Intersil Corporation ISL59532IKEZ Datasheet HTML 7Page - Intersil Corporation ISL59532IKEZ Datasheet HTML 8Page - Intersil Corporation ISL59532IKEZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
®
32x32 Video Crosspoint
The ISL59532 is a 300MHz 32x32 Video Crosspoint Switch.
Each input has an integrated DC-restore clamp and an input
buffer. Each output has a fast On-Screen Display (OSD)
switch (for inserting graphics or other video) and an output
buffer. The switch is non-blocking, so any combination of
inputs to outputs can be chosen, including one channel
driving multiple outputs. The Broadcast Mode directs one
input to all 32 outputs. The output buffers can be individually
controlled through the SPI interface, the gain can be
programmed to x1 or x2, and each output can be placed into
a high impedance mode.
The ISL59532 offers a typical -3dB signal bandwidth of
300MHz. Differential gain of 0.025% and differential phase of
0.05°, along with 0.1dB flatness out to 50MHz, make the
ISL59532 suitable for many video applications.
The switch matrix configuration and output buffer gain are
programmed through an SPI/QSPI™-compatible three-wire
serial interface. The ISL59532 interface is designed to
facilitate both fast updates and initialization. On power-up, all
outputs are high impedance to avoid output conflicts.
The ISL59532 is available in a 356 ball BGA package and
specified over an extended -40°C to +85°C temperature range.
The single-supply ISL59532 can accommodate input signals
from 0V to 3.5V and output voltages from 0V to 3.8V. Each
input includes a clamp circuit that restores the input level to
an externally applied reference in AC-coupled applications.
The ISL59533 is a fully differential input version of this device.
Features
• 32x32 non-blocking switch with buffered inputs and
outputs
• 300MHz typical bandwidth
• 0.025%/0.05° dG/dP
• Output gain switchable x1 or x2 for each channel
• Individual outputs can be put in a high impedance state
• -90dB Isolation at 6MHz
• SPI digital interface
• Single +5V supply operation
• Pb-free (RoHS compliant)
Applications
• Security camera switching
•RGB routing
• HDTV routing
Block Diagram
Ordering Information
PART NUMBER
TAPE &
REEL
PACKAGE
(Pb-Free)
PKG. DWG. #
ISL59532IKEZ
-
356 Ld BGA
V356.27x27A
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets; molding compounds/die attach
materials and 100% matte tin plate PLUS ANNEAL - e3 termination
finish, which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
32x32
SWITCH
MATRIX
SPI INTERFACE AND
CONTROL REGISTERS
32 VIDEO
INPUTS
IN0 - IN31
VREF
OVERn
VOVERn
32 VIDEO
OUTPUTS
OUT0 – OUT31
AV
X1, X2
OUTPUT
ENABLE
VS
SDI
SLATCH
32 OVERLAY
VIDEO INPUTS
SCLK
SDO
CLAMP
ENABLE
VSDO
CLAMP
CLAMP
32 OVERLAY
CHANNEL
ENABLES
FN7432.6
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2006, 2007. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL59532
Data Sheet
August 29, 2007


同様の部品番号 - ISL59532IKEZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL59532IKEZ INTERSIL-ISL59532IKEZ Datasheet
1Mb / 24P
   32x32 Video Crosspoint
ISL59532IKEZ INTERSIL-ISL59532IKEZ Datasheet
1Mb / 24P
   32x32 Video Crosspoint
logo
Renesas Technology Corp
ISL59532IKEZ RENESAS-ISL59532IKEZ Datasheet
1Mb / 25P
   32x32 Video Crosspoint
More results

同様の説明 - ISL59532IKEZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL59532 INTERSIL-ISL59532 Datasheet
1Mb / 24P
   32x32 Video Crosspoint
ISL59532 INTERSIL-ISL59532_07 Datasheet
1Mb / 24P
   32x32 Video Crosspoint
logo
Renesas Technology Corp
ISL59532 RENESAS-ISL59532 Datasheet
1Mb / 25P
   32x32 Video Crosspoint
logo
Intersil Corporation
ISL59533 INTERSIL-ISL59533 Datasheet
1Mb / 24P
   32x32 Video Crosspoint with Differential Inputs
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
logo
TriQuint Semiconductor
TQ8032 TRIQUINT-TQ8032 Datasheet
177Kb / 8P
   800 Megabit/sec 32x32 Digital ECL Crosspoint Switch
logo
Intersil Corporation
ISL59530 INTERSIL-ISL59530 Datasheet
1Mb / 22P
   16x16 Video Crosspoint
logo
Analog Devices
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
   Video Crosspoint Switch
AD8176 AD-AD8176_15 Datasheet
877Kb / 40P
   Video Crosspoint Switch
REV. 0
AD8106 AD-AD8106_15 Datasheet
580Kb / 28P
   Video Crosspoint Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com