データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28158 データシート(PDF) 3 Page - Intersil Corporation

部品番号 ISL28158
部品情報  34關A Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28158 データシート(HTML) 3 Page - Intersil Corporation

  ISL28158 Datasheet HTML 1Page - Intersil Corporation ISL28158 Datasheet HTML 2Page - Intersil Corporation ISL28158 Datasheet HTML 3Page - Intersil Corporation ISL28158 Datasheet HTML 4Page - Intersil Corporation ISL28158 Datasheet HTML 5Page - Intersil Corporation ISL28158 Datasheet HTML 6Page - Intersil Corporation ISL28158 Datasheet HTML 7Page - Intersil Corporation ISL28158 Datasheet HTML 8Page - Intersil Corporation ISL28158 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
FN6377.2
February 11, 2008
IS,OFF
Quiescent Supply Current, Disabled
10
14
19
µA
IO+
Short-Circuit Output Source Current
RL = 10Ω to VCM
27
20
30
mA
IO-
Short-Circuit Output Sink Current
RL = 10Ω to VCM
22
15
25
mA
VSUPPLY
Supply Operating Range
V+ to V-
2.4
5.5
V
VENH
EN Pin High Level
2
V
VENL
EN Pin Low Level
0.8
V
IENH
EN Pin Input High Current
VEN = V+
11.5
1.6
µA
IENL
EN Pin Input Low Current
VEN = V-
12
25
30
nA
AC SPECIFICATONS
GBW
Gain Bandwidth Product
AV = 100, RF = 100kΩ, RG = 1kΩ,
RL = 10kΩ to VCM
200
kHz
Unity Gain
Bandwidth
-3dB Bandwidth
AV =1, RF = 0Ω, VOUT = 10mVP-P
420
kHz
eN
Input Noise Voltage Peak-to-Peak
f = 0.1Hz to 10Hz
1.4
µVP-P
Input Noise Voltage Density
fO = 1kHz
64
nV/
√Hz
iN
Input Noise Current Density
fO = 10kHz
0.19
pA/
√Hz
CMRR @ 60Hz
Input Common Mode Rejection Ratio
VCM = 1VP-P, RL = 10kΩ to VCM
-70
dB
PSRR+ @
120Hz
Power Supply Rejection Ratio (V+)V+, V- = ±1.2V and ±2.5V,
VSOURCE = 1VP-P, RL = 10kΩ to VCM
-64
dB
PSRR- @
120Hz
Power Supply Rejection Ratio (V-)V+, V- = ±1.2V and ±2.5V
VSOURCE = 1VP-P, RL = 10kΩ to VCM
-85
dB
TRANSIENT RESPONSE
SR
Slew Rate
0.1
V/µs
tr, tf, Large
Signal
Rise Time, 10% to 90% VOUT
AV = +2, VOUT = 1VP-P, Rg = Rf = 10kΩ
RL = 10kΩ to VCM
10
µs
Fall Time, 90% to 10% VOUT
AV = +2, VOUT = 1VP-P, Rg = Rf = 10kΩ
RL = 10kΩ to VCM
9µs
tr, tf, Small
Signal
Rise Time, 10% to 90% VOUT
AV = +2, VOUT = 10mVP-P,
Rg = Rf = RL = 10kΩ to VCM
650
ns
Fall Time, 90% to 10% VOUT
AV = +2, VOUT = 10mVP-P,
Rg = Rf = RL = 10kΩ to VCM
640
ns
tEN
Enable to Output Turn-on Delay Time, 10%
EN to 10% VOUT
VEN = 5V to 0V, AV = +2,
Rg = Rf = RL = 1k to VCM
15
µs
Enable to Output Turn-off Delay Time, 10%
EN to 10% VOUT
VEN = 0V to 5V, AV = +2,
Rg = Rf = RL = 1k to VCM
0.5
µs
NOTE:
1. Parts are 100% tested at +25°C. Temperature limits established by characterization and are not production tested.
Electrical Specifications
V+ = 5V, V- = 0V, VCM = 2.5V, RL = Open, TA = +25°C unless otherwise specified.
Boldface limits apply over the operating temperature range, -40°C to +125°C. Temperature data
established by characterization. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 1)
TYP
MAX
(Note 1)
UNIT
ISL28158, ISL28258


同様の部品番号 - ISL28158

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28158 INTERSIL-ISL28158 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28158 INTERSIL-ISL28158 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL28158 RENESAS-ISL28158 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28158EVAL1Z RENESAS-ISL28158EVAL1Z Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Intersil Corporation
ISL28158FBZ INTERSIL-ISL28158FBZ Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
More results

同様の説明 - ISL28158

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28168 INTERSIL-ISL28168 Datasheet
851Kb / 16P
   34關A Micro-power Single and Dual Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28158 INTERSIL-ISL28158_08 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158 RENESAS-ISL28158 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Intersil Corporation
ISL28156 INTERSIL-ISL28156_08 Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28166_0808 INTERSIL-ISL28166_0808 Datasheet
836Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28166 INTERSIL-ISL28166_08 Datasheet
824Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156 Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28138 INTERSIL-ISL28138 Datasheet
861Kb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
logo
Renesas Technology Corp
ISL28138 RENESAS-ISL28138 Datasheet
1Mb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
February 19, 2008
logo
Intersil Corporation
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com