データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28158FHZ-T7 データシート(PDF) 7 Page - Intersil Corporation

部品番号 ISL28158FHZ-T7
部品情報  34關A Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28158FHZ-T7 データシート(HTML) 7 Page - Intersil Corporation

Back Button ISL28158FHZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL28158FHZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL28158FHZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28158FHZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28158FHZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28158FHZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28158FHZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL28158FHZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL28158FHZ-T7 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
FN6377.2
February 11, 2008
FIGURE 18. INPUT OFFSET VOLTAGE vs COMMON MODE
INPUT VOLTAGE
FIGURE 19. INPUT BIAS CURRENT vs COMMON MODE
INPUT VOLTAGE
FIGURE 20. SUPPLY CURRENT ENABLED vs
TEMPERATURE, V+, V- = ±2.5V
FIGURE 21. SUPPLY CURRENT DISABLED vs
TEMPERATURE, V+, V- = ±2.5V
FIGURE 22. VOS (SOIC PKG) vs TEMPERATURE, VIN = 0V,
V+, V- = ±2.75V
FIGURE 23. VOS (SOT PKG) vs TEMPERATURE, VIN = 0V,
V+, V- = ±2.75V
Typical Performance Curves V+ = 5V, V- = 0V, VCM = 2.5V, RL = Open. (Continued)
-500
-400
-300
-200
-100
0
100
200
300
400
500
012
34
56
VCM (V)
100
-1
V+ = 5V
RL = OPEN
AV = +1000
Rf = 100k, Rg = 100
-100
-80
-60
-40
-20
0
20
40
60
80
100
-1
012
34
56
VCM (V)
V+ = 5V
RL = OPEN
AV = +1000
Rf = 100k, Rg = 100
20
25
30
35
40
45
50
-40
-20
0
20406080
100
120
TEMPERATURE (°C)
MAX
MEDIAN
MIN
N = 1000
5
6
7
8
9
10
11
12
13
14
-40
-20
0
2040
6080
100
120
TEMPERATURE (°C)
MAX
MEDIAN
MIN
N = 1000
-700
-500
-300
-100
100
300
500
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MAX
MEDIAN
MIN
N = 1000
-1000
-800
-600
-400
-200
0
200
400
600
800
-40
-20
0
20406080
100
120
TEMPERATURE (°C)
MAX
MEDIAN
MIN
N = 1000
ISL28158, ISL28258


同様の部品番号 - ISL28158FHZ-T7

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28158FHZ-T7 INTERSIL-ISL28158FHZ-T7 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158FHZ-T7 RENESAS-ISL28158FHZ-T7 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Intersil Corporation
ISL28158FHZ-T7A INTERSIL-ISL28158FHZ-T7A Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158FHZ-T7A RENESAS-ISL28158FHZ-T7A Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
More results

同様の説明 - ISL28158FHZ-T7

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28168 INTERSIL-ISL28168 Datasheet
851Kb / 16P
   34關A Micro-power Single and Dual Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28158 INTERSIL-ISL28158_08 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158 RENESAS-ISL28158 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Intersil Corporation
ISL28156 INTERSIL-ISL28156_08 Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28166_0808 INTERSIL-ISL28166_0808 Datasheet
836Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28166 INTERSIL-ISL28166_08 Datasheet
824Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156 Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28138 INTERSIL-ISL28138 Datasheet
861Kb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
logo
Renesas Technology Corp
ISL28138 RENESAS-ISL28138 Datasheet
1Mb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
February 19, 2008
logo
Intersil Corporation
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com