データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL3295EIHZ-T データシート(PDF) 10 Page - Intersil Corporation

部品番号 ISL3295EIHZ-T
部品情報  짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3295EIHZ-T データシート(HTML) 10 Page - Intersil Corporation

Back Button ISL3295EIHZ-T Datasheet HTML 6Page - Intersil Corporation ISL3295EIHZ-T Datasheet HTML 7Page - Intersil Corporation ISL3295EIHZ-T Datasheet HTML 8Page - Intersil Corporation ISL3295EIHZ-T Datasheet HTML 9Page - Intersil Corporation ISL3295EIHZ-T Datasheet HTML 10Page - Intersil Corporation ISL3295EIHZ-T Datasheet HTML 11Page - Intersil Corporation ISL3295EIHZ-T Datasheet HTML 12Page - Intersil Corporation ISL3295EIHZ-T Datasheet HTML 13Page - Intersil Corporation ISL3295EIHZ-T Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
FN6544.0
September 19, 2007
Application Information
RS-485 and RS-422 are differential (balanced) data
transmission standards for use in long haul or noisy
environments. RS-422 is a subset of RS-485, so RS-485
transmitters and receivers are also RS-422 compliant.
RS-422 is a point-to-multipoint (multidrop) standard, which
allows only one driver and up to 10 (assuming one unit load
devices) receivers on each bus. RS-485 is a true multipoint
standard, which allows up to 32 one unit load devices (any
combination of drivers and receivers) on each bus. To allow
for multipoint operation, the RS-485 specification requires
that drivers must handle bus contention without sustaining
any damage.
Another important advantage of RS-485 is the extended
common mode range (CMR), which specifies that the driver
outputs and receiver inputs withstand signals that range from
+12V to -7V. RS-422 and RS-485 are intended for runs as
long as 4000’, so the wide CMR is necessary to handle
ground potential differences, as well as voltages induced in
the cable by external fields.
Driver Features
These RS-485/RS-422 drivers are differential output devices
that delivers at least 1.5V across a 54
Ω load (RS-485), and
at least 2V across a 100
Ω load (RS-422). The drivers feature
low propagation delay skew to maximize bit width, and to
minimize EMI.
All drivers are tri-statable via the active high DE input. If the
Tx enable function isn’t needed, tie DE to VCC (or VL)
through a 1k
Ω to 3kΩ resistor.
The 250kbps and 500kbps driver outputs are slew rate
limited to minimize EMI, and to reduce reflections in
unterminated or improperly terminated networks. Outputs of
the ISL3295E and ISL3298E drivers are not limited, so faster
output transition times allow data rates of at least 20Mbps.
Wide Supply Range
The ISL3293E through ISL3298E are optimized for 3.3V
operation, but can be operated with supply voltages as high
as 5.5V. These devices meet the RS-422 and RS-485
specifications for supply voltages less than 4V, and are
RS-422 and RS-485 compatible for supplies greater than
4V. Operation at +125°C requires VCC ≤ 3.6V, while 5V
operation requires adding output current limiting resistors
(as described in the “Driver Overload Protection” on
page 11) if output short circuits (e.g., from bus contention)
are a possibility.
5.5V Tolerant Logic Pins
Logic input pins (DI, DE) contain no ESD nor parasitic
diodes to VCC (nor to VL), so they withstand input voltages
exceeding 5.5V regardless of the VCC and VL voltages.
Logic Supply (VL Pin, ISL3296E through ISL3298E)
Note: Power-up VCC before powering up the VL supply.
The ISL3296E through ISL3298E include a VL pin that
powers the logic inputs (DI and DE). These pins interface
with “logic” devices such as UARTs, ASICs, and µcontrollers,
and today most of these devices use power supplies
significantly lower than 3.3V. Thus, the logic device’s low
VOH might not exceed the VIH of a 3.3V or 5V powered DI or
DE input. Connecting the VL pin to the power supply of the
logic device (as shown in Figure 5) reduces the DI and DE
input switching points to values compatible with the logic
device’s output levels. Tailoring the logic pin input switching
points and output levels to the supply voltage of the UART,
ASIC, or µcontroller eliminates the need for a level
shifter/translator between the two ICs.
VL can be anywhere from VCC down to 1.35V, but the input
switching points may not provide enough noise margin, and
20Mbps data rates may not be achievable, when VL <1.5V.
Table 2 indicates typical VIH and VIL values for various VL
settings so the user can ascertain whether or not a particular
VL voltage meets his needs.
FIGURE 5. USING VL PIN TO ADJUST LOGIC LEVELS
GND
TXD
DEN
VCC = +2V
UART/PROCESSOR
GND
DI
DE
VCC = +3.3V
ISL3293E
VOH ≤ 2V
VIH ≥ 2V
GND
TXD
DEN
VCC = +2V
UART/PROCESSOR
GND
DI
DE
VCC = +3.3V
ISL3296E
VOH ≤ 2V
VIH = 1.4V
VIH = 1.4V
VL
VOH ≤ 2V
VIH ≥ 2V
VOH ≤ 2V
ISL3293E, ISL3294E, ISL3295E, ISL3296E, ISL3297E, ISL3298E


同様の部品番号 - ISL3295EIHZ-T

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL3295EIHZ-T RENESAS-ISL3295EIHZ-T Datasheet
986Kb / 17P
   High node count systems
More results

同様の説明 - ISL3295EIHZ-T

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Integrated Device Techn...
ISL3283EFHZ-T IDT-ISL3283EFHZ-T Datasheet
605Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Intersil Corporation
ISL32613E INTERSIL-ISL32613E Datasheet
546Kb / 11P
   짹16.5kV ESD Protected, 125째C, 1.8V to 3.6V, Low Power, SOT-23, RS-485/RS-422 Transmitters
ISL32172E INTERSIL-ISL32172E Datasheet
1Mb / 20P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
ISL3298EMRTEP RENESAS-ISL3298EMRTEP Datasheet
379Kb / 11P
   16kV ESD Protected, 125°C, 3.0V to 5.5V, TDFN Packaged, Low Power RS-485/RS-422 Transmitter
Oct 24, 2019
logo
Intersil Corporation
SOT-23 INTERSIL-SOT-23 Datasheet
629Kb / 16P
   ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
July 27, 2015
logo
Renesas Technology Corp
ISL32172E RENESAS-ISL32172E Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com