データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC818-16 データシート(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

部品番号 BC818-16
部品情報  NPN General Purpose Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BILIN [Galaxy Semi-Conductor Holdings Limited]
ホームページ  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BC818-16 データシート(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  BC818-16 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BC818-16 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BC818-16 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited BC818-16 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BL Galaxy Electrical
Production specification
NPN General Purpose Amplifier
BC818
Document number: BL/SSSTC102
www.galaxycn.com
Rev.A
1
FEATURES
Pb
Lead-free
For general AF application.
Complementary PNP type available
BC808.
High collector current, high current gain.
Low collector-emitter saturation voltage.
APPLICATIONS
General purpose medium power amplifier.
SOT-23
ORDERING INFORMATION
Type No.
Marking
Package Code
BC818-16
6E
SOT-23
BC818-25
6F
SOT-23
BC818-40
6G
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
30
V
VCEO
Collector-Emitter Voltage
25
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
500
mA
PC
Collector Dissipation
330
mW
Tj,Tstg
Junction and Storage Temperature
-65to+150


同様の部品番号 - BC818-16

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BC818-16 SIEMENS-BC818-16 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
GUANGDONG HOTTECH INDUS...
BC818-16 HOTTECH-BC818-16 Datasheet
186Kb / 2P
   Plastic-Encapsulate Transistors
logo
Infineon Technologies A...
BC818-16 INFINEON-BC818-16 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Galaxy Semi-Conductor H...
BC818-16 BILIN-BC818-16 Datasheet
161Kb / 4P
   NPN General Purpose Amplifier
logo
Diotec Semiconductor
BC818-16 DIOTEC-BC818-16 Datasheet
188Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results

同様の説明 - BC818-16

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com