データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

5-1393272-3 データシート(PDF) 6 Page - Tyco Electronics

部品番号 5-1393272-3
部品情報  PCB relays Single relays Mini power relay K (open and sealed)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

5-1393272-3 データシート(HTML) 6 Page - Tyco Electronics

  5-1393272-3 Datasheet HTML 1Page - Tyco Electronics 5-1393272-3 Datasheet HTML 2Page - Tyco Electronics 5-1393272-3 Datasheet HTML 3Page - Tyco Electronics 5-1393272-3 Datasheet HTML 4Page - Tyco Electronics 5-1393272-3 Datasheet HTML 5Page - Tyco Electronics 5-1393272-3 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PCB relays
Single relays
Mini power relay K (open and sealed)
Please observe the disclaimer.
105
Catalog 1308028
Issued 01-05
Ordering information
Coil versions
Standard delivery packs (orders in multiples of delivery pack)
Mini K open:
600 pieces
Mini K sealed:
504 pieces
Coil
Rated coil
Coil resistance
Must
Must
Allowable overdrive 1)
data for
voltage
+/- 10%
operate voltage
release voltage
voltage (V)
Mini K
(V)
(
Ω)
(V)
(V)
at 23 °C
at 85 °C
Open and sealed V23072-**061-****
12
130
6.9
1.2
19.2
14.9
V23072-**062-****
24
520
14.1
2.4
38.4
29.8
1)
Allowable overdrive is stated with no load applied and minimum coil resistance.
Part numbers
(see table below for coil data)
Contact
Contact
Enclosure
Terminals
Relay part number
Tyco order number
arrangement
material
V23072-A1061-A303
3-1393272-2
Form C
AgNi0.15
Open
Printed circuit
V23072-A1062-A303
5-1393272-2
Form C
AgNi0.15
Open
Printed circuit
V23072-A1061-A308
3-1393272-6
Form U, X
AgNi0.15
Open
Printed circuit
V23072-A1062-A308
5-1393272-3
Form U, X
AgNi0.15
Open
Printed circuit
V23072-C1061-A302
4-1393273-9
Form A
AgNi0.15
Sealed
Printed circuit
V23072-C1062-A302
7-1393273-6
Form A
AgNi0.15
Sealed
Printed circuit
V23072-C1061-A303
5-1393273-0
Form C
AgNi0.15
Sealed
Printed circuit
V23072-C1062-A303
7-1393273-8
Form C
AgNi0.15
Sealed
Printed circuit
V23072-C1061-A308
6-1393273-0
Form U, X
AgNi0.15
Sealed
Printed circuit
V23072-C1062-A308
8-1393273-2
Form U, X
AgNi0.15
Sealed
Printed circuit
V23072-C1061-A402
2-1416001-0
Form A
AgSnO2
Sealed
Printed circuit
V23072-C1061-A408
1-1416001-4
Form U, X
AgSnO2
Sealed
Printed circuit


同様の部品番号 - 5-1393272-3

メーカー部品番号データシート部品情報
logo
Tyco Electronics
5-1393277-1 MACOM-5-1393277-1 Datasheet
349Kb / 6P
   Limiting continuous current 32 A at 85째C
5-1393277-1 MACOM-5-1393277-1 Datasheet
228Kb / 6P
   PCB Relays Single Relays
Revised 6-2009
5-1393277-5 MACOM-5-1393277-5 Datasheet
349Kb / 6P
   Limiting continuous current 32 A at 85째C
5-1393277-5 MACOM-5-1393277-5 Datasheet
228Kb / 6P
   PCB Relays Single Relays
Revised 6-2009
More results

同様の説明 - 5-1393272-3

メーカー部品番号データシート部品情報
logo
Tyco Electronics
V23201 MACOM-V23201 Datasheet
420Kb / 5P
   Power Relay PK2 (THT ??THR) Single Relays PCB Relays
VKP-15H42 MACOM-VKP-15H42 Datasheet
228Kb / 6P
   PCB Relays Single Relays
Revised 6-2009
T72M MACOM-T72M Datasheet
132Kb / 5P
   PCB Relays / Single Relays
1393278-7 MACOM-1393278-7 Datasheet
653Kb / 4P
   Power Relay K (Open ??Sealed)
V23134 MACOM-V23134_12 Datasheet
738Kb / 4P
   Power Relay F4 Plug-in Mini ISO Relays Automotive Relays
V23234 MACOM-V23234 Datasheet
876Kb / 4P
   Power Relay B Plug-in Mini ISO Relays Automotive Relays
V23134 MACOM-V23134 Datasheet
474Kb / 6P
   Power Relay F4 / VF4 Plug-In Relays Mini ISO relays
logo
List of Unclassifed Man...
CMA3 ETC-CMA3 Datasheet
52Kb / 3P
   Kinds of single relays, power relays, Autimotive relays lays. Pc-board relays, plug-in relays, PCB relays, miniature relays
HRM-SDC5V ETC2-HRM-SDC5V Datasheet
283Kb / 5P
   PCB Power Relays
logo
Omron Electronics LLC
G9KA OMRON-G9KA Datasheet
225Kb / 5P
   PCB Power Relays
0722/0221
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com