データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCW66G データシート(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

部品番号 BCW66G
部品情報  NPN General Purpose Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BILIN [Galaxy Semi-Conductor Holdings Limited]
ホームページ  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BCW66G データシート(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  BCW66G Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BCW66G Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BCW66G Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited BCW66G Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BL Galaxy Electrical
Production specification
NPN General Purpose Amplifier
BCW65/66
Document number: BL/SSSTC106
www.galaxycn.com
Rev.A
1
FEATURES
Pb
Lead-free
For general AF appilications.
High current gain.
Low collector-emitter saturation voltage.
Complementary types:BCW67,BCW68(PNP)
APPLICATIONS
General purpose medium power amplifier.
Switching appilication.
SOT-23
ORDERING INFORMATION
Type No.
Marking
Package Code
BCW65A/B/C
EA/EB/EC
SOT-23
BCW66F/G/H
EA/EB/EC
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
BCW65
BCW66
Unit
VCBO
Collector-Base Voltage
32
45
V
VCEO
Collector-Emitter Voltage
60
75
V
VEBO
Emitter-Base Voltage
5
5
V
IC
Collector Current -Continuous
800
mA
PC
Collector Dissipation
330
mW
Tj,Tstg
Junction and Storage Temperature
-65to+150


同様の部品番号 - BCW66G

メーカー部品番号データシート部品情報
logo
STMicroelectronics
BCW66G STMICROELECTRONICS-BCW66G Datasheet
39Kb / 4P
   SMALL SIGNAL NPN TRANSISTORS
logo
SeCoS Halbleitertechnol...
BCW66G SECOS-BCW66G Datasheet
61Kb / 2P
   NPN Plastic Encapsulated Transistor
logo
Zetex Semiconductors
BCW66G ZETEX-BCW66G Datasheet
39Kb / 2P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Continental Device Indi...
BCW66G CDIL-BCW66G Datasheet
86Kb / 3P
   GENERAL PURPOSE TRANSISTOR
logo
Siemens Semiconductor G...
BCW66G SIEMENS-BCW66G Datasheet
134Kb / 6P
   NPN Silicon AF Transistors (For general AF applications High current gain)
More results

同様の説明 - BCW66G

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com