データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL59530_0708 データシート(PDF) 7 Page - Intersil Corporation

部品番号 ISL59530_0708
部品情報  16x16 Video Crosspoint
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59530_0708 データシート(HTML) 7 Page - Intersil Corporation

Back Button ISL59530_0708 Datasheet HTML 3Page - Intersil Corporation ISL59530_0708 Datasheet HTML 4Page - Intersil Corporation ISL59530_0708 Datasheet HTML 5Page - Intersil Corporation ISL59530_0708 Datasheet HTML 6Page - Intersil Corporation ISL59530_0708 Datasheet HTML 7Page - Intersil Corporation ISL59530_0708 Datasheet HTML 8Page - Intersil Corporation ISL59530_0708 Datasheet HTML 9Page - Intersil Corporation ISL59530_0708 Datasheet HTML 10Page - Intersil Corporation ISL59530_0708 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
FN6220.6
August 29, 2007
69
G3
SDO
Serial data output. Can be tied to SDI of another ISL59530 to enable
daisy-chaining of multiple devices.
2
H3
RESET
Reset input. Pull high then low to reset device, but not needed in
normal operation. Tie to ground in final application.
65
D3
VSDO
Power supply for SDO pin. Tie to +5V for a 0V to 5V SDO output
signal swing.
3, 6, 10, 14, 17, 24, 25,
28, 32, 40, 43, 46, 50,
53, 58, 61, 62, 67, 68
D4, E4, F4, G4, H4, J4,
K4, L4, M4, N4, P4, R4,
T4, U4, D5, D6, D7, D8,
D9, D10, D11, D12, D13,
D14, D15, D16, D17, U5,
U6, U7, U8, U9, U10,
U11, U12, U13, U14,
U15, U16, U17, E17, F17,
G17, H17, J17, K17, L17,
M17, N17, P17, R17, T17
VS
+5V power supply
1, 20, 23, 31, 35, 36, 37,
38, 39, 47, 54, 55, 66, 71
F6-R6, F7-R7, F8-R8,
F9-R9, F10-R10,
F11-R11, F12-R12,
F13-R13, F14-R14,
F15-R15
GND
Ground
V5, V6, V9
NC
No Connect - Do not electrically connect to anything, including
ground.
Pin Descriptions (Continued)
72 LD QFN
356 LD BGA
NAME
DESCRIPTION
ISL59530


同様の部品番号 - ISL59530_0708

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL59530 INTERSIL-ISL59530_07 Datasheet
1Mb / 22P
   16x16 Video Crosspoint
More results

同様の説明 - ISL59530_0708

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL59530 RENESAS-ISL59530 Datasheet
1Mb / 26P
   16x16 Video Crosspoint
logo
Intersil Corporation
ISL59530 INTERSIL-ISL59530 Datasheet
1Mb / 22P
   16x16 Video Crosspoint
ISL59530 INTERSIL-ISL59530_11 Datasheet
2Mb / 26P
   16x16 Video Crosspoint
ISL59530 INTERSIL-ISL59530_07 Datasheet
1Mb / 22P
   16x16 Video Crosspoint
logo
Analog Devices
AD8116 AD-AD8116_16 Datasheet
210Kb / 16P
   16x16 Buffered Video Crosspoint Switch
logo
Intersil Corporation
ISL59531 INTERSIL-ISL59531 Datasheet
1Mb / 21P
   16x16 Video Crosspoint with Differential Inputs
logo
Analog Devices
AD8114 AD-AD8114_16 Datasheet
403Kb / 25P
   16x16 Crosspoint Switches
logo
Maxim Integrated Produc...
MAX4355 MAXIM-MAX4355 Datasheet
730Kb / 40P
   16x16 Nonblocking Video Crosspoint Switch with I/O Buffers
Rev 0; 10/01
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
logo
Vitesse Semiconductor C...
VSC880 VITESSE-VSC880 Datasheet
381Kb / 28P
   High Performance 16x16 Serial Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com