データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL59530IKZ データシート(PDF) 4 Page - Intersil Corporation

部品番号 ISL59530IKZ
部品情報  16x16 Video Crosspoint
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59530IKZ データシート(HTML) 4 Page - Intersil Corporation

  ISL59530IKZ Datasheet HTML 1Page - Intersil Corporation ISL59530IKZ Datasheet HTML 2Page - Intersil Corporation ISL59530IKZ Datasheet HTML 3Page - Intersil Corporation ISL59530IKZ Datasheet HTML 4Page - Intersil Corporation ISL59530IKZ Datasheet HTML 5Page - Intersil Corporation ISL59530IKZ Datasheet HTML 6Page - Intersil Corporation ISL59530IKZ Datasheet HTML 7Page - Intersil Corporation ISL59530IKZ Datasheet HTML 8Page - Intersil Corporation ISL59530IKZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
FN6220.6
August 29, 2007
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage between VS and GND. . . . . . . . . . . . . . . . . . . . 6.0V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 40mA
Maximum power supply (VS) slew rate . . . . . . . . . . . . . . . . . . 1V/µs
Operating Conditions
ESD Classification
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1500V
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100V
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
DC Electrical Specifications
VS = 5V, RL = 150Ω unless otherwise noted.
PARAMETER
DESCRIPTION
CONDITION
MIN
(Note 1)
TYP
MAX
(Note 1)
UNIT
VS
Power Supply Voltage
4.5
5.5
V
VSDO
Power Supply for SDO output pin
Establishes serial data output high level
1.2
5.5
V
AV
Gain
AV = 1
0.98
1
1.02
V/V
AV = 2
1.96
2
2.04
V/V
GM
Gain Matching (to average of all other
outputs)
AV = 1
-1.5
+1.5
%
AV = 2
-1.5
+1.5
%
VIN
Video Input Voltage Range
AV = 1
0
3.5
V
VOUT
Video Output Voltage Range
AV = 2
0.1
3.8
V
IB
Input Bias Current
Clamp function disabled (DC coupled inputs)
-10
-5
1
µA
Clamp function enabled, VIN = VREF + 0.5V
0.5
2
10
µA
IREF
VREF Input Current
Clamp function enabled
-110
µA
VOS
Output Offset Voltage
AV = 1
-20
8
35
mV
AV = 2
-70
-10
40
mV
IOUT
Output Current
Sourcing, RL = 10Ω to GND
60
108
mA
Sinking, RL = 10Ω to 2.5V
24
31
mA
PSRR
Power Supply Rejection Ratio
AV = 1 and AV = 2
50
70
dB
IS
Supply Current
Enabled, all outputs enabled, no load current
275
320
360
mA
Enabled, all outputs disabled, no load current
135
165
195
mA
Disabled
1.2
1.8
2.4
mA
AC Electrical Specifications
VS = 5V, RL = 150Ω unless otherwise noted.
PARAMETER
DESCRIPTION
CONDITION
MIN
(Note 1)
TYP
MAX
(Note 1)
UNIT
BW -3dB
3dB Bandwidth
VOUT = 200mVP-P, AV = 2
300
MHz
BW 0.1dB
0.1dB Bandwidth
VOUT = 200mVP-P, AV = 2
50
MHz
SR
Slew Rate
VOUT = 2VP-P, AV = 2
300
520
740
V/µs
tS
Settling Time to 0.1%
VOUT = 2VP-P, AV = 2
12
ns
Glitch
Switching Glitch, Peak
AV = 1
40
mV
tover
Overlay Delay Time
From OVER rising edge to output transition
6
ns
dG
Diff Gain
AV = 2, RL = 150Ω
0.025
%
dP
Diff Phase
AV = 2, RL = 150Ω
0.05
°
XTADJACENT
Adjacent Channel Crosstalk
6MHz, AV = 1
-90
dB
XTHOSTILE
Hostile Crosstalk
6MHz, AV = 1
-72
dB
VN
Input Referred Noise Voltage
18
nV/
√Hz
NOTE:
1. All Min/Max parameters are guaranteed by 100% production testing at TA = +25°C. Typical values are for information purposes only.
ISL59530


同様の部品番号 - ISL59530IKZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL59530IKZ INTERSIL-ISL59530IKZ Datasheet
1Mb / 22P
   16x16 Video Crosspoint
ISL59530IKZ INTERSIL-ISL59530IKZ Datasheet
1Mb / 22P
   16x16 Video Crosspoint
ISL59530IKZ INTERSIL-ISL59530IKZ Datasheet
2Mb / 26P
   16x16 Video Crosspoint
logo
Renesas Technology Corp
ISL59530IKZ RENESAS-ISL59530IKZ Datasheet
1Mb / 26P
   16x16 Video Crosspoint
More results

同様の説明 - ISL59530IKZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL59530 RENESAS-ISL59530 Datasheet
1Mb / 26P
   16x16 Video Crosspoint
logo
Intersil Corporation
ISL59530 INTERSIL-ISL59530 Datasheet
1Mb / 22P
   16x16 Video Crosspoint
ISL59530 INTERSIL-ISL59530_11 Datasheet
2Mb / 26P
   16x16 Video Crosspoint
ISL59530 INTERSIL-ISL59530_07 Datasheet
1Mb / 22P
   16x16 Video Crosspoint
logo
Analog Devices
AD8116 AD-AD8116_16 Datasheet
210Kb / 16P
   16x16 Buffered Video Crosspoint Switch
logo
Intersil Corporation
ISL59531 INTERSIL-ISL59531 Datasheet
1Mb / 21P
   16x16 Video Crosspoint with Differential Inputs
logo
Analog Devices
AD8114 AD-AD8114_16 Datasheet
403Kb / 25P
   16x16 Crosspoint Switches
logo
Maxim Integrated Produc...
MAX4355 MAXIM-MAX4355 Datasheet
730Kb / 40P
   16x16 Nonblocking Video Crosspoint Switch with I/O Buffers
Rev 0; 10/01
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
logo
Vitesse Semiconductor C...
VSC880 VITESSE-VSC880 Datasheet
381Kb / 28P
   High Performance 16x16 Serial Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com